1 6 mbi75vw-060-50 igbt modules igbt module (v series) 600v / 75a / 6 in one package features compact package p.c.board mount low v ce (sat) applications inverter for motor drive ac and dc servo drive ampli?er uninterruptible power suppl y industrial machines, such as welding machines maximum ratings and characteristics absolute maximum ratings (at tc=25 c unless otherwise speci?ed) items symbols conditions maximum ratings units inverter collector-emitter voltage v ces 600 v gate-emitter voltage v ges 20 v collector current i c continuous tc=80 c 75 a i cp 1ms tc=80 c 150 -i c 75 -i c pulse 1ms 150 collector power dissipation p c 1 device 275 w junction temperature tj 175 c operating junciton temperature (under switching conditions) tjop 150 case temperature tc 125 storage temperature tstg -40 to +125 isolation voltage between terminal and copper base (*1) between thermistor and others (*2) v iso ac : 1min. 2500 vac screw torque mounting (*3) - m5 3.5 n m note *1: all terminals should be connected together during the test. note *2: two thermistor terminals should be connected together, other terminals should be connected together and shorted to base plate during the test. note *3: recommendable value : 2.5-3.5 nm (m5)
2 6 mbi75vw-060-50 2 igbt modules electrical characteristics (at tj= 25c unless otherwise speci?ed) items symbols conditions characteristics units min. typ. max. inverter zero gate voltage collector current i ces v ge = 0v , v ce = 600v - - 1.0 ma gate-emitter leakage current i ges v ge = 0v , v ge = 20v - - 200 na gate-emitter threshold voltage v ge (th) v ce = 20v , i c = 75 ma 6.2 6.7 7.2 v collector-emitter saturation voltage v ce (sat) (terminal) v ge = 15v i c = 75 a tj=25c - 2.00 2.45 v tj= 125c - 2.30 - tj= 150c - 2.50 - v ce (sat) (chip) v ge = 15v i c = 75 a tj= 25 c - 1.60 2.05 tj= 125 c - 1.90 - tj= 150c - 2.10 - input capacitance cies v ce = 10v, v ge = 0v, f = 1mhz - 4.9 - nf turn-on time ton v cc = 300v i c = 75 a v ge = +15 / -15v r g = 30 ? - 0.39 1.20 s tr - 0.09 0.60 tr (i) - 0.03 - turn-off time toff - 0.53 1.00 tf - 0.06 0.30 forward on voltage v f (terminal) i f = 75 a tj= 25c - 2.00 2.45 v tj= 125c - 1.90 - tj= 150c - 1.85 - v f (chip) i f = 75 a tj= 25 c - 1.60 2.05 tj= 125 c - 1.50 - tj= 150c - 1.47 - reverse recovery time trr i f = 20 - - 0.35 s thermistor resistance r t = 25 c - 5000 - ? t = 100 c 465 495 520 b value b t = 25 / 50 c 3305 3375 3450 k thermal resistance characteristics items symbols conditions characteristics units min. typ. max. thermal resistance (1device) rth(j-c) inverter igbt - - 0.50 c/w inverter fwd - - 0.95 contact thermal resistance (1device) (*4) rth(c-f) with thermal compound - 0.05 - note *4: this is the value which is de?ned mounting on the additional cooling ?n with thermal compound. equivalent circuit schematic [ t he r m i s t o r ] [ i n v e r t e r ]
3 3 igbt modules 6 mbi75vw-060-50 characteristics (representative) [ i n v e r t e r ] t j = 15 0 o c / c h i p c o ll e c t o r c u rr en t v s . c o ll e c t o r- e m itt e r v o lt age ( t y p . ) c o ll e c t o r- e m itt e r v o lt age : v c e [ v ] v g e =15 v / c h i p collector current : i c [a] c o ll e c t o r- e m itt e r v o lt age : v c e [ v ] c apa c it an c e v s . c o ll e c t o r- e m itt e r v o lt age ( t y p . ) capacitance: cies, coes, cres [nf] g a t e c ha r ge : q g [ n c ] v g e =0 v , f = 1 m h z , t j = 2 5 o c [ i n v e r t e r ] c o ll e c t o r c u rr en t v s . c o ll e c t o r- e m itt e r v o lt age ( t y p . ) t j = 2 5 o c / c h i p c o ll e c t o r- e m itt e r v o lt age : v c e [ v ] collector current: i c [a] [ i n v e r t e r ] c o ll e c t o r c u rr en t v s . c o ll e c t o r- e m itt e r v o lt age ( t y p . ) collector current: i c [a] collector - emitter voltage: v ce [v] g a t e - e m itt e r v o lt age : v g e [ v ] [ i n v e r t e r ] t j = 2 5 o c / c h i p c o ll e c t o r- e m itt e r v o lt age v s . g a t e - e m itt e r v o lt age ( t y p . ) c o ll e c t o r - e m itt e r v o lt age : v c e [ v ] [ i n v e r t e r ] d y na m i c ga t e c ha r ge ( t y p . ) v cc =300 v, i c =75 a, t j = 25 c collector - emitter voltage: v ce [200v/div] gate - emitter voltage: v ge [5v/div] [ i n v e r t e r ] 0 25 50 75 100 125 150 0 1 2 3 4 5 v g e = 20v 15v 12v 10v 8v 0 25 50 75 100 125 150 0 1 2 3 4 5 15v 12v 10v 8v v g e = 20v 0 25 50 75 100 125 150 0 1 2 3 4 5 125 c t j = 25 c 150 c 0 2 4 6 8 5 1 0 1 5 2 0 25 ic = 150a ic = 75a ic = 38a 0 . 1 1 . 0 10 . 0 100 . 0 0 1 0 2 0 3 0 40 c ies c oes c res 0 10 0 20 0 30 0 40 0 50 0 600 v g e v c e
4 6 mbi75vw-060-50 4 igbt modules g a t e r e s i s t an c e : r g [ ] [ i n v e r t e r ] r e v e r s e b i a s s a f e ope r a ti ng a r ea ( m a x . ) [ i n v e r t e r ] + v g e =15 v , - v g e <= 15 v , rg >= 30 , t j <= 125 c collector current: ic [a] c o ll e c t o r c u rr en t: i c [ a ] [ i n v e r t e r ] v cc =300 v, v g e = 15 v, r g=30 s w it c h i ng l o ss v s . c o ll e c t o r c u rr en t ( t y p . ) switching time : ton, tr, toff, tf [ nsec ] [ i n v e r t e r ] s w it c h i ng ti m e v s . ga t e r e s i s t an c e ( t y p . ) switching time : ton, tr, toff, tf [ nsec ] switching loss : eon, eoff, err [mj/pulse ] [ i n v e r t e r ] s w it c h i ng ti m e v s . c o ll e c t o r c u rr en t ( t y p . ) v cc =300 v, v g e = 15 v, r g=30 , t j = 125 c g a t e r e s i s t an c e : r g [ ] s w it c h i ng loss v s . ga t e r e s i s t an c e ( t y p . ) switching loss : eon, eoff, err [mj/pulse ] c o ll e c t o r- e m itt e r v o lt age : v c e [ v ] v cc =300 v, i c =75 a, v g e = 15 v v cc =300 v, i c =75 a, v g e = 15 v, t j = 125 c switching time : ton, tr, toff, tf [ nsec ] c o ll e c t o r c u rr en t: i c [ a ] [ i n v e r t e r ] v cc =300 v, v g e = 15 v, r g=30 , t j = 150 c s w it c h i ng ti m e v s . c o ll e c t o r c u rr en t ( t y p . ) c o ll e c t o r c u rr en t: i c [ a ] 0 50 100 150 200 0 10 0 20 0 30 0 40 0 50 0 60 0 70 0 800 rbs o a (re p e t iti v e pu l s e) 10 100 1000 10000 0 5 0 10 0 15 0 200 t o f f 10 100 1000 10000 0 5 0 10 0 15 0 200 t o f f 10 100 1000 10000 10 . 0 100 . 0 1000 . 0 t r t f t o f f t on 0 1 2 3 4 5 6 0 2 5 5 0 7 5 10 0 12 5 150 eon(125 c ) eon(150 c ) eo f f (125 c ) err(125 c ) err(150 c ) eo f f (150 c ) 0 5 10 15 20 1 0 10 0 1000 eon(125 c ) eon(150 eo f f (125 c ) err(125 c ) err(150 c ) eo f f (150 c ) t on t r t f t on t r t f
5 5 igbt modules 6 mbi75vw-060-50 forward current : if [a] reverse recovery current : irr [ a ] reverse recovery time : trr [ nsec ] [ t he r m i s t o r ] t e m pe r a t u r e c ha r a c t e r i s ti c ( t y p . ) t r an s i en t t he r m a l r e s i s t an c e ( m a x . ) [ i n v e r t e r ] [ i n v e r t e r ] r e v e r s e r e c o v e r y c ha r a c t e r i s ti cs ( t y p . ) f o r w a r d c u rr en t v s . f o r w a r d on v o lt age ( t y p.) v cc =600 v, v g e = 15 v, r g=38 f o r w a r d on v o lt age : v f [v] f o r w a r d current : i f [a] t e m pe r a t u r e [ c ] resistance : r [k] p u l s e w i d t h : p w [ s e c ] thermal resistanse : rth(j-c) [ c/w ] 0 . 01 0 . 10 1 . 00 10 . 00 0 . 00 1 0 . 01 0 0 . 10 0 1 . 000 f w d [ i n v e r t e r ] i g b t [ i n v e r t e r ] 0 . 1 1 1 0 10 0 - 6 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 10 0 12 0 14 0 16 0 18 0 0 25 50 75 100 125 150 0 1 2 3 4 5 t j = 125 c t j = 25 c 10 100 1000 0 5 0 10 0 15 0 200 t rr ( 150 c ) t j = 150 c i rr(125 c ) i rr(150 c ) t rr ( 125 c ) chip outline drawings, mm
6 6 mbi75vw-060-50 igbt modules warning 1. this catalog contains the product speci?cations, characteristics, data, materials, and structures as of october 2008. the contents are subject to change without notice for speci?cation changes or other reasons. when using a product listed in this catalog, be sure to obtain the latest speci?cations. 2. all applications described in this catalog exemplify the use of fuji's products for your reference only. no right or license, either express or implied, under any patent, copyright, trade secret or other intellectual property right owned by fuji electric device technology co., ltd. is (or shall be deemed) granted. fuji electric device technology co., ltd. makes no representation or warranty, whether express or implied, relating to the infringement or alleged infringement of other's intellectual property rights which may arise from the use of the applications described herein. 3. although fuji electric device technology co., ltd. is enhancing product quality and reliability, a small percentage of semiconductor products may become faulty. when using fuji electric semiconductor products in your equipment, you are requested to take adequate safety measures to prevent the equipment from causing a physical injury, ?re, or other problem if any of the products become faulty. it is recommended to make your design fail-safe, ?ame retardant, and free of malfunction. 4. the products introduced in this catalog are intended for use in the following electronic and electrical equipment which has normal reliability requirements. ? computers ? oa equipment ? communications equipment (terminal devices) ? measurement equipment ? machine tools ? audiovisual equipment ? electrical home appliances ? personal equipment ? industrial robots etc. 5. if you need to use a product in this catalog for equipment requiring higher reliability than normal, such as for the equipment listed below, it is imperative to contact fuji electric device technology co., ltd. to obtain prior approval. when using these products for such equipment, take adequate measures such as a backup system to prevent the equipment from malfunctioning even if a fuji's product incorporated in the equipment becomes faulty. ? transportation equipment (mounted on cars and ships) ? trunk communications equipment ? traf?c-signal control equipment ? gas leakage detectors with an auto-shut-off feature ? emergency equipment for responding to disasters and anti-burglary devices ? safety devices ? medical equipment 6. do not use products in this catalog for the equipment requiring strict reliability such as the following and equivalents to strategic equipment (without limitation). ? space equipment ? aeronautic equipment ? nuclear control equipment ? submarine repeater equipment 7. copyright ?1996-2008 by fuji electric device technology co., ltd. all rights reserved. no part of this catalog may be reproduced in any form or by any means without the express permission of fuji electric device technology co., ltd. 8. if you have any question about any portion in this catalog, ask fuji electric device technology co., ltd. or its sales agents before using the product. neither fuji electric device technology co., ltd. nor its agents shall be liable for any injury caused by any use of the products not in accordance with instructions set forth herein.
|