Part Number Hot Search : 
MV321I N5231 2SD209 N5231 OPB771NZ 42460 L5988D MC100H6
Product Description
Full Text Search
 

To Download 53025-0310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mx01 b-61 b 2.00 to 2.50mm (.079 to .098") pitch fe a tures and specific a tions 2.00mm (.079") pitch wire-to-board header 53025 bottom entry features and bene?s sizes 2 to 10 circuits locking windows provide secure mating reference information packaging: t ray mates with: 51004 designed in: millimeters electrical voltage: 125v current: contact resistance: 20m ? max. dielectric withstanding voltage: 500v ac/1 min. insulation resistance: 1000 m ? min. physical housing: glass-?led 6/6 nylon, ul 94v-0 contact: phosphor bronze plating: tin operating temperature: -20 to +85?c mated height: 7.40mm (.291") mated width: 10.00mm (.394") h w mating dimensions 53025 ?51004 ?50011 h=7.4mm w=10.0mm awg 24 26 28 30-34 amperes 2.0 1.5 1.0 0.5 catalog drawing (for reference only) ordering information and dimensions circuits order no. dimension a b c 2 53025-0210 6.00 (.236) 2.00 (.079) 5.50 (.216) 3 53025-0310 8.00 (.315) 4.00 (.157) 7.50 (.295) 4 53025-0410 10.00 (.394) 6.00 (.236) 9.50 (.374) 5 53025-0510 12.00 (.472) 8.00 (.314) 11.50 (.452) 6 53025-0610 14.00 (.551) 10.00 (.393) 13.50 (.531) 7 53025-0710 16.00 (.630) 12.00 (.472) 15.50 (.610) 8 53025-0810 18.00 (.709) 14.00 (.551) 17.50 (.688) 9 53025-0910 20.00 (.787) 16.00 (.629) 19.50 (.767) 10 53025-1010 22.00 (.866) 18.00 (.708) 21.50 (.846)


▲Up To Search▲   

 
Price & Availability of 53025-0310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X