Part Number Hot Search : 
TDA8137 EM6K1T2R NTE8149 EM91810B AN4140 BYV29 HT68F SBL3045C
Product Description
Full Text Search
 

To Download 2648LP2A21108L110V13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  apem www.apem.com d-49 d 2600 series illuminated and non-illuminated rocker switches distinctive features and specifications electrical specifications ?max. current/voltage rating with resistive load and approved ratings : see table below. ?initial contact resistance : 10m max. at 1a 2vdc ?insulation resistance : 1.000 m min. at 500vdc ?dielectric strength : 2.500 vrms 50 hz min. between terminals 3.000 vrms 50 hz min. between terminals and metal panel ?electrical life : 10.000 cycles at full load ? ? three rocker shapes : plain, v-shaped or concave ? ? various rocker colours ? ? frame with protection guard on 2600lp models ? ? ul, csa, vde and nf (en 61058-1) approved functions on - off on - on 1/6 hp 125vac 16a 125vac 16a 250vac 1/3 hp 250vac 1/6 hp 125vac 16a 125vac 16a 250vac 1/3 hp 250vac 10(4)a 250vac t 85/55 on - off - on 10a 125vac 10a 250vac 1/6 hp 125/250vac 10a 125vac 10a 250vac 1/6 hp 125/250vac l i option 10(4)a 250vac others 10a 125vac 10a 250vac 1/6 hp 250vac - l i option 10(4)a 250vac approved ratings direct current 24 vdc 12 vdc 10a 15a 8a 10a csa ul vde csa 22-2 ul 1054 en 61058-1 - l i option 10(4)a 250vac on - on - on - - - 5a 8a 8a 10a - l i option 10(4)a 250vac nf en 61058-1 materials ?case : melamine/polyester ?frame : polyamide ?actuator : polyamide ?contacts : a : silver c : copper, silver plated general specifications ?panel thickness : 0,8 mm to 4 mm (.031 to .157) ?operating temperature : - silver contacts (a) : -20? to +125? - silver plated contacts (c) : -10? to +55? agency approvals availability : consult factory for details of approved models. marking : approved models are standard marked. en 61058-1 en 61058-1
d-50 apem www.apem.com 2600 series illuminated and non-illuminated rocker switches overview d 26 number of poles 3 single pole 4 double pole series frame type lh plain lp with protection guard terminals (none) screw + clamp /2 solder lugs /quick-connect /3 normalized quick-connect special contact (none) standard electrical functions 1 on - off 4 on on on 5 mom - on 6 on - on 7 mom off mom 8 on off mom 9 on off on double pole only about this series on the following pages, you will find successively : - model structure of switches - options in the same order as in above chart dimensions : first dimensions are in mm while inches are shown as bracketted numbers. notice : please note that not all combinations of above numbers are available. refer to the following pages for further information. sealing boot u2150 available to protect the switches against dust and water. see section h.
apem www.apem.com d-51 2600 series illuminated and non-illuminated rocker switches overview d packaging unit : 20 pieces per type and colour. frame colours 1 blue 1/4 dark blue 2 black (standard) 4 grey 7/1 white 8 chrome plated b light brown e dark brown rocker marking black white 00 00 (none) 01 21 o 07 27 oi 08 28 on off complete table at the end of the series. lamps l0 without lamp l6v 6v filament lamp l12v 12v filament lamp l24v 24v filament lamp l110v 110vac neon lamp l110v1 110vac blue fuor. lamp l110v3 110vac green fuor. lamp l220v 220vac neon lamp l220v1 220vac blue fuor. lamp l220v3 220vac green fuor. lamp l380v 380vac neon lamp l380v1 380vac blue fuor. lamp l380v3 380vac green fuor. lamp l i option l i en 61058-1 approved version, without lamp (3 position switches) rocker shapes 1 plain 2 v-shaped 3 concave rocker colours illuminated rocker (without window) 0 without rocker 1 blue 3 green 5 yellow 6 red 7/1 white 9 orange with green or blue rocker, use fluorescent lamp only. non-illuminated rocker or rocker with illum. window 0 without rocker 02 light brown 04 dark brown 03 beige 10 blue 14 dark blue 20 black 30 green 40 grey 50 yellow 60 red 70 white 90 orange contact materials a silver silver cadmium oxide (if combined with s) c copper, silver plated (functions 1, 6 and 9 only) illuminated window /3 green /6 red with green, use fluorescent lamp only.
d-52 apem www.apem.com d 2600 series illuminated and non-illuminated rocker switches 2600lp - with protection guard - single pole 2600lh - double pole 2600lh - single pole iii ii i a2-a1 a2-a3 b5-b4 b5-b6 screw term. solder lug/ + clamp quick-connect 2631lh 2631lh/2 on - off 2636lh 2636lh/2 on - on 2639lh 2639lh/2 on off on iii ii i a2-a1 a2-a3 b5-b4 b5-b6 screw term. solder lug/ + clamp quick-connect 2641lh 2641lh/2 on - off 2644lh* 2644lh/2* on on on 2645lh 2645lh/2 mom - on 2646lh 2646lh/2 on - on 2647lh 2647lh/2 mom off mom 2648lh 2648lh/2 on off mom 2649lh 2649lh/2 on off on iii ii i a2-a1 a2-a3 b5-b4 b5-b6 screw term. solder lug/ + clamp quick-connect 2631lp 2631lp/2 on - off 2636lp 2636lp/2 on - on 2639lp 2639lp/2 on off on model structure ? model 2600lp with protection guard 1 and 2 pole configurations * function 4 : sp in dp case, see end of catalogue. 123 i ii iii (.031) (.118diax0.50 is) 3.00x0.50 si 0.80 6.35 (.25) (.122dia) 3.10 4.50 (.177) (.25x.031) 6.35x0.80 14.70 (.578) a3 a2 2.00 (.078) 6.80 (.267) 11.00 (.433) a1 9.00 (.354) 17.00 (.669) 6.35x0.80 (.25x.031) 11.10 (.437) 32.00 25.00 (.984) 25.00 (.984) (1.259) 18.50 (.728) (.578) 14.70 a2 a3 b6 b5 6.80 (.078) 2.00 (.267) (.984) 25.00 (.433) 11.00 a1 b4 (.354) 9.00 (.669) 17.00 (.437) 11.10 (.25x.031) 6.35x0.80 (.728) 18.50 (.984) 25.00 (1.259) 32.00 a3 (.078) 2.00 (.267) 6.80 (.984) 25.00 (.393) 10.00 (.433) 11.00 a1 a2 (.25x.031) 6.35x0.80 (.437) 11.10 (.669) 17.00 (.578) 14.70 32.00 (.984) 25.00 (.728) 18.50 (1.259) 2640lh 2640lh/2
apem www.apem.com d-53 d 2600 series illuminated and non-illuminated rocker switches 2600lp - with protection guard - double pole iii ii i a2-a1 a2-a3 b5-b4 b5-b6 screw term. solder lug/ + clamp quick-connect 2641lp 2641lp/2 on - off 2644lp* 2644lp/2* on on on 2645lp 2645lp/2 mom - on 2646lp 2646lp/2 on - on 2647lp 2647lp/2 mom off mom 2648lp 2648lp/2 on off mom 2649lp 2649lp/2 on off on panel cut - out * function 4 : sp in dp case, see end of catalogue. (.267) (.578) 6.80 14.70 (.433) 11.00 (.728) (.984) (1.259) (.984) (.437) (.669) (.25x.031) (.078) 17.00 11.10 2.00 25.00 6.35x0.80 32.00 25.00 18.50 (.393) 10.00 b4 a1 a2 a3 b6 b5 (1.181) (.866) 22.00 30.00 terminal option /3 normalized quick-connect terminals 6,35 x 0,8 (.250 x .031) specify after lh or lp. ?.50 (.059dia) 6.35x0.80 (.250x.031)
d-54 apem www.apem.com d 2600 series illuminated and non-illuminated rocker switches contact materials a silver c copper, silver plated (available with functions 1, 6 and 9 only) 1 blue 1/4 dark blue 2 black (standard) 4 grey 7/1 white 8 chrome plated b light brown e dark brown frame colours rocker shapes this option has ul approval only. 1 2 3 plain v-shaped concave
apem www.apem.com d-55 d 2600 series illuminated and non-illuminated rocker switches rocker colours for illuminated switches for non-illuminated switches or switches with illuminated window (? without rocker blue* green* yellow red white orange plain rocker p/n - u881 u883 u885 u886 u887 u889 u861 u863 u865 u866 u867 u869 u871 u873 u875 u876 u877 u879 1 3 5 6 7/1 9 - - 0 v-shaped rocker p/n concave rocker p/n colour code plain rocker p/n without rocker - u1250b u1250bf u1250 u1251/4 u1252 u1253 u1254 u1255 u1256 u1257 u1259 - u1270b u1270bf u1270 u1271/4 u1272 u1273 u1274 u1275 u1276 u1277 u1279 - u1260b u1260bf u1260 u1261/4 u1262 u1263 u1264 u1265 u1266 u1267 u1269 0 02 04 03 14 20 30 40 50 60 70 90 light brown dark brown beige dark blue u1251 u1271 u1261 10 blue black green grey yellow red white orange v-shaped rocker p/n concave rocker p/n colour code complete box with one of above colour codes. to order rockers separately, use their p/n (u....) and complete box with code 0. rockers with illuminated windows (codes 20, 30, 60) : part numbers on request. rocker marking marking colour black 00 00 00 01 11 21 02 12 22 06 16 26 07 17 27 08 18 28 03 13 23 04 14 24 05* 15* 25* 40 41 42 43* 44* 45* 46 47 48 red white - * with green or blue rocker, use fluorescent lamp only. * not available on v-shaped rockers special markings and marking on rockers with illuminated window : consult factory. 1 2 3 6 5 4 1 2 3 6 5 4 1 2 3 6 5 4 1 2 3 6 5 4 5 6 3 2 1 4 1 2 3 6 5 4 4 6 5 1 2 3 1 2 3 6 5 4 4 6 5 1 2 3 4 6 5 1 2 3 5 6 3 2 1 4 stop stop stop on off
d-56 apem www.apem.com d 2600 series illuminated and non-illuminated rocker switches lamp l0 non-illuminated switch filament lamp 6v filament lamp 12v filament lamp 24v neon lamp 110vac green fluorescent lamp 110vac neon lamp 220vac green fluorescent lamp 220vac neon lamp 380vac green fluorescent lamp 380vac l6v l12v l24v l110v blue fluorescent lamp 110vac l110v1 l110v3 l220v l220v3 blue fluorescent lamp 220vac l220v1 l380v l380v3 blue fluorescent lamp 380vac l380v1 en61058-1 approved version without lamp (3 position switches) l i for illuminated models, the lamp is always connected between center terminals 2 and 5. lamps l380v, l380v1 and l380v3 are not ul/csa approved. b4 b5 a1 a2 illuminated window for black, green and red rockers only /3 green /6 red with green, use fluorescent lamp only. no marking available on illuminated windows. ?.00 (.197 dia)


▲Up To Search▲   

 
Price & Availability of 2648LP2A21108L110V13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X