Part Number Hot Search : 
R3000 24S150C AD650JNZ R5F21334 BZX84C24 06749 51161 00LVEL
Product Description
Full Text Search
 

To Download 25BP22-B-1-10F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com optical and mechanical encoders mechanical encoders series 25 multi-deck features ? multiple code and indexing choices ? reliability tested to listed specifications ? less than 1.0" square ? termination choices ? panel and shaft seal option ? manufactured to iso 9001 and military standards ? custom configurations available dimensions in inches (and millimeters) .865 .015 (21,97 0,38) dim. a .025 (dim a 0,64) .200 .015 (5,08 0,38) c l c l .288 .015 (7,31 0,38) .250 .015 (6,35 0,38) .365 .020 (9,27 0,51) .250 .020 (6,35 0,51) .375 (9,53) 3/8-32 unef-2a thread .320 .010 (8,13 0,25) .050 .005 (1,27 0,13) .100 .010 (2,54 0,25) typ. .060 .015 (1,53 0,38) number of decks .450 (11,43) .650 (16,51) .850 (21,59) 1.050 (26,67) dimension a 1 2 3 4 part number, date code, and pinout id label .219 .005 (5,56 0,13) ? .250 + .001 - .002 (6,35 + 0,03 - 0,05) .190 .015 (4,83 0,38) .020 .005 (0,51 0,13) .865 .015 (21,97 0,38) encoder 2
optical and mechanical encoders grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com mechanical encoders series 25 : multi-deck shaft size: b = 1 / 4 " diameter shaft sealed or non-sealed: s = shaft and panel seal; no letter = no seal terminal structure: p = pc, perpendicular to shaft; r = pc, rear facing (one deck only); f = pc, front facing (one deck only). angle of throw (determines the maximum number of positions): 10 = 10, 36 positions; 11 = 11.25, 32 positions; 12 = 12, 30 positions; 15 = 15, 24 positions; 18 = 18, 20 positions; 22 = 22.5, 16 positions; 30 = 30, 12 positions; 45 = 45, 8 positions; 60 = 60, 6 positions; 90 = 90, 4 positions. 25bsp22CqC1C16 c stop arrangement: for switches with maximum positions, add c for continuous rotation; add f for stop between first and last. no notation required for less than maximum positions. number of positions: maximum is dependent on the angle of throw. minimum is two. number of decks: one through four possible. code output: b = binary available in 22.5 q = quadrature g = gray available in 22.5 specials include 1 / 8 " diameter shaft, custom angles of throw for binary, binary complement and gray code outputs. contact grayhill sales for availability. specifications electrical ratings switching loads: 150 ma at 120 vac, resistive; 150 ma at 28 vdc, resistive current carrying capacity: 250 ma at 28 vdc, resistive contact resistance: 75 m : maximum after life insulation resistance: 1000 m : minimum between terminals and shaft voltage breakdown: 1000 vac minimum between terminals and shaft life expectancy: 50,000 cycles at rated loads contacts: shorting materials and finishes bushing: die cast zinc alloy, tin-zinc plated mounting hardware: plated brass decks, deck separators, end plate: thermoplastic contacts and terminals: gold, silver, nickel- plated beryllium copper shaft, stop blades: stainless steel detent balls: steel, nickel-plated rivets: brass, zinc-plated mechanical ratings stop strength: 10 in-lbs minimum rotational torque: 4-20 in-oz, dependent on the number of decks operating temperature range: -65c to +85c non-turn device: flatted mounting bushing, .375" dia. x .320" package size: .865" square termination: pc terminals, .100" on center. decks are .200" apart. ordering information available from your local grayhill distributor. for prices and discounts, contact a local sales office, an authorized local distributor or grayhill. control knobs available, see page i-57. encoder 3


▲Up To Search▲   

 
Price & Availability of 25BP22-B-1-10F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X