Part Number Hot Search : 
CXX0G FN484 MDDMB8M FJT1101 DMA26101 STR44115 SDS19WK 3204U
Product Description
Full Text Search
 

To Download 1N5614GP4G-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5614gp thru 1n5622gp document number 88520 14-oct-05 vishay general semiconductor www.vishay.com 1 do-204ac (do-15) p a t e n t e d * ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602, and brazed-lead assembly by patent no. 3,930,306 glass passivated junction rectifier major ratings and characteristics i f(av) 1.0 a v rrm 200 v to 1000 v i fsm 50 a i r 0.5 a v f 1.2 v t j max. 175 c features  superectifier struct ure for high reliability application  cavity-free glass-passivated junction  low forward voltage drop  low leakage current, i r less than 0.1 a  high forward surge capability  meets environmental standard mil-s-19500  solder dip 260 c, 40 seconds typical applications for use in general purpose rectification of power sup- plies, inverters, converters and freewheeling diodes application mechanical data case: do-204ac, molded epoxy over glass body epoxy meets ul-94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol 1n5614gp 1n5616gp 1n5618gp 1n5620gp 1n5622gp unit * maximum repetitive peak reverse voltage v rrm 200 400 600 800 1000 v maximum rms voltage v rms 140 280 420 560 700 v * maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 55 c i f(av) 1.0 a * peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 50 a * operating junction temperature range t j - 65 to + 175 c * storage temperature range t stg - 65 to + 175 c
www.vishay.com 2 document number 88520 14-oct-05 1n5614gp thru 1n5622gp vishay general semiconductor electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted *jedec registered values ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter te s t c o n d i t i o n symbol 1n5614gp 1n5616gp 1n5618gp 1n5620gp 1n5622gp unit * minimum reverse breakdown voltage at 50 a v br 220 440 660 880 1100 v * maximum instantaneous forward voltage at 1.0 a v f 1.2 v * maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 100 c i r 0.5 25 a * maximum reverse recovery time at i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 2.0 s maximum junction capacitance at 12 v, 1 mhz c j 45 35 25 20 15 pf parameter symbol 1n5614gp 1n5616gp 1n5618gp 1n5620gp 1n522gp unit typical thermal resistance (1) r ja 45 c/w figure 1. forward current derating curve am b ient temperat u re, c a v erage for w ard rectified c u rrent (a) 0.375? (9.5 mm) lead length 60 hz resisti v e or ind u cti v e load 1.0 0.75 0.5 0.25 0 25 50 75 100 125 150 175 figure 2. maximum non-repetitive peak forward surge current t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) 1 10 100 50 40 30 20 10 0
1n5614gp thru 1n5622gp document number 88520 14-oct-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics t j = 150 c t j = 25 c p u lse w idth = 300 s 1% d u ty cycle 10 1 0.1 0.01 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0 20 40 60 8 0 100 0.01 0.1 1 10 t j = 125 c t j = 25 c t j = 75 c rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent ( a) figure 5. typical junction capacitance t j = 25 c f = 1.0 mhz v sig = 50m v p-p 30 10 1 1 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 0.230 (5.8) 0.300 (7.6) 1.0 (25.4) min. 1.0 (25.4) min. do-204ac (do-15)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of 1N5614GP4G-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X