Part Number Hot Search : 
B1200CCL LPC2921 12N60C MBI10 MEL8206 B09AG PQ600 B09AG
Product Description
Full Text Search
 

To Download 1N4384GP4G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4383gp thru 1n4385gp 1n4585gp & 1n4586gp document number 88507 14-oct-05 vishay general semiconductor www.vishay.com 1 do-204ac (do-15) p a t e n t e d * ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602, and brazed-lead assembly by patent no. 3,930,306 glass passivated junction rectifier major ratings and characteristics i f(av) 1.0 a v rrm 200 v to 1000 v i fsm 50 a i r 5.0 a v f 1.0 v t j max. 175 c features ? superectifier struct ure for high reliability application ? cavity-free glass-passivated junction ? low forward voltage drop ? low leakage current ? high forward surge capability ? meets environmental standard mil-s-19500 ? solder dip 260 c, 40 seconds typical applications for use in general purpose rectification of power sup- plies, inverters, converters and freewheeling diodes application mechanical data case: do-204ac, molded epoxy over glass body epoxy meets ul-94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol 1n4383gp 1n4384gp 1n4385gp 1n4585gp 1n4586gp unit * maximum repetitive peak reverse voltage v rrm 200 400 600 800 1000 v * maximum rms voltage v rms 140 280 420 560 700 v * maximum dc blocking voltage v dc 200 400 600 800 1000 v * maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 100 c i f(av) 1.0 a * peak forward surge current 8.3 ms single half sine- wave superimposed on rated load i fsm 50 a maximum full load reverse current, full cycle average 0.375"(9.5 mm) lead length at t a = 100 c i r(av) 275 250 225 200 200 a * operating junction and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com 2 document number 88507 14-oct-05 1n4383gp thru 1n4385gp 1n4585gp & 1n4586gp vishay general semiconductor electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted *jedec registered values ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol 1n4383gp 1n4384gp 1n4385gp 1n4585gp 1n4586gp unit maximum instantaneous forward voltage at 1.0 a v f 1.0 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 150 c i r 5.0 250 a * typical reverse recovery time at i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 2.0 s typical junction capacitance at 4.0 v, 1 mhz c j 15 pf parameter symbol 1n4383gp 1n4384gp 1n4385gp 1n4585gp 1n4586gp unit typical thermal resistance (1) r ja 45 c/w figure 1. forward current derating curve 0 25 50 75 100 125 150 175 200 0.2 0.4 0.6 0. 8 1.0 0.375" (9.5mm) lead length 60 hz resisti v e or ind u cti v e load am b ient temperat u re, c a v erage for w ard rectified c u rrent (a) figure 2. maximum non-repetitive peak forward surge current 0 1 10 100 10 20 30 40 50 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) t a = 100 c 8 .3 ms single half sine- w a v e
1n4383gp thru 1n4385gp 1n4585gp & 1n4586gp document number 88507 14-oct-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 20 t j = 25 c p u lse w idth = 300 s 1% d u ty cycle instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0 0.01 0.1 1 10 60 8 0 100 20 40 percent of rated peak re v erse v oltage (%) instantaneo u s re v erse leakage c u rrent ( a) t j = 125 c t j = 25 c t j = 75 c figure 5. typical junction capacitance figure 6. typical trans ient thermal impedance 1 10 100 1 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50m v p-p 0.01 0.1 1 10 100 0.1 10 100 1 t - p u lse d u ration (sec.) transient thermal impedance (c/ w ) 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 0.230 (5.8) 0.300 (7.6) 1.0 (25.4) min. 1.0 (25.4) min. do-204ac (do-15)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of 1N4384GP4G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X