Part Number Hot Search : 
MA244 EMK32 F4001 FK20SM6 SY10EP52 07197 22R154 SDA667MF
Product Description
Full Text Search
 

To Download 1600BGH4008P2EB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
the strength of gems psibar ? pressure transducers starts with the science of cvd gems sensors provides the most stable pressure sensor on the market today by combining advanced sensing technology with highly automated and revolutionary manufacturing methods. the result is a sensing element comprised of silicon, stainless steel, glass, and other metals joined on a molecular level to form a pressure transducer that is impervious to aging. if your application requires long life components, gems psibar ? transducers are designed with you in mind. psibar ? pressure transducers bring exceptional performance to a wide variety of applications across multiple industries. the strength of psibar ? pressure sensors starts with the science of cvd. psibar ? transducers are manufactured using plasma-enhanced chemical vapor deposition (cvd) technology. this sophisticated technique uses a chemical vapor to deposit thin layers of silicon and silicon dioxide on a stainless steel substratum to form a very sensitive and accurate polysilicon strain gauge. since the elements of the strain gauge are fused together at the atomic level, the strength and integrity of the bond far exceeds the adhesives used in common pressure sensors. psibar ? transducers are inherently more stable and less sensitive to thermal exposure and pressure cycling than silicon-based pressure transducers. your reward is a lower total cost of ownership. all sensor conditioning, including amplification, temperature calibration and filtering is performed by our unique asic. it allows configurable output and pressures ranges, sets the zero and span tolerance and ensures interchangeability from unit to unit. the use of an asic eliminates laser trimming for temperature compensation, and unnecessary external components. besides reducing size and complexity, the best reduction our asic accomplishes is in the price of a psibar ? transducer. the cvd sensor and asic circuitry is complemented by all stainless steel construction delivering excellent media compatibility; all major components are joined by welding. this construction technique produces a highly stable pressure transducer that withstands harsh media, and is configurable to satisfy specific application requirements. psibar ? pressure transducers are produced in an automated, zero-defect manufacturing process that incorporates calibration, configuration and test systems to improve sensor accuracy and quality. psibar ? pressure transducers deliver exceptionally superior, long-term performance. stainless steel psibar wafers lie in a gas stream of plasma-enhanced gases. the pecvd process is used because it deposits high quality silicon at low temperature, which does not affect the state of the steel gauge. after deposition, the silicon is ion implanted to modify resistivity. call toll free 800.378.1600 advanced sensor manufacturing techniques allow psibar sensors to deliver superior stability and long-life reliability. the thin film is atomically fused directly to the steel surface of the gauge beam and therefore follows the shape of the beam very accurately. this atomic fusion is the foundation for excellent performance and stability. cool, laser welded the cvd strain gauge is affixed to the sensor assembly in a precise, automated laser weld process. a spot weld is made at each end and both sides of the beam to assure there is no twisting or tilting of the beam while a stitch weld is applied. laser welding is fast and cool to prevent any distortion to the strain gauge. gas in gas out titanium silicon dioxide polysilicon stainless steel
psibar ? cvd advantages stability C very repeatable from day to day. eliminate recalibration costs and reduce total cost of ownership. drift free performance C asic makes external components or laser trimming unnecessary. each parameter can be adjusted for optimal performance and configuration. asic requires fewer components which improves product quality and performance. robust construction C automated manufacture improves the sensors consistency, quality and reliability while reducing production cost. revolutionary manufacturing provides tighter control improving the sensors performance in harsh environments. no fill fluids to leak or thin diaphragm to rupture typical applications off highway vehicles C load weighing systems and load moment indicating natural gas equipment C compressors; dispensing equipment semiconductor processing C wafer manufacturing power plants C piping steam pressures refrigeration C compressors and lube oil pressure equipment robotics C factory automated equipment hvac C compressors nextsurround the cvd sensor with a superior supporting cast of components along with the superiority of the cvd strain gauge, we add key components to leverage the sensing elements strength. the output is a product with a unique balance of performance and value unmatched in todays pressure sensing market. call toll free 800.378.1600 thicker diaphragm for handling pulsating pressures ?all stainless steel wetted parts. cvd sensor stability and high sensitivity allows use of our thicker diaphragm. 17-4 ph ss sensor beam is laser welded for distortion-free construction. asic chip is the brains behind the brawn. programmability provides greater linearity correction than common thermal compensation methods. weldless stainless steel case. rfi/emi & esd protection circuit meets and exceeds requirements for ce marking. protecting against noise, voltage spikes and static discharge. modular design configurability without high costs or delays modular electrical and pressure connections, versatile pressure sensing cores, and modern cellular manufacturing enable us to deliver psibar pressure sensors specifically suited to your application without a premium in cost or time. in fact most orders ship within just 3 days!
gems sensors inc. one cowles road plainville, ct 06062-1198 tel 860.747.3000 fax 860.747.4244 call toll free 800.378.1600 visit us at: www.gemssensors.com specifications subject to change without notice. ? 2000 copyright gems sensors inc. all rights reserved printed in u.s.a. 10m catalog no. 670 psibar part number structure 2200 b g g10 02 a u a 3 how to order use the bold characters from the chart below to construct a product code select: 1. 2200, 2600, 1200, or 1600 series 2. output: (1200 and 1600 are not available with a output) a 100 mv c 1-6 v f .1-5.1 v h 1-5 v r 0 -5 v b 4-20 ma d 1-11 v g .2-10.2 v j .5-5.5 v s 0-10 v 3. pressure datum: g gauge a absolute (1200/1600 not available in a) 4. insert pressure range code from table below pressure range C psi f15 C 0-15 g20 C 0-200 h15 C 0-1,500 h60 C 0-6,000 1g0 C vac-85 f30 C 0-30 g30 C 0-300 h20 C 0-2,000 vac = C15 psi 1g5 C vac-135 f60 C 0-60 g50 C 0-500 h30 C 0-3,000 1f5 C vac-0 2g0 C vac-185 g10 C 0-100 g60 C 0-600 h40 C 0-4,000 3f0 C vac-15 3g0 C vac-285 g15 C 0-150 h10 C 0-1,000 h50 C 0-5,000 6f0 C vac-45 pressure range C bar (optional) a10 C 0-1 b10 C 0-10 c10 C 0-100 1a0 C vac-0 1b0 C vac-9 a16 C 0-1.6 b16 C 0-16 c16 C 0-160 1a6 C vac-0.6 1b6 C vac-15 a25 C 0-2.5 b25 C 0-25 c25 C 0-250 2a5 C vac-1.5 2b5 C vac-24 a40 C 0-4 b40 C 0-40 c40 C 0-400 4a0 C vac-3 4b0 C vac-39 a60 C 0-6 b60 C 0-60 vac = C1 bar 6a0 C vac-5 5. pressure port (for additional ports see chart or contact sales) 02 1/4 npt male oj 1/4 npt male w/snubber 08 1/8 npt male submersible european threads 04 7/16 male sae #4 19 plastic nose cone (2600 only) 01 g1/4 male ip 9/16 male sae #6 29 ss nose cone (2600 only) 09 g1/8 female 9. performance code a .25% accuracy (2200/2600) (.5% 1200/1600) b .15% (optional on 2200/2600 only) 8. cable length in meters u none d 1 j 20 p 75 5 200 e 3 k 25 q 100 6 225 f 5 l 30 r 125 g 10 m 40 s 150 h 15 n 50 4 170 7. approvals/protection 3 ce 2 ce for millivolt output units 6. electrical connection 2200/1200 series a mini din 9.4 mm w/mate b mini din 9.4 mm w/o mate 2 cable, nema 4, plastic cable gland f cable, ip67, metal cable gland 2600/1600 series c 10-6 bendix twist lock plug g large din 43650a with mate m submersible cable, 150 meters p submersible cable, > 150 meters 1 8-4 bendix twist lock plug 3 1/2? npt conduit w/cable specifications input pressure range vacuum to 400 bar (6000 psi) proof pressure 2x full scale (fs) C 2200/2600 series 4x full scale (fs) C 1200/1600 series (1.5x fs for 400 bar, 5000 psi) burst pressure > 35x fs 6 bar (100 psi); > 20x fs 60 bar (1000 psi); > 5x fs 400 bar (6000 psi) fatigue life 100 million fs cycles performance long term drift 0.2% fs/year (non-cumulative) accuracy 0.25% fs typical (optional 0.15% fs) (.50% fs for 1200/1600 series) thermal error 1.5% fs typical (optional 1% fs) (2% fs for 1200/1600 series) compensated temp. -20 to 80c (-5 to 180f) operating temp. -40 to 125c (-22 to 260f) for electrical codes a, b, c, 1 -20 to 80c (-5 to 180f) for electrical codes 2, d, g, 3 -20 to 50c (-5 to 125f) for electrical codes f, m, p amplified units > 100c maximum 24 vdc supply zero tolerance 1% of span span tolerance 1% of span mechanical configuration pressure port see ordering chart wetted parts 17-4 ph stainless steel electrical connection see ordering chart enclosure 316 ss, 17-4 ph ss ip65 for electrical codes b,g,c,1, d, 3 ip67 for electrical code f ip68 for electrical codes m, p (200 m max.) ip30 for electrical code 3 with flying leads vibration 35g peak sinusoidal, 5 to 2000 hz acceleration 100g steady acceleration in any direction 0.032% fs/g for 1 bar (15 psi) range decreasing logarithmically to 0.0007% fs/g for 400 bar (6000 psi) range shock withstands free fall to iec 68-2-32 procedure 1 approvals , , intrinsically safe versions available. meets requirements of en50081-2 emissions and en50082-2 susceptibility. weight approx. 100 grams (additional; cable 75 g/m) individual specifications voltage output units output see ordering chart supply voltage (vs) 1.5 vdc above span to 35 vdc @ 6 ma supply voltage sensitivity 0.01% fs/volt min. load resistance (fs output / 2) kohms current output units output 4-20 ma (2 wire) supply voltage (vs) 24 vdc, (7-35 vdc) supply voltage sensitivity 0.01% fs/volt max. loop resistance (vs-7) x 50 ohms millivolt output units (2200/2600 only) output 100 mv +/-1 mv supply voltage (vs) 10 vdc (15 vdc max.) regulated bridge resistance 2600-6000 ohms mechanical configuration C cont.


▲Up To Search▲   

 
Price & Availability of 1600BGH4008P2EB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X