Part Number Hot Search : 
SR810 NJM741V DAC33 32900 SBL3040C 93L66 N25F40 3266P501
Product Description
Full Text Search
 

To Download 0603PS-781KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. please check our website for latest information. power chip inductors - 0603ps series document 266-1 document 266-1 revised 12/15/04 dcr 4 srf 5 part l 10% 2 qmin 3 max min i sat 6 i rms 7 number 1 (h) at 1 mhz (ohms) (mhz) (a) (a) 0603ps-781k_ 0.78 15 0.24 475 0.55 1.30 0603ps-102k_ 1.0 15 0.26 390 0.40 1.00 0603ps-182k_ 1.8 15 0.54 155 0.39 0.70 0603ps-222k_ 2.2 15 0.75 245 0.33 0.60 0603ps-272k_ 2.7 15 0.75 127 0.33 0.55 0603ps-332k_ 3.3 15 0.88 72 0.32 0.50 0603ps-392k_ 3.9 15 1.00 72 0.27 0.48 0603ps-472k_ 4.7 15 1.08 55 0.26 0.47 0603ps-562k_ 5.6 15 1.23 43 0.25 0.41 0603ps-682k_ 6.8 15 1.37 36 0.23 0.40 0603ps-822k_ 8.2 20 1.43 30 0.22 0.39 0603ps-103k_ 10 20 1.60 30 0.21 0.38 0603ps-153k_ 15 20 1.92 22 0.16 0.35 0603ps-223k_ 22 20 2.96 16 0.13 0.27 0603ps-333k_ 33 20 5.63 12 0.10 0.20 0603ps-473k_ 47 20 5.69 12 0.10 0.18 1. when ordering, please specify packaging code: 0603ps-473k c packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape (7500 parts per full reel). 2. inductance measured at 100 khz, 0.1 vrms, using a coilcraft smd-a fixture in an agilent/hp 4263b impedance analyzer. 3. q measured on an agilent/hp 4291 with an agilent/hp 16193 test fixture. 4. dcr measured on a micro-ohmmeter and a coilcraft ccf840 test fixture. 5. srf measured using an agilent/hp 8753d network analyzer and a coilcraft smd-d test fixture. 6. dc current at which the inductance drops 10% (typ) from its value without current. 7. average current for 40c temperature rise above 25c ambient. 8. operating temperature range ? 40c to +85c. 9. electrical specifications at 25c. see qualification standards section for environmental and test data. the 0603ps is coilcraft?s smallest shielded inductor. it?s ideal for power conversion applications where high induc- tance, low dc resistance and electromagnetic shielding are required. due to its simple wirewound construction, the 0603ps is an especially attractive low cost alternative to larger, more expensive shielded power inductors. the ferrite body and shield permit very high inductance ratings for a part this small: up to 47 h. they also minimize dc resistance and allow these ultra-small parts to carry up to half an amp! coilcraft designer?s kit c146 contains six samples each of the standard values shown. to order, contact coilcraft or visit http://order.coilcraft.com.
specifications subject to change without notice. please check our website for latest information. document 266-2 document 266-2 revised 12/15/04 power chip i nductors - 0603ps series typical l vs frequency 0.1 1 10 100 1000 110 100 1000 current (ma) inductance (h) 6.8 h 3.3 h 33 h 1h typical q vs frequency typical l vs current a max b max c max d e f g h i j 0.102 0.082 0.071 0.049 0.030 0.060 0.013 0.040 0.025 0.025 2,59 2,08 1,80 1,24 0,76 1,52 0,33 1,02 0,64 0,64 a b overall c terminal wraparound: approx 0.012/0,30 both ends i i j f g h recommended land pattern e terminal d weight: 26.4 ? 27.9 mg terminations: platinum/palladium/silver tape and reel: 2000/7 reel; 7500/13 reel 8 mm tape width for packaging data see tape and reel specifications section. dimensions


▲Up To Search▲   

 
Price & Availability of 0603PS-781KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X