Part Number Hot Search : 
FS70H 2SD1903 ML614 MSM6650 81M35 L9935 6KE15C 2SC711
Product Description
Full Text Search
 

To Download XO3HVB442368MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
  frequencies in mhz 22.1184 24.0000 25.0000 32.0000 32.7860 36.8640 40.0000 40.6000 40.9600 44.2368 48.0000 49.1520 50.0000 50.7500 51.1500 51.2000 52.0000 55.2960 58.9824 60.0000 60.9000 61.3800 61.4400 64.0000 65.0000 65.5360 66.3552 72.0000 73.7280 76.8000 78.0000 80.0000 81.2000 81.8400 81.9200 88.4736 90.0000 96.0000 98.3040 100.0000 102.4000 104.0000 108.0000 110.5920 117.9640 120.0000 125.0000 128.0000 131.0720 132.7104 144.0000 150.0000 160.0000     
 tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 19 mar 2002 5.10 (max) 6.40 (max) 1.00 0.50? 7.62 7.62 1 8 4 5 13.20 (max) 13.20 (max) pin 1 4 5 8 connection not connected or enable/disable ground output supply      3.3v supply  frequencies up to 160mhz  military temperature range option  excellent shock resistance  enable / disable tristate option product + option codes + frequency eg: xo3hv/a 80.0mhz 50ppm 0+70c xo3hvt/b 100mhz 30ppm -40+85c option code x (eg xo3hv/x) denotes a custom specification.     scale 1:1     xo3hv: standard stability option xo3hvt: tight stability option option codes xo3hv xo3hvt product parameters  standard.  optional - please specify required code(s) when ordering input (pin 1) output (pin 5) ! "# !     open ?1? level ?0? level enabled enabled high impedance other frequencies may be available. please consult our sales office. frequency range: 20.0 ~ 160mhz  frequency stability* (max): 50ppm over 0 to +70c  a 80ppm over -40 to +85c  b 100ppm over -55 to +125c  c 20ppm over 0 to +70c  a 30ppm over -40 to +85c  b 50ppm over -55 to +125c  c storage temperature range: -65 to +125c  supply voltage (v dd ): +3.3v (5%)  supply current (max): 30ma  driving ability: cmos  logic levels: ?0? level = 0.4v max  ?1? level = 90% v dd min start up time: 5ms max  waveform symmetry: 40:60 max @ 50%v dd  rise / fall times: 3ns max  enable / disable function: none (pin 1 nc)  tristate (control via pin 1)  e shock resistance: 5,000g, 0.3ms, ? sine  vibration resistance: 10g / 10 ~ 2,000hz  * frequency stability is inclusive of calibration @ 25c, operating temperature range, supply voltage change, load change and ageing over 10 years.


▲Up To Search▲   

 
Price & Availability of XO3HVB442368MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X