Part Number Hot Search : 
MICAL16 D2412 HT6012 04447 10N60C EPR1083S 57719L 74LV4066
Product Description
Full Text Search
 

To Download VWO85-12IO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys all rights reserved 1 - 2 g ixys reserves the right to change limits, test conditions and dimensions. vwo 85 20080828a symbol conditions max. ratings per phase i rms t c = 85c; 50 - 400 hz (per phase) 59 a i rms t c = 85c; 50 - 400 hz (per phase) for 10 sec. 83 a i tavm t c = 85c; (180 sine) 27 a i tsm t vj = 45c t = 10 ms (50 hz), sine 520 a v r = 0 t = 8.3 ms (60 hz), sine 560 a t vj = 125c t = 10 ms (50 hz), sine 470 a v r = 0 t = 8.3 ms (60 hz), sine 510 a i 2 t t vj = 45c t = 10 ms (50 hz), sine 1350 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 1320 a 2 s t vj = 125c t = 10 ms (50 hz), sine 1100 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 1090 a 2 s (di/dt) cr t vj = 125c repetitive, i t = 45 a 150 a/s f = 50 hz, t p = 200 s v d = 2 / 3 v drm i g = 0.45 a non repetitive, i t = i tavm 500 a/s di g /dt = 0.45 a/s (dv/dt) cr t vj =125c v dr = 2 / 3 v drm 1000 v/s r gk = ; method 1 (linear voltage rise) p gm t vj =125c t p = 30 s 10 w i t = i tavm t p = 300 s 5 w p gavm 0.5 w v rgm 10 v t vj -40...+125 c t vjm for 10 sec. 150 c t stg -40...+125 c v isol 50/60 hz, rms t = 1 min 3000 v~ i isol < 1 ma t = 1 s 3600 v~ m d mounting torque (m5) 2-2.5 nm. 18-22 lb.in. weight typ. 80 g v rsm v rrm type v dsm v drm vv 1200 1200 vwo 85-12io1 1400 1400 vwo 85-14io1 1600 1600 vwo 85-16io1 data according to iec 60747 refer to a single thyristor unless otherwise stated. three phase ac controller modules preliminary data c1 e1 k1 m1 s1 v1 c10 e10 k10 m10 s10 v10 pin configuration see outlines i rms = 3x 83 a v rrm = 1200-1600 v features ? thyristor controller for ac (circuit w3c acc. to iec) for mains frequency ? package with dcb base plate ? isolation voltage 3600 v~ ? planar passivated chips ? ul applied applications ? switching and control of three phase ac circuits ? softstart ac motor controller ? solid state switches ? light and temperature control advantages ? easy to mount with two screws ? space and weight savings ? improved temperature and power cycling ? high power density
? 2008 ixys all rights reserved 2 - 2 g ixys reserves the right to change limits, test conditions and dimensions. vwo 85 20080828a symbol conditions characteristic values i d , i r t vj = 125c; v r = v rrm ; v d = v drm <5ma v t i t = 85 a; t vj = 25c < 1.67 v v t0 for power-loss calculations only 0.85 v r t 11 m v gt v d = 6 v t vj = 25c < 1.5 v t vj = -40c < 1.6 v i gt v d = 6 v t vj = 25c < 100 ma t vj = -40c < 200 ma v gd t vj = 125c v d = 2 / 3 v drm < 0.2 v i gd <5ma i l t vj = 25c; t p = 10 s < 450 ma i g = 0.45 a; di g /dt = 0.45 a/s i h t vj = 25c; v d = 6 v; r gk = < 200 ma t gd t vj = 25c; v d = ? v drm <2s i g = 0.45 a; di g /dt = 0.45 a/s t q t vj = 125c; i t = 20 a, t p = 200 s; di/dt = -10 a/s typ. 150 s v r = 100 v; dv/dt = 15 v/s; v d = 2 / 3 v drm r thjc per thyristor 0.92 k/w per module 0.154 k/w r thjk per thyristor 1.22 k/w per module 0.204 k/w d s creeping distance on surface 12.7 mm d a creepage distance in air 9.4 mm a max. allowable acceleration 50 m/s 2 dimensions in mm (1 mm = 0.0394") 0.3 0.15 0.3 r r r1 80 78.5 93 17 13 4x45 40.4 0.25 4.50.5 38 0.25 65 40 0.2 32 5.5 15.2 0.5 3.5 18.0 25.0 0.3 0.3 0.3 0.3 0.3 2 15.2 aufdruck der typenbezeichnung (klebeetikett) m 2:1 (4) ? 2.1 ? 2.5 ? 6.1 1.5 6.0 detail y y 6 9 10 8 7 5 4 3 2 1 f c b a e d h g l k i f c b a d e g h k i l 10 6 s o m n r p 9 u t v w 8 7 s o m n p r t u 5 w v 4 2 3 1 z m 5:1 ?1.5 (din 46 431) 1.5 +0.6-0.3  0.50.2 detail z


▲Up To Search▲   

 
Price & Availability of VWO85-12IO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X