Part Number Hot Search : 
GVXO753 MMBT3906 AWT6123 R2J10190 E470M KBP00 T32AP CY6213
Product Description
Full Text Search
 

To Download VOD205T-X001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 81956 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.0, 02-dec-08 1 optocoupler, phototransistor output, dual channel, soic-8 package vod205t, vod206t, vod207t, vod211t, vod213t, vod217t vishay semiconductors description the vod205t, vod206t, vo d207t, vod211t, vod213t, vod217t are optically coupled pairs with a gallium arsenide infrared led and a silicon npn phototransistor. signal information, including a dc level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. features ? two channel coupler ? soic-8 surface mountable package ? standard lead spacing of 0.05" ? available only on tape and reel option (conforms to eia standard 481-2) ? isolation test voltage, 4000 v rms ? compatible with dual wave, vapor phase and ir reflow soldering ? lead (pb)-free component ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec agency approvals ? ul1577, file no. e52744 system code y ? cul - file no. e52744, equivalent to csa bulletin 5a ? din en 60747-5-5 (vde 0884) available with option 1 i17901 8 a1 c2 a3 c4 8 c 7e 6c 5e order information part remarks vod205t ctr 40 % to 80 %, soic-8 vod206t ctr 63 % to 125 %, soic-8 vod207t ctr 100 % to 200 %, soic-8 vod211t ctr > 20 %, soic-8 vod213t ctr > 100 %, soic-8 vod217t ctr > 100 %, soic-8 absolute maximum ratings (1) parameter test condition symbol value unit input peak reverse voltage v r 6v peak pulsed current 1 s, 300 pps i fm 1a continuous forward current per channel i f 30 ma power dissipation p diss 50 mw derate linearly from 25 c 0.66 mw/c output collector emitter breakdown voltage bv ceo 70 v emitter collector breakdown voltage bv eco 7v continuous output current i cmax. 50 ma power dissipation per channel p diss 125 mw derate linearly from 25 c 1.67 mw/c
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 81956 2 rev. 1.0, 02-dec-08 vod205t, vod206t, vod207t, vod211t, vod213t, vod217t vishay semiconductors optocoupler, phototransistor output, dual channel, soic-8 package notes (1) t amb = 25 c, unless otherwise specified. stresses in excess of the absolute maximum ratings can cause per manent damage to the device. functional operation of the device is not implied at these or any other c onditions in excess of t hose given in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (2) refer to reflow profile for solderi ng conditions for surface mounted devices. fig. 1 - power dissipation vs. ambient temperature note t amb = 25 c, unless otherwise specified. minimum and maximum values were tested requierements. typical val ues are characteristic s of the device and are the result of en gineering evaluations. typical values are for information only and are not part of the testing requirements. coupler isolation test voltage t = 1 s v iso 4000 v rms total package dissipation ambient (2 leds and 2 detectors, 2 channels) p tot 300 mw derate linearly from 25 c 4mw/c storage temperature t stg - 40 to + 150 c operating temperature t amb - 40 to + 100 c soldering time from 260 c (2) t sld 10 s absolute maximum ratings (1) parameter test condition symbol value unit iild205t_07 200 150 100 50 0 t a - am b ient temperat u re (c) package po w er dissipation (m w ) 25 50 75 100 125 total pkg per channel electrical characteristcs parameter test condition part symbol min. typ. max. unit input forward voltage i f = 10 ma v f 1.2 1.55 v reverse current v r = 6 v i r 0.1 100 a capacitance v r = 0 v c o 25 pf output collector emitter breakdown voltage i c = 100 a bv ceo 70 v emitter collector breakdown voltage i e = 100 a bv eco 7v collector emitter leakage current v ce = 10 v, i f = 0 a i ceo 550na collector emitter capacitance v ce = 0 v c ce 10 pf collector emitter saturation voltage i f = 10 ma, i c = 2.5 ma v cesat 0.4 v coupler capacitance (input to output) c io 0.5 pf
document number: 81956 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.0, 02-dec-08 3 vod205t, vod206t, vod207t, vod211t, vod213t, vod217t optocoupler, phototransistor output, dual channel, soic-8 package vishay semiconductors fig. 2 - switching test circuit current transfer ratio parameter test condition part symbol min. typ. max. unit dc current transfer ratio v ce = 5 v, i f = 10 ma vod205t ctr dc 40 80 % vod206t ctr dc 63 125 % vod207t ctr dc 100 200 % vod211t ctr dc 20 % vod213t ctr dc 100 % v ce = 5 v, i f = 1.0 ma vod205t ctr dc 13 30 % vod206t ctr dc 22 45 % vod207t ctr dc 34 70 % vod217t ctr dc 100 120 % switching characteristics parameter test condition symbol min. typ. max. unit turn-on time i c = 2 ma, r l = 100 , v cc = 5 v t on 5s turn-off time i c = 2 ma, r l = 100 ,v cc = 5 v t off 4s rise time i c = 2 ma, r l = 100 ,v cc = 5 v t r 5s fall time i c = 2 ma, r l = 100 ,v cc = 5 v t f 4s iil215at_17 v cc = 5 v inp u t v out r l t fall 10 % 50 % 90 % t off t on t rise o u tp u t inp u t 10 % 50 % 90 % v 0 0
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 81956 4 rev. 1.0, 02-dec-08 vod205t, vod206t, vod207t, vod211t, vod213t, vod217t vishay semiconductors optocoupler, phototransistor output, dual channel, soic-8 package fig. 3 - test circuit for common mode transient immunity note as per iec 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for ?safe electrical insu lation? only within the safety ratings. compliance with the safety ratings shall be ensured by means of protective circuits. common mode transient immunity parameter test condition symbol min. typ. max. unit common mode transient immunity at logic high v cm = 1000 v p-p , r l = 1 k , i f = 0 ma |c mh | 10 000 v/s common mode transient immunity at logic low v cm = 1000 v p-p , r l = 1 k , i f = 10 ma |c ml | 10 000 v/s r f v b = 4.5 v 1, 2, 4 3 b a 6 5 r l 1 k v o 5 v dc 0.1 f v cm inp u t from h v p u lse so u rce + - 2162 8 dt dt d v = 63 % of v cm d v = 63 % of v cm common mode v oltage v cm 2.0 v 2.0 v v o v o cm h cm l 0. 8 v 0. 8 v time 21626 safety and insulation ratings parameter test condition symbol min. typ. max. unit climatic classification (according to iec 68 part 1) 40/100/21 polution degree 2 comparative tracking index cti 175 399 peak transient overvoltage v iotm 6000 v peak insulation voltage v iorm 560 v resistance (input to output) r io 100 g apparent charge method a q pd c apparent charge method b q pd c safety rating - power output p so 350 mw safety rating - input current i si 150 ma safety rating - temperature t si 165 c external creepage distance 4 mm internal creepage distance 4 mm external clearance distance 4 mm insulation thickness 0.2 mm
document number: 81956 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.0, 02-dec-08 5 vod205t, vod206t, vod207t, vod211t, vod213t, vod217t optocoupler, phototransistor output, dual channel, soic-8 package vishay semiconductors typical characteristics t amb = 25 c, unless otherwise specified fig. 4 - forward current vs. forward voltage fig. 5 - collector emitter current vs. v ce fig. 6 - normalized ctr ce vs. forward current fig. 7 - current transfer ratio (normalized) vs. ambient temperature fig. 8 - switching speed vs. load resistor fig. 9 - collector current vs. ambient temperature 30 25 8 5 c 60 c 25 c 20 10 5 0 15 0.6 1.0 0. 8 1.2 1.4 iild205t_01 v f - led for w ard v oltage ( v ) i f - led c u rrent (ma) iild205t_02 0 6 10 12 1.2 1.0 0. 8 0.6 0.4 0.2 0.0 v ce - collector to emitter v oltage ( v ) n ic n ormalized collector c u rrent i f = 10 ma i f = 5 ma i f = 1 ma coll c u rrent n ormalized at i = 10 ma f v ce = 10 v 4 2 8 iild205t_03 n ctr ce - n ormalized ctr ce 0.01 0.1 1 10 100 1.2 1.0 0. 8 0.6 0.4 0.2 0.0 i f - led c u rrent (ma) v ce = 5 v ctr normalized at i f = 10 ma v ce = 0.4 v iild205t_04 20 40 60 8 0 100 1.2 1.0 0. 8 0.6 0.4 0.2 0.0 t a - temperat u re (c) n ctr ce - n ormalized ctr ce i f = 5 ma i f = 1 ma i f = 10 ma ctr nonsat normalized at i f = 10 ma v ce = 10 v iild205t_05 s w itching speed ( s) 0.1 1 10 100 10 3 10 2 10 1 10 0 r l - load resistor (k ) i f = 10 ma p u lse w idth = 100 ms d u ty cycle = 50 % t off t on 0.001 0.01 iceo-leakage c u rrent - ( a) 0.1 1 20 60 100 8 0 40 ta - temperat u re (c) iild205t_06 v ce = 50 v v ce = 10 v
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 81956 6 rev. 1.0, 02-dec-08 vod205t, vod206t, vod207t, vod211t, vod213t, vod217t vishay semiconductors optocoupler, phototransistor output, dual channel, soic-8 package package dimensions in inches (millimeters) 0.036 (0.91) 0.014 (0.36) 0.170 (4.32) 0.045 (1.14) 0.260 (6.6) r 0.010 (0.13) 0.050 (1.27) i17 8 020 iso method a 40 0.240 (6.10) 0.050 (1.27) typ. 0.016 (0.41) 0.004 (0.10) 0.00 8 (0.20) lead coplanarity 0.001 max. 0.00 8 (0.20) 7 0.120 0.002 (3.05 0.05) c l r 0.010 (0.25) max. 0.040 (1.02) 5 max. pin one i.d. 0.154 0.002 (3.91 0.05) 0.015 0.002 (0.3 8 0.05) 0.230 0.002 (5. 8 4 0.05) 0.020 0.004 (0.51 0.10) 2 plcs. 0.05 8 5 0.002 (1.49 0.05) 0.125 0.002 (3.1 8 0.05)
document number: 81956 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.0, 02-dec-08 7 vod205t, vod206t, vod207t, vod211t, vod213t, vod217t optocoupler, phototransistor output, dual channel, soic-8 package vishay semiconductors ozone depleting substa nces policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve t he performance of our products, processes, distribution and o perating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances in to the atmosphere whic h are known as ozone depleting substances (odss). the montreal protocol (1987) a nd its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. vari ous national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of co ntinuous improvements to elim inate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively. 2. class i and ii ozone depleting substances in the clean air ac t amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify t hat our semiconductors are not manufactured with ozone dep leting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating para meters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, dam ages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death as sociated with such unint ended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VOD205T-X001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X