Part Number Hot Search : 
DUM34 07028 EM91710B SG190 IR21592 0EP16 B0100 X6874D
Product Description
Full Text Search
 

To Download UP14T2106K005A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  toll free: (888) sei-seis www.seielect.com email: marketing@seielect.com 37 (888) 734-7347 up series ? ultra precision metal film resistors * lesser of pr or maximum working voltage. features ? highest stability metal film av ailable ? tcrs as low as 5 ppm ? higher power options available ? matched sets available ? tolerances to 0.01% available ? low noise ? 1w available, contact factory ? non-standard resistance values available ? cut and formed product is available on select sizes; contact factory for details electrical specifications type / code power rating (watts) @ 70c maximum working voltage* maximum pulse voltage up 1/4 0.25w 350 500 up 1/2 0.5w 350 500 tolerance / tcr combinations electrical (operating temperat ure range -20c to +85c) tcr code tcr up 1/4 up 1/2 0.01?0.02% 0.05% 0.1?0.25% 0.5?1% 0.01?0.02% 0.05% 0.1?0.25% 0.5?1% ta 5 51.1 ? ? 500k 10 ? ? 1m 10 ? ? 499k 1 ? ? 4m 51.1 ? ? 499k 10 ? ? 499k 10 ? ? 499k 10 ? ? 499k tb 10 51.1 ? ? 500k 10 ? ? 1m 10 ? ? 4m 1 ? ? 4m 51.1 ? ? 499k 10 ? ? 499k 10 ? ? 1m 1 ? ? 1m td 15 51.1 ? ? 500k 10 ? ? 1m 10 ? ? 4m 1 ? ? 4m 51.1 ? ? 499k 10 ? ? 499k 5.11 ? ? 1m 1 ? ? 1m t9 25 51.1 ? ? 294k 10 ? ? 1m 5.11 ? ? 2m 1 ? ? 2m 51.1 ? ? 499k 10 ? ? 499k 5.11 ? ? 2m 1 ? ? 2m t2 50 51.1 ? ? 294k 10 ? ? 1m 5.11 ? ? 2m 1 ? ? 3.92m 51.1 ? ? 499k 10 ? ? 499k 5.11 ? ? 2m 1 ? ? 3.92m how to order up 1/4 t1 4.75k 1% r sei type code tcr code nominal resistance tolerance packaging code code tolerance values code description pkg qty 1/4 t2 = 50ppm 0.01% e192 r paper 5,000 1/2 t9 = 25ppm 0.02% e192 a bulk 1,000 td = 15ppm 0.05% e192 tb = 10ppm 0.1% e192 ta = 5ppm 0.25% e192 0.5% e192 1% e192
toll free: (888) sei-seis www.seielect.com email: marketing@seielect.com up series ? ultra precis ion metal film resistors 38 (888) 734-7347 mechanical specifications type / code a body length b body width c lead length d lead diameter units up 1/4 0.28 max 7.2 max 0.10 max 2.5 max 1.18 min 30.0 min 0.024 0.002 0.61 0.05 inches mm up 1/2 0.39 max 10.0 max 0.145 max 3.70 max 1.18 min 30.0 min 0.024 0.002 0.61 0.05 inches mm performance characteristics environmental maximum typical load at commercial rating: 1,000 hours at 70c ? r % 0.30 0.10 load at cecc rating: 1,000 hours at 70c ? r % 0.30 0.05 dry heat: 1,000 hours at 155c ? r % 1.00 0.15 shelf life: 12 months at room temperature ? r % 0.10 0.03 short term overload ? r % 0.10 0.02 climatic ? r % 0.30 0.10 climatic category 55/155/56 long term damp heat ? r % 0.50 0.10 temperature rapid change ? r % 0.20 0.05 resistance to solder heat ? r % 0.06 0.03 vibration and bump ? r % 0.06 0.02 noise (in a decade of frequency) v/v 1.00 0.10


▲Up To Search▲   

 
Price & Availability of UP14T2106K005A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X