Part Number Hot Search : 
GT20G101 H50N6 39F1G SL887 CD22101 RM214C SSF5508U C5806
Product Description
Full Text Search
 

To Download TCKOJ155AT13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  31 cal-chip e l e c t r o n i c s , i n c o r p o r a t e d tc series tantalum solid electrolytic capacitors - resin molded chip type, standard type tc s eries : the tc series is designed for hybrid circuit and low profile printed circuit board applications where inductance is to be minimized, or where substrate space is at a premium. they can be attached to substrates or circuit boards by dipsoldering, welding, re-flow soldering or other conventional methods. these units have the further advan- tage of being compatible with automatic assembly equip- ment-minus the problems associated with flexible terminal lead wires. our chip tantalums meet all eia sizes. r a tings capacitance range : 0.1f to 220f tolerance range: m(20%), k(10%) rated voltage : 4v to 50v i tems operating temperature range maximum working temperature rated voltage range capacitance range standard capacitance tolerance dissipation factor (tan ) leakage current temperature stability surge voltage solder heat resistance humidity test high temperature test failure rate at 85c s pecifications ,p erformance -55c~+85c(+125c) +85c (+125c with derating) 4 vdc ~ 50 vcd 0.1f ~ 220f 20% (m) 10%(k) 0.1~1.0f 4.0% 1.5~100f 6.0% not more than 0.01cv or 0.5a, whichever is greater t est c onditions see table of standard ratings jis-c-5102 20c 120hz jis-c-5102 20c 120hz jis-c-5102 20c (5 minutes) (after rated voltage applied) jis-c-5140 and 5102 85c surge voltage applied, 1000 times with series resistance of 1000 ? for 30 seconds at intermittent intervals of 5 minutes jis-c-5102 at 60c humidity 90% ~ 95% rh, 500 hours jis-c-5102 85c, rated voltage 2000 hours or 125c derating voltage 1000 hours with circuit resistance of 1 ? /v mtbf 5 x 10 4 hr. temp. -55? +125? ? c max ?2% max. ?5% max. tan 0.1 ~ 1.0? 6.0% 1.5 ~ 100? 8.0% 0.1 ~ 1.0? 6.0% 1.5 ~ 100? 8.0% max. leakage current na 0.125cv or 6.25? whichever is greater procedure: 1. 20?? 2. -55 +0 ? stabilized -3 3. 20?? 15 min. 4. +125+3 ? 2 hrs. -0 capacitance change dissipation factor leakage current less than ?% less than specified value capacitance change dissipation factor leakage current less than ?% less than initial specified value capacitance change dissipation factor leakage current less than ?0% less than initial specified value withstand solder immersion 5 seconds at 260? or reflow 10 seconds at 260? 1% per 1,000 hours tc s eries
32 capacitance tolerance code 20% m 10% k cal-chip e l e c t r o n i c s , i n c o r p o r a t e d tc series tantalum solid electrolytic capacitors - resin molded chip type, standard type or dering inf ormation & marking ordering information example: 1 mfd 16 volt 20% tc m ic 105 a t series destination capacitance tolerance rated voltage capacitance size taping & packaging capacitance (ex) code rated voltage code 2 od 4 og 6.3 oj 10 ia 16 ic 20 id 25 ie 35 iv 50 ix 0.1 ~ 0.68f 104 ~ 684 1.0 ~ 6.8f 105 ~ 685 10 ~ 470 f 106 ~ 477 r: decimal point - first two digits represent significant figures and the third digit specifies number of zeros to follow. capacitance unit is f. m arking a - size capacitance: first two digits represent capacitance and the third digit speci- fies number of zeros to follow. capacitance unit is f. b, c, d - size f requency c haracteristic c urves (tc s eries ) ex) 6.3v-2.2f ex) 10v-22f tc s eries note: see back cover for low esr information
33 rated voltage @ +85c surge voltage @ +85c derated voltage @ 125c derated surge voltage @ +125c capacitance f 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 cal-chip e l e c t r o n i c s , i n c o r p o r a t e d tc series tantalum solid electrolytic capacitors - resin molded chip type, standard type 4 5.2 2.7 3.4 std/ext a a b/a c/b c/b d/c d/ d/ e 6.3 8 4 5 std/ext a a /a b/a a/c/b a/c/b b/c d/c/b d/ d/c d/e d/e 10 13 7 9 std/ext a a /a b/a c/b/a d/c/b d/c /d e/d d/e d/e 16 20 10 12 std/ext a a b/a b/a c/b c/b c/b d/c/b d/c/b /d e/d e/d 20 26 13 16 std/ext a a /a b/a c/b c/b d/c/b d/c d/c /d d/e /e 25 32 17 22 std/ext a a b/a c/b c/b d/c d/c e 35 46 23 28 std/ext a a a a b/a b/a b/a c/b c/b c d/c d/ d d/e /e 50 65 33 40 std/ext a b/a b b c/b c c /c d/c d/ d d/e *letter code after / indicates new extended range. please indicate size code on ordering. n o tes 1. be sure polarity. positive (+) side has white belt. 2. for cleaning, freon ? te, tes and tms are recommended at a temperature less than 50c for a period less than 5 minutes. 3. when ultrasonic cleaning is necessary, fixing capacitor body by epoxy adhesive before soldering is recommended. establish adequate cleaning conditions by experiment to avoid damaging capacitor terminations. 4. limit reverse voltage to 1.0v or less than 5% of rated voltage whichever is smaller. 5. in case of low impedance circuit use (less than 3 ? /v), adequate voltage derating is recommended to improve m.t.b.f. 6. in case of automatic mounting, the tweezer pressure shall be less than 500 grams and should not exceed 5 seconds. s tandard r atings and c ase s ize d istribution * tc s eries a a b/a c/b a b/a d/c/b b/a a a a c/b/a d/c/b a c/b a b/a c/b d/c d/c e/d
34 4.0 6.3 10 16 20 25 35 50 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 a 9.0 a 7.5 a 6.5 a 6.0 b 4.0 b 3.5 b 3.2 c 2.5 b 2.4 c 2.2 c 1.8 c 1.6 d 1.1 d 0.9 d 0.7 e 0.6 a 9.0 a 7.5 a 6.5 a 6.0 b 4.0 b 3.5 b 3.2 c 2.5 b 2.4 c 2.2 b 2.0 c 1.8 c 1.6 d 1.1 d 0.9 d 0.8 d 0.6 e 0.6 d 0.7 a 10.0 a 7.5 a 6.5 a 6.0 b 4.0 b 3.5 b 3.2 c 2.5 b 2.4 c 2.2 b 2.5 c 1.8 c 1.6 d 1.1 c 1.6 d 0.9 d 0.8 d 0.7 e 0.7 d 0.8 e 0.6 d0.9 a 11.0 a 8.0 a 7.0 b 5.5 a 6.2 b 4.4 b 3.6 b 3.3 c 2.6 b 2.4 c 2.2 c 1.8 c 1.2 d 0.9 d 0.8 d 0.7 e 0.8 d 0.7 e 0.7 a 12.0 a 10.0 a 7.5 b 5.0 b 3.8 b 3.5 c 2.8 c 2.4 c 2.0 d 1.3 c 1.7 d 1.1 c 1.5 d 0.9 d 0.8 d 0.7 e 0.9 e 0.6 a 14.0 a 10.0 a 9.0 b 7.0 b 5.5 b 4.5 b 3.6 c 2.8 c 2.4 c 2.0 d 1.4 c 1.8 d 1.2 d 1.0 d 0.8 e 0.7 e 0.9 a 24.0 a 21.0 a 18.0 a 15.0 a 12.0 b 10.0 a 9.0 b 8.0 b 6.5 b 5.2 c 4.5 c 3.5 c 2.5 c 2.2 d 1.5 d 1.3 d 1.0 e 0.8 e 0.7 a 22.0 a 20.0 b 17.0 b 14.0 b 12.0 b 10.0 c 8.0 c 7.5 c 5.5 c 4.0 c 3.5 d 2.5 d 2.0 d 1.4 e 1.2 cal-chip e l e c t r o n i c s , i n c o r p o r a t e d tc series tantalum solid electrolytic capacitors - resin molded chip type, standard type max esr ( ? ) @ 100khz, +25c / by value and case size vw (vc) cap (?) 4.0 6.3 10 16 20 25 35 50 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 a0.088 a0.097 a0.104 a0.108 b0.141 b0.151 b0.158 c0.210 b0.183 c0.224 c0.247 c0.262 d0.369 d0.408 d0.463 e0.524 a0.088 a0.097 a0.104 a0.108 b0.141 b0.151 b0.158 c0.210 b0.183 c0.224 bo.208 c0.247 c0.262 d0.369 d0.408 d0.8 do.486 e0.524 e0.524 a0.084 a0.097 a0.104 a0.108 b0.141 b0.151 b0.158 c0.210 b0.183 c0.224 bo.208 c0.247 c0.262 d0.369 co.277 d0.408 d0.433 d0.462 e0.486 do.524 e0.524 e0.524 a0.080 a0.094 b0.100 b0.121 a0.106 b0.135 b0.149 b0.156 c 0.206 b 0.183 c 0.224 c0.247 co.277 d0.408 d0.433 d0.463 e0.454 do.463 e0.486 a0.076 a0.084 a0.097 b0.126 b0.145 b0.151 c0.198 c0.214 c0.235 d0.340 c0.254 d0.369 co.277 d0.408 d0.433 d0.486 eo.454 e0.486 a0.071 a0.084 a0.088 b0.107 b0.121 b0.133 b0.149 c0.198 c0.214 c0.235 d0.327 c 0.247 d0.354 d0.387 d0.433 e0.486 eo.524 a0.054 a0.058 a0.062 a 0.068 a0.076 b0.089 a0.088 b0.100 b0.111 b0.124 c0.156 c0.177 c0.210 c0.224 d 0.316 d0.340 d0.387 e0.454 e0.486 a0.056 a0.059 b0.069 b0.076 b0.076 b0.082 b0.089 c0.117 c0.121 c0.141 c0.166 c0.177 d0.249 d0.274 d0.327 e0.371 max ripple current (arms) @ 100khz, +25c / by value and case size vw (vc) cap (?) eia case code a(3216) b(3528) c(6032) d(7343 e(7343h) l 0.2 3.2 3.5 6.0 7.3 7.3 w 0.2 1.6 2.8 3.2 4.3 4.3 h 0.2 1.7 1.9 2.5 2.9 4.0 p 0.3 0.8 0.8 1.3 1.3 1.3 a 0.2 1.2 2.2 2.2 2.4 2.4 h(min) 0.7 0.7 1.0 1.0 1.0 dimensions in mm tc s eries e 0.6 e 0.6 d0.486 d0.524 b 2.3 c 1.6 d 1.1 b0.35 c0.262 d0.369
35 cal-chip e l e c t r o n i c s , i n c o r p o r a t e d tc series tantalum solid electrolytic capacitors - resin molded chip type, standard type c hara cteristic d a t a & c ur ves l o ad l ife c hara cteristic c ur ves (tc s eries ) t empera ture c hara cteristic c ur ves (tc s eries ) frequency dependence of the permissible superimposed ac voltage effect of circuit impedance on the failure rate effect of the applied voltage and ambient temperature on the failure rate immersion method reflow method tc s eries
36 cal-chip e l e c t r o n i c s , i n c o r p o r a t e d tc series tantalum solid electrolytic capacitors - resin molded chip type, standard type t aping s pecifica tions dimensions in mm embossed plastic tape per eia-481-1 eia size 3216 3528 6032 7343 7343h case code a b c d e a o ?.2 1.9 3.1 3.9 4.7 4.7 b o ?.2 3.9 3.9 6.3 7.7 7.7 w 8.0?30 8.0?30 12.0?30 12.0?30 12.0?30 f 3.5?05 3.5?.5 5.5?05 5.5?05 5.5?05 p 4.0 4.0 8.0 8.0 8.0 d 1 1.0 1.0 1.5 1.5 1.5 b 1 4.2 4.2 8.2 8.2 8.2 k max 2.4 2.4 4.5 4.5 4.5 tape size 8mm 8mm 12mm 12mm 12mm 7 reel 2000 2000 500 500 500 13 reel 9000 8000 3000 2500 2500 quantity per reel s t and ard o rient a tion standard reel diameter is 7 and 13 reels are available on special order with (13) added to the end of the part number. cover tape peel-off specification 1. peel-off speed: 300 mm/min. 2. peel-off force: f = 30 - 75g 3. peel-off angle: = 0 - 15 tc s eries


▲Up To Search▲   

 
Price & Availability of TCKOJ155AT13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X