Part Number Hot Search : 
MAX17031 ATS04 BT138 16080 ATPA02G LP3110 BA534 T89C2
Product Description
Full Text Search
 

To Download SJ2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bristol, pa 19007-6810 usa tel (215) 781-9956 ? fax (215) 781-9845 printouts of this document may be out of date and should be considered uncontrolled ? info@arieselec.com www.arieselec.com features ? these shorting plugs and jacks are used in conjunction with aries dip strips, available separately, for your programming needs. consult data sheet 16007 and data sheet 16008 for details. ? convenient handle for insertion and withdrawal. ? jacks available in both rohs and sn/pb versions shorting jack (sj200) specifications ? body material: black ul 94v-0 glass-filled 4/6 nylon ? pin body: brass 360 1/2-hard per uns c36000 astm-b16-00 ? pin body plating: 200 [5.08m] min. sn per astm b545 type 1 over 100 [2.54m] min. ni per sae-ams-qq-n-290 -or- 200 [5.08m] min. 93/7 sn/pb per astm b545 over 100 [2.54m] min. ni per sae-ams-qq-n-290 ? 4-finger collet contact: be-cu per uns c17200 astm-b194-01 ? contact plating: 30 [0.76m] min. au per mil-g-45204 over 50 [1.27m] min. ni per sae-ams-qq-n-290 ? contact current rating: 8 amps ? operating temperature: -67f to 221f [-55 to 105c] ? insertion force: 240 grams/pin ? withdrawal force: 130 grams/pin ? normal force: 210 grams/pin, based on a 0.040 [1.02] dia. test lead ? accepts leads: 0.032-0.047 [0.81-1.19] in dia., 0.130-0.180 [3.30- 4.56] long shorting plug (sp200) specifications ? body material: black ul 94v-0 glass-filled 4/6 nylon ? pin: brass 260 1/4- or 1/2-hard ? pin plating:10 [0.25m] au per mil-g-45204 over 50 [1.27m] ni per sae-ams-qq-n-290 ? contact current rating: 5 amps ? operating temperature: -67f to 221f [-55 to 105c] 16009 1 of 1 rev. ab series sp200 & sj200 0.040 [1.02] shorting plugs and jacks customization : in addition to the standard products shown on this page, aries specializes in custom design and production. special materials, platings, sizes, and configurations can be furnished, depending on the quantity. note : aries reserves the right to change product general specifications without notice. all dimensions in inches [millimeters] all tolerances 0.005 [0.13] unless otherwise specified order ing information jacks C specify p/n sj200 (rohs) or p/n sj200-tl (sn/pb) which are used with aries male dip strips, series m40, see data sheet 16007 for details. plugs C specify p/n sp200 which is used with aries female dip strips, series f40, see data sheet 16008 for details.


▲Up To Search▲   

 
Price & Availability of SJ2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X