Part Number Hot Search : 
NASC1 FFIV1 H74A1 L7808ACP LMR931G 4EM3T5 CIT8050 EA09178
Product Description
Full Text Search
 

To Download PUDP-26-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   ?  ? " ? 
 ?  ? 
    connector outline     odd number circuits even number circuits circuit no.1 "  ?  ?        ?  ? 
 ?      
connector outline odd number circuits even number circuits circuit no.1     
    1  ? njo njo njo njo " ?  ?  connector outline circuit no.1 even number circuits odd number circuits  

note: 1.tolerances are non-cumulative: 0.05mm for all centers. 2.the dimensions above should serve as a guideline. contact jst for details. note: 1.tolerances are non-cumulative: 0.05mm for all centers. 2. hole dimensions differ according to the kind of pc board and piercing method. the dimensions above should serve as a guideline. contact jst for details. pud connector 2.0mm pitch/disconnectable crimp style connectors this is a board-to-wire connector with secure locking device that has been designed to 2.0mm pitch, crimping style and double-row. in spite of realizing low insertion force, the stable electric connection is demonstrated against the condition such as vibration, pinching and dry circuit. it is possible to unfasten the locking even if the header is surrounded with a case wall within height of header because the tip of locking device in receptacle does not protrude from its area. specifications ?current rating: 3a ac, dc (awg#22) ?voltage rating: 250v ac, dc ?temperature range: - 25?c to + 85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/10m max. after environmental testing/20m max. ?insulation resistance: 1,000m min. ?withstanding voltage: 800v ac/minute ?applicable wire: 001 type/awg #26 to #22 002 type/awg #28 to #24 * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e 60389 ?high reliability contact ?superior operability ?secure locking structure ?polarizing key for mounting on pc board pc board layout (viewed from component side) and assembly layout top entry type smt type side entry type
2 contact pud connector "  #   circuit no.1 mark  "  #  circuit no.1 mark circuits model no. dimensions (mm) " # material q?y / bag pbt, ul94v-0, natural                                                                               pudp-08v-s pudp-10v-s pudp-12v-s pudp-14v-s pudp-16v-s pudp-18v-s pudp-20v-s pudp-22v-s pudp-24v-s pudp-26v-s pudp-28v-s pudp-30v-s pudp-32v-s pudp-34v-s pudp-36v-s pudp-38v-s pudp-40v-s      material and finish model no. applicable wire q?y / reel nn  "8( insulation o.d. (mm) copper alloy, tin-plated (reflow treatment) spud-001t-p0.5 spud-002t-p0.5 ? ? ? ? ? ?     rohs compliance rohs compliance "  #   circuit no.1 mark   "  # circuit no.1 mark "  #   circuit no.1 mark "  #   circuit no.1 mark contact crimping machine ap-k2n mks-l ? mk/spud-001-05 ? applicator crimp applicator dies aplmk spud001-05 ? crimp applicator with dies spud-001t-p0.5 ap-k2n mks-l ? mk/spud-002-05 ? aplmk spud002-05 ? spud-002t-p0.5 housing as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. pudp-08v-s s...natural z...ivory e...blue k...black tr...tomato red mg...moss green dpk...dark pink cb...cobalt blue do...dark orange a8, 10 circuits ? a16, 18 circuits ? a24 to 28 circuits ? a30 to 40 circuits ? a12, 14 circuits ? a20, 22 circuits ?
"  #       circuit no.1 "  #       circuit no.1  " #       circuit no.1 "  #        circuit no.1 b 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 b08b-pudss b10b-pudss b12b-pudss b14b-pudss b16b-pudss b18b-pudss b20b-pudss b22b-pudss b24b-pudss b26b-pudss b28b-pudss b30b-pudss b32b-pudss b34b-pudss b36b-pudss b38b-pudss b40b-pudss b08b-pudss-1 b10b-pudss-1 b12b-pudss-1 b14b-pudss-1 b16b-pudss-1 b18b-pudss-1 b20b-pudss-1 b22b-pudss-1 b24b-pudss-1 b26b-pudss-1 b28b-pudss-1 b30b-pudss-1 b32b-pudss-1 b34b-pudss-1 b36b-pudss-1 b38b-pudss-1 b40b-pudss-1 s08b-pudss-1 s10b-pudss-1 s12b-pudss-1 s14b-pudss-1 s16b-pudss-1 s18b-pudss-1 s20b-pudss-1 s22b-pudss-1 s24b-pudss-1 s26b-pudss-1 s28b-pudss-1 s30b-pudss-1 s32b-pudss-1 s34b-pudss-1 s36b-pudss-1 s38b-pudss-1 s40b-pudss-1 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 40.0 42.0 3,300 2,750 2,310 1,980 1,760 1,650 1,430 1,320 1,210 1,100 1,100 990 880 880 770 770 770 a circuits top entry type without boss with boss with boss q?y / box dimensions (mm) model no. side entry type material and finish post: copper alloy, copper-undercoated, tin-plated (reflow treatment) wafer: glass-filled pa 66, ul94v-0, natural rohs compliance this product displays (lf)(sn) on a label. note: color indication was changed. berofe change; s...natural (ivory) after change; s...natural a8, 10 circuits ? # "         circuit no.1 a12 to 18 circuits ? 3 pud connector a20 to 40 circuits ? "  #        circuit no.1 through-hole type shrouded header a8, 10 circuits ? a12 to 18 circuits ? a20 to 40 circuits ? top entry type side entry type as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. b08b-puds s-1 s...natural z...ivory e...blue k...black tr...tomato red mg...moss green dpk...dark pink cb...cobalt blue do...dark orange
as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. bm-10b-puds s-tfc s...natural z...ivory k...black tr...tomato red mg...moss green dpk...dark pink cb...cobalt blue do...dark orange 4 pud connector smt type shrouded header "    # circuit no.1 "    # circuit no.1 "    # circuit no.1  "   # circuit no.1 circuits model no. dimensions (mm) " # q?y / reel                                         bm10b-pudss -tfc bm12b-pudss -tfc bm14b-pudss -tfc bm16b-pudss -tfc bm18b-pudss -tfc bm20b-pudss -tfc bm24b-pudss -tfc bm26b-pudss -tfc bm28b-pudss -tfc bm30b-pudss -tfc material and finish post: copper alloy, copper-undercoated, tin-plated (reflow treatment) wafer: polyamide, ul94v-0, natural a10 circuits? a12, 14, 16, 18 circuits? a20, 24 circuits ? a26, 28 circuits ? rohs compliance this product displays (lf)(sn) on a label.


▲Up To Search▲   

 
Price & Availability of PUDP-26-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X