Part Number Hot Search : 
0181A 10201 863005A RFHA1025 UTO1024 IRFRC20 BUZ16 161CNQ
Product Description
Full Text Search
 

To Download PP05-122NF10630V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  exemple de codification la commande marquage modle capacit - tolrance t ension nominale date - code marking model capacitance - tolerance rated voltage date - code dilectrique p olypropylne mtallis + armatures mtallises double face t echnologie autocicatrisable, non inductif bo?tier plastique obtur rsine auto-extinguible applications f ortes impulsions de courant circuit de protection hautes frquences dielectric metallized polypropylene + double metallized foil t echnology self-healing, non inductive plastic case flame retardant resin sealed applications high current pulses protection circuit high frequencies pp 05 condensateurs polypropylne mtallis metallized polypropylene capacitors 16 how to order pp 05 - 2 10 nf 10 % 630 v t ype appellation commerciale capacitance capacit capacitance tolerance t olrance sur capacit rated voltage (v dc ) t ension nominale ( v cc ) l x 15 x h e w pp 05 sorties axiales / axial leads caractristiques gnrales general characteristics t emprature d'utilisation ?55? + 105 c operating temperature catgorie climatique 55 / 105 / 56 climatic category t angente de langle de pertes 1 khz x 10.10 ? dissipation factor at 1 khz rsistance d'isolement insulation resistance ? pour c r x 330 nf x 100 000 m ? ? for c r x 330 nf ? pour c r ` 330 nf x 30 000 m ? . ? ? for c r ` 330 nf t ension de tenue 1,6 u rc / 10 s w ithstand voltage dcroissance de la tension u rc ou u ra en decrease of the rated voltage u rc or u ra fonction de la temp. entre 85c et 105c 1,3 % / c versus temperature between 85c and 105c autres caractristiques voir page 12 for other characteristics see page 12 rfrence l x w pp 05 - 1 10,5 7,62 0,6 pp 05 - 2 13 10,16 0,6 pp 05 - 3 18 15,24 0,8 + 10 % - 0,05 + 0,4 - + 1 - v aleurs de capacit et de tension capacitance values and rated voltage t oute valeur intermdiaire est excute dans les dimensions de la valeur immdiatement suprieure any intermediate value is made in the dimensions of the next higher value tolrances sur capacit / capacitance tolerances 10% 5% 250 v cc 180 v ca 400 v cc 250 v ca 630 v cc 300 v ca (1) 1 000 v cc 375 v ca (2) 16 00 v cc 650 v ca 2 000 v cc 700 v ca 2 500 v cc 900 v ca pp 05 - 1 longueur / lenght 10,5 1 entraxe / lead spacing 7,62 0,4 pp 05 - 2 longueur / lenght 13 1 entraxe / lead spacing 10,16 0,4 pp 05 - 3 longueur / lenght 18 1 entraxe / lead spacing 15,24 0,4 * h e dv/dt * h e dv/dt * h e dv/dt * h e dv/dt * h e dv/dt * h e dv/dt * h e dv/dt 330 pf 3,3 nf 4,7 6,8 10 15 22 33 47 68 84 2000 84 1400 84 1400 84 1000 84 800 84 800 11 5 800 11 5 800 12 6 800 84 2000 84 1400 84 1400 84 1200 11 5 1200 11 5 1200 11 5 1200 12 6 1200 84 2000 84 1400 84 1400 11 5 1400 11 5 1400 12 6 1400 842 000 11 5 2 000 11 5 2 000 12 6 2 000 1 nf 6,8 nf 10 15 22 33 47 68 100 94 1400 94 1200 94 1200 94 1100 94 700 94 700 11 5 700 12 6 700 94 1400 94 1200 94 1200 94 1100 11 5 1000 12 6 600 94 1400 94 1200 94 1200 11 5 1200 12 6 1200 94 1400 11 5 1400 12 6 1400 1 nf 1,5 nf 2,2 3,3 4,7 6,8 10 15 22 33 47 68 0,1 f 0,15 0,22 0,33 0,47 11 5,5 1000 11 5,5 1000 11 5,5 600 13 6,5 600 14,5 7,5 600 15 8,5 600 16 10 600 11 5,5 1000 11 5,5 1000 11 5,5 1000 13 6,5 1000 14,5 7,5 1000 16 10 1000 11 5,5 2500 11 5,5 2500 11 5,5 2500 11 5,5 2500 13 6,5 2500 14,5 7,5 2500 16 10 2500 16 10 2500 11 5,5 2500 11 5,5 2500 11 5,5 2500 11 5,5 2500 13 6,5 2500 14,5 7,5 2500 15 8,5 2500 16 10 2500 11 5,5 2500 11 5,5 2500 11 5,5 2500 11 5,5 2500 13 6,5 2500 13 6,5 2500 15 8,5 2500 11 5,5 2500 11 5,5 2500 11 5,5 2500 11 5,5 2500 11 5,5 2500 13 6,5 2500 14,5 7,5 2500 16 10 2500 11 5,5 1800 13 6,5 1800 14,5 7,5 1800 15 8,5 1800 16 10 1800 0,5 0,5 0,5 0,5 0,5 0,5 0,5 0,5 0,5 0,5 0,5 0,5 0,5 0,5 * dv / dt : variation admissible de la tension en v / s * dv / dt : permitted potential gradient in v / s (1) pour pp 05 - 3 / for pp 05 - 3 t ension / v oltage u rc 630 v cc t ension / v oltage u ra 400 v ca (2) pour pp 05 - 2 et pp 05 - 3 / for pp 05 - 2 et pp 05 - 3 t ension / v oltage u rc 1 000 v cc t ension / v oltage u ra 600 v ca


▲Up To Search▲   

 
Price & Availability of PP05-122NF10630V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X