Part Number Hot Search : 
2SC3910 3DG64 1SAM7 KIA7045A D6K40 2N372 TA2111FN C552L
Product Description
Full Text Search
 

To Download PFC-W1206R07-33R2-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division general note irc reserves the right to make changes in product specification without notice or liability. all information is subject to ircs own data and is considered accurate at time of going to print. a subsidiary of tt electronics plc ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com pfc series issue october 2006 non-leaching nickel barrier wrap around termination ultra stable tantalum nitride resistor flm system precision thin film chip resistors pfc series ? standard 60/40 sn/pb and pb-free (rohs compliant) terminations available ? available in 0603, 0805, 1206, 1505, 2010 and 2512 chip sizes ? tested for cots applications ? absolute tcr to 10ppm/c ? mil screening available electrical data the irc tanfilm ? pfc chip resistor series provides the high precision and ultra stable performance of our tantalum nitride resistive flm system in 0603, 0805, 1206, 1505, 2010 and 2512 sizes. the unique characteristics of the passivated tantalum nitride flm insure long term life stability and stability in moist environments. using the same manufacturing line as the pfc military series, ircs precision chips maintain the same supe - rior environmental performance. specially selected materials and processes insure initial precision is main - tained in the harshest surface mount soldering environment. wrap-around terminations with leach-resistant nickel barriers insure high integrity solder connections. model power rating (70c) max voltage rating ( p x r) temperature range esd sensitivity noise termination substrate w0603 100mw 75v -55c to +150c 2kv to 4kv (hbm) <-25db 60/40 sn/pb or 100% tin (rohs compliant) plated over nickel barrier 99.5% alumina w0805 250mw 100v w1206 333mw 200v w1505 350mw 100v w2010 800mw 175v w2512 1.0w 200v environmental test mil-prf-55342 maximum ? r per characteristic e performance typical maximum thermal shock 0.10% 0.02% 0.10% low temperature operation 0.10% 0.01% 0.05% short time overload 0.10% 0.01% 0.05% high temperature exposure 0.10% 0.03% 0.10% effects of solder 0.20% 0.01% 0.10% moisture resistance 0.20% 0.03% 0.10% life 0.50% 0.03% 0.10% environmental data
irc advanced film division pfc series issue october 2006 ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com 5%, 2%, 1%, 0.5%, 0.1% 5%, 2%, 1%, 0.5% , 0.1%, 0.05%, 0.02% 25ppm/c 50 or 100ppm/c w0805 5 10 50 100k 180k 267k 5%, 2%, 1%, 0.5%, 0.1%, 0.05% resistance range 100 w1206 5 10 50 400k 650k 1.0m 100 200 200 w0603 5 10 50 50k 75k 100k 100 200 15ppm/c 10ppm/c absolute t olerance absolute tcr 5%, 2%, 1%, 0.5% 5%, 2%, 1%, 0.5% , 0.1%, 0.05%, 0.02% 25ppm/c 50 or 100ppm/c w1505 5 10 50 400k 650k 1.0m w2010 5 10 50 400k 650k 1.0m w2512 5 10 50 400k 650k 1.0m 5%, 2%, 1%, 0.5%, 0.1% resistance range absolute t olerance absolute tcr precision thin film chip resistors manufacturing capabilities data (commercial product only) 25 70 150 100 50 10 % of rated po we r te mperature (c) power derating curve
irc advanced film division pfc series issue october 2006 ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com precision thin film chip resistors 5%, 2%, 1%, 0.5%, 0.1% 25ppm/c 50 or 100ppm/c w0805 5 10 50 125k 5%, 2%, 1%, 0.5%, 0.1%, 0.05% resistance range w1206 5 10 50 125k n/a 100 100 w0603 5 10 50 59k 100 15ppm/c 10ppm/c absolute t olerance absolute tcr 100k 50k 5%, 2%, 1%, 0.5%, 0.1%, 0.05%, 0.02 % manufacturing capabilities data (mil screened only) 5%, 2%, 1%, 0.5% 5%, 2%, 1%, 0.5% , 0.1%, 0.05%, 0.02% 25ppm/c 50 or 100ppm/c w1505 5 10 50 125k w2010 5 10 50 400k w2512 5 10 50 400k 5%, 2%, 1%, 0.5%, 0.1% absolute t olerance absolute tcr resistance range l a w h b to p side bott om l w h a b w0603 0.063 ? 0.004 0.031? 0.004 0.020? 0.004 0.012? 0.005 0.015? 0.005 w0805 0.081? 0.005 0.050? 0.005 0.020? 0.006 0.015? 0.008 0.016? 0.008 w1206 0.126? 0.006 0.063? 0.005 0.024? 0.004 0.025? 0.010 0.025? 0.010 w1505 0.155? 0.007 0.050? 0.005 0.024? 0.004 0.020? 0.010 0.020? 0.010 w2010 0.203? 0.007 0.103? 0.005 0.024? 0.004 0.020? 0.008 0.020? 0.008 w2512 0.255? 0.007 0.124? 0.005 0.024? 0.004 0.020? 0.008 0.020? 0.008 physical data
irc advanced film division pfc series issue october 2006 ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com precision thin film chip resistors ircs pfc chip resistors are available with mil screening. these chips are manufactured on the same production line as our mil- qualifed chip resistors and screened in accordance with mil-prf-55342. these chips are identifed with ircs ordering informa - tion and not with mil marking. mil screened precision chip resistors prefx pfc - w1206 r - 01 - 1001 - b model w0603; w0805; w1206; w1505; w2010; w2512 termination r = 60/40 sn/pb plated solder lf = 100% tin plated (pb-free) tcr code 01 = 100ppm/c; 02 = 50ppm/c; 03 = 25ppm/c; 11 = 15ppm/c; 12 = 10ppm/c resistance code 4-digit resistance code. ex: 10r0 = 10 ? ; 1000 = 100 ?; 1001 = 1000 ?; 1002 = 10k ? tolerance code j = 5%; g = 2%; f = 1%; d = 0.5%; b = 0.1%; a = 0.05%; q = 0.02% for additional information or to discuss your specific requirements, please contact our applications team using the contact details below. commercial ordering data prefx pfc - w1206 r - 04 - 1001 - b model w0603; w0805; w1206; w1505; w2010; w2512 termination r = 60/40 sn/pb plated solder mil-screened tcr code 04 = 300ppm/c; 05 = 100ppm/c; 06 = 50ppm/c; 07 = 25ppm/c; 14 = 20ppm/c; 15 = 15ppm/c; 16 = 10ppm/c resistance code 4-digit resistance code. ex: 10r0 = 10 ? ; 1000 = 100 ?; 1001 = 1000 ?; 1002 = 10k ? tolerance code j = 5%; g = 2%; f = 1%; d = 0.5%; b = 0.1%; a = 0.05%; q = 0.02% mil screened ordering data* *please refer to our pfc military datasheet to order parts qualifed to mil-prf-55342.


▲Up To Search▲   

 
Price & Availability of PFC-W1206R07-33R2-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X