Part Number Hot Search : 
2SA1022 C4758 MMSZ5234 HAF1009 TGA4507 TA0751B RF003BM MC330790
Product Description
Full Text Search
 

To Download OSC-1A2100MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product data sheet osc series ultra miniature tcxo s features low cost 3.0 or 5.0 vdc option reflow solderable <2.2 mm height voltage tune option applications wireless handsets, pcs, gsm, cellular pcmcia applications gps description vectron international has introduced a series of low-pro- file, low cost, surface mount, temperature compensated crystal oscillators (tcxos) available in frequencies from 10 mhz to 50 mhz. the osc series low-profile (0.09 inch maximum height), surface mount tcxos can be mounted using the stan- dard convection reflow process. the units feature a ppm frequency vs. temperature characteristic over a to operating range and operate from a 3.0v or 5v supply. current drain <2.0 ma. aging <1ppm/year and phase noise is -125 dbc/hz at 100 hz and -150 dbc/hz at 100 khz. the osc series of tcxos and tcvcxos has been designed for pick-and-place mounting and reflow sol- dering. units are available on tape-and-reel at no addi- tional charge. the reel size is 2000 pcs. and is compati- ble with eiaj-1009b standards. the low-cost, miniature units are ideal for wireless handsets, pcmcia applica- tions, and gps receivers.
osc series ultra miniature tcxo s vectron international 267 lowell road, hudson, nh 03051 tel: 1-88-vectron-1 fax: 1-888-fax-vectron option a = +5 vdc option b= +3 vdc frequency range: 10 mhz to 50 mhz stability options: 1 = ppm -20 to (relative to 2 = ppm -30 to 3 = ppm -30 to 4 = ppm -40 to stability vs. supply ppm vs b+ of aging (typical): < 1.0 ppm/year at input voltage: +5.0 vdc +3.0 vdc current: <1.5 ma (10.0 to 16.8 mhz) <2.0 ma (16.8 to 20.0 mhz) <3.0 ma (20.1 to 35.0 mhz) <4.0 ma (35.1 to 50.0 mhz) output: +5.0 vdc = 1.0 vp-p minimum +3.0 vdc = 0.7 vp-p minimum clipped sinewave load: 10 k /10pf mechanical trim: ppm min. trim options: 0 = mechanical trim, no vco 1 = ppm vc & mechanical 2 = voltage trim only ppm min. voltage control input impedence: 100k minimum supply voltage: +5.0 vdc +3.0 vdc control voltage range: +0.5vdc to +4.5vdc +0.5vdc to +2.5vdc frequency tolerance at ppm at +2.5 vdc ppm at +1.5 vdc start-up time: <10 ms (typical) to within ppm harmonics: 2nd harmonic > 3 dbc down 3rd harmonic > 6 dbc down other > 10 dbc down phase noise (typical): -80 dbc/hz max. at 10 hz offset at 10 mhz -125 dbc/hz max. at 100 hz offset -145 dbc/hz max. at 1 khz offset -148 dbc/hz max. at 10 khz offset -150 dbc/hz max. at 100 khz offset 2 performance characteristics parameter characteristics
osc series ultra miniature tcxo s vectron international 267 lowell road, hudson, nh 03051 tel: 1-88-vectron-1 fax: 1-888-fax-vectron terminal #1 identifier 0.025 (0.7) 4 places 0.050 (1.3) 4 places 0.040 (1.2) 4 places 0.300 (7.62) 0.020 (0.5) 0.09 (2.2) max 0.055 (1.4) 2 places frequency adjust access 0.47 (11.8) max 0.39 (9.9) max 1 2 3 4 1 2 3 4 1.9mm 8.4mm 7.62mm 1.9mm 1.4mm 1.4mm model osc land pattern convection reflow profile warm-up >30 sec. pre-heating 50 to 90 sec at reflow 20 to 40 soc the osc series of tcxo s and vctcxo s has been designed for pick and place and reflow sol- dering. units are available on tape and reel at no additional charge when ordering a complete reel. the reel size is 2000 pcs and is compatible with eiaj-1009b standards. the suggested reflow profile is shown below. the tcxo may be reflowed two times. frequency shift as a result of reflow will be <1.0ppm. units should not be adjusted to center frequencies until at least 2 hours after reflow to allow the crystals to stabilize. the osc footprint is compatible with many of the previous generation 6 pin leaded tcxo s. our ose model is the same size as the osc except it provides the two additional pads to match pad con- nections of 6 pin leaded tcxo s and vctcxo s. tcxo s are precision subsystems with tolerances measured to non-hermeti- cally sealed tcxo s should not be subjected to a wash process that will immerse the tcxo in sol- vents. no clean is the recommended procedure. pin 1 = vc or n/c pin 2 = ground pin 3 = output pin 4 = b+ 3
vectron international reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such prod uct(s) or information. printed in usa 2/99, rev. 8/19/02 www.vectron.com 4 visit our website at www.vectron.com 10.0 12.8 13.0 14.4 15.56 16.0 19.2 19.98 20.0 25.0 standard frequencies* (mhz) order information how to order osc- stability code (from page 2) input voltage a = +5.0 vdc <2.0 ma max. b = +3.0 vdc <1.5 ma (10.0 to 16.8 mhz) <2.0 ma (16.8 to 20.0 mhz) at frequency trim option 0 = mechanical trim, no vco 1 = ppm vc & mechanical 2 = voltage trim only ppm min. example of typical p/n osc-3b2 19.2 mhz 3 = ppm b = +3.0 vdc 2 = voltage tune no mechanical trimmer for additional information please contact: osc series ultra miniature tcxo s


▲Up To Search▲   

 
Price & Availability of OSC-1A2100MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X