product information is current as of publication date. the product conforms copyright ? 2010, pletronics inc. to specifications per the terms of the pletronics standard warranty. production processsing does not necessarily in clude testing of all parameters. o e a4211-26.00m tcvcxo oscillator november 2010 ? pletronics? o e a4 is from the o e xo? series of temperature compensated voltage controlled crystal oscillator with a cmos output. ? tape and reel packaging is available ? 5 x 7 mm lcc ceramic package ? supply voltage: 3.3v pletronics inc. certifies this device is in accordance with the rohs (2002/95/ec) and w eee (2002/96/ec) directives. pletronics inc. guarantees the device does not contain the following: cadmium, hexavalent chromium, lead, mercury, pbb?s, pbde?s weight of the device: 0.20 grams moisture sensitivity level: 1 as defined in j-std-020d.1 second level interconnect code: e4 absolute maximum ratings: parameter unit v cc supply voltage -0.5v to +6.5v vi input voltage -0.5v to v cc + 0.5v vo output voltage -0.5v to v cc + 0.5v thermal characteristics the maximum die or junction temperature is 155 o c the thermal resistance junction to board is 30 to 50 o c/watt depending on the solder pads, ground plane and construction of the pcb. esd rating model minimum voltage conditions human body model 1500 mil-std-883 method 3115 charged device model 1000 jesd 22-c101
o e a4211-26.00m tcvcxo oscillator nove mber 2010 www.pletronics.com 425-776-1880 2 2600. yww c ple xywwz part marking: 2600 = 26.00mhz, the crystal frequency yww = year and week of the crystal manufacture ple = pletronics x = model number, normally a ?b? yww = year and week of assembly of the tcxo z = internal factory code the actual part number is oea4211-26.00m where the model number ? 211 ? is the specification number the part is made to. this is not included in the part marking. this is included on the label on the tape and reel. reliability : environmental compliance parameter condition mechanical shock mil-std-883 method 2002, condition b vibration mil-std-883 method 2007, condition a solderability mil-std-883 method 2003 thermal shock mil-std-883 method 1011, condition a package labeling label is 1" x 2.6" (25.4mm x 66.7mm) label is 1" x 2.6" (25.4mm x 66.7mm) font is courier new font is arial bar code is 39-full ascii the bar code will show t he actual part number oea4211-26.00m
o e a4211-26.00m tcvcxo oscillator nove mber 2010 www.pletronics.com 425-776-1880 3 electrical specification for specified vcc=3.30v 5% over the specified temperature range. item min typ max unit condition frequency stability over temperature -75 - 75 ppb over -20 o c to 70 o c at fixed supply voltage + load (reference to midpoint min/max frequency) holdover -75 -40 0 0 75 40 ppb ppb over -20 o c to 70 o c for 24 hours over + _5 o c change for 24 hours frequency calibration -2.0 - 2.0 ppm frequency offset at 25 o c, 60 minutes after reflow. supply voltage stability -10 0 10 ppb + _ 2% variation in supply voltage load sensitivity -5 - 5 ppb 10k ohm + _10% || 15 pf + _10% warm up - 0.4 3.0 s time to reach specified frequency aging rate following reflow - - - 10 3 1 - - - ppb/day 1 day after reflow 7 days after reflow 30 days after reflow long term stability (aging) -1000 -1500 -4600 - - - 1000 1500 4600 ppb after 1 year after 5 years after 15 years output waveform cmos output v high 90 - - %vs load: 10k ohm + _10% || 15 pf + _10% vth: t r and t f 10% and 90% of amplitude vth: d.c. 50% of amplitude output v low --10%vs t rise and t fall --6.5ns duty cycle 40 50 60 % phase noise 1 hz 10 hz 100 hz 1 khz 10 khz 100 khz - - - - - - -71 -93 -117 -138 -152 -155 - - - - - - dbc/hz at 25 o c jitter - - 0.6 ps frequency offset from carrier 12khz to 20mhz v supply range 1 v cc 3.13 3.30 3.47 volts supply current i cc --6.0ma vcontrol range 0.5 - 2.50 vo lts 1.50 volts nominal frequency pullability 5 - 10 ppm slope positive linearity - 0.05 2.0 % in acco rdance with mil-prf-55310 operating temperature -20 - +70 o c widest range allowed storage temperature -55 - +95 o c note: 1 for correct operation a 10nf supply de-coupling capacitor should be placed next to the device.
o e a4211-26.00m tcvcxo oscillator nove mber 2010 www.pletronics.com 425-776-1880 4 12 43 1 4 2 3 mechanical: not to scale inches mm a 0.276 + _0.006 7.00 + _0.15 pad function note b 0.197 + _0.006 5.00 + _0.15 1 vcontrol input efc, electronic fr equency control. c 0.099 max 2.50 max d 1 0.039 1.00 2 ground (gnd) e 1 0.197 5.00 3 output f 1 0.025 0.90 4 supply voltage (v cc ) recommend connecting appropriate power supply bypass capacitors as close as possible. g 1 0.118 3.00 h 1 0.020 0.50 contacts: 1 typical dimensions j 1 0.051 1.30 gold 11.8 to 39.4 inches (0.3 to1.0 m) over nickel 50 to 350 inches (1.27 to 8.89 m) k 1 0.154 3.90 layout and application information there are additional pads on the package bottom, these are not to be connected to any traces on the pcb, solder masking on the pcb should be used to make sure no contact is made. for optimum stability and jitter performance, pletronics recommends: ? a ground plane under the device ? no large transient signals (both current and voltage) should be routed under the device ? do not layout near a large magnetic field su ch as a high frequency switching power supply ? minimize air flow across the device
o e a4211-26.00m tcvcxo oscillator nove mber 2010 www.pletronics.com 425-776-1880 5 260c maximum 10 seconds maximum 215c10c approximately 50 seconds allowed rate of temperature change maximum 4c per second 120 to 160 seconds 100 150 200 250 temperature (c) 175c10c reflow cycle (typical for lead free processing) the part may be reflowed 2 times without degradation. tape and reel: available for quantities of 250 to 1000 per reel, cut tape for < 250 constant dimensions table 1 tape size d0 d1 min e1 p0 p2 s1 min t max t1 max 8mm 1.5 +0.1 -0.0 1.0 1.75 + _0.1 4.0 + _0.1 2.0 + _0.05 0.6 0.6 0.1 12mm 1.5 16mm 1.5 2.0 + _0.1 24mm 1.5 variable dimensions table 2 tape size b1 max e2 min f p1 t2 max w max ao, bo & ko 16 mm 12.1 14.25 7.5 + _0.1 8.0 + _0.1 8.0 16.3 note 1 note 1: embossed cavity to conform to eia-481-b dimensions in mm not to scale reel dimensions a inches 7.0 26.0 13.0 mm 177.8 254.0 330.2 b inches 2.50 4.00 3.75 mm 63.5 101.6 95.3 tape width c mm 13.0 +0.5 / -0.2 d mm 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.0 reel dimensions may vary from the above
o e a4211-26.00m tcvcxo oscillator nove mber 2010 www.pletronics.com 425-776-1880 6 important notice pletronics incorporated (ple) reserves the right to make corrections, improvements, modifications and other changes to this product at anytime. ple reserv es the right to discontinue any product or service without notice. customers are responsible for obtaining the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ple?s terms and conditions of sale supplied at the time of order acknowledgment. ple warrants performance of this product to the specifications applicable at the time of sale in accordance with ple?s limited warranty. testing and other quality control techniques are used to the extent ple deems necessary to support this warranty. except where mandated by specific contractual documents, testing of all parameters of each product is not necessarily performed. ple assumes no liability for application assistance or customer product design. customers are responsible for their products and applications usi ng ple components. to minimize the risks associated with the customer products and applications, customers should provide adequate design and operating safeguards. ple products are not designed, intended, authorized or warranted to be suitable for use in life support applications, devices or systems or other critical applications that may involve potential risks of death, personal injury or severe property or environm ental damage. inclusion of ple products in such applications is understood to be fully at the risk of the customer. use of ple products in such applications requires the written approval of an appropriate ple officer. questions concerning potential risk applications should be directed to ple. ple does not warrant or represent that any license, either express or implied, is granted under any ple patent right, copyright, artwork or other intellectual pr operty right relating to any combination, machine or process which ple product or services are used. information published by ple regarding third-party products or services does not constitute a license from ple to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ple under the patents or other intellectual property of ple. reproduction of information in ple data sheets or w eb site is permissible only if the reproduction is without alteration and is accompanied by associated warranties, conditions, limitations and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ple is not responsible or liable for such altered documents. resale of ple products or services with statements different from or beyond the parameters stated by ple for that product or service voids all express and implied warranties for the associated ple product or service and is an unfair or deceptive business practice. ple is not responsible for any such statements. contacting pletronics inc. pletronics inc. tel: 425-776-1880 19013 36 th ave. west fax: 425-776-2760 lynnwood, wa 98036-5761 usa e-mail: ple-sales@pletronics.com url: www.pletronics.com copyright ? 2010, pletronics inc.
|