Part Number Hot Search : 
PDS760 6800P 92315 WSLT2512 WH1602B MAN6730 PAXCDS40 SM5133
Product Description
Full Text Search
 

To Download ODN9-5725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications frequency/gain: see above bandwidth @2:1 swr: 200 mhz or better impedance: 50 ohm nominal max power: 100 watts (odn/scr series) odn6 beamwidth: 25 o vertical, 360 o horizontal odn9 beamwidth: 14 o vertical, 360 o horizontal scr series beamwidth: 30 o vertical, 60 o horizontal front-to-back ratio: 30 db for scr series lightning protection: external recommended scr series aperture: 3"x5.5" (8x14 cm) front face scr panel size: 3"x3"(8x8 cm) each odn6 antenna size: 14"l x1" (36 x 3 cm) od odn9 series size: 18"l x1" (46 x3 cm) od max wind velocity: 100 mph, all models scr series material: powder coated aluminum, abs radome odn series material: polycarbonate radome & irridited aluminum feed weight: <1 lbs, odn/scr models mounting: pole, surface mount, hardware included. mounting dimension: mounts up to 2"(5 cm) mast connector, odn & scr: n female device series unique specifications - preliminary 5250 models : 2.6"lx0.5"d (7x1.3 cm) 5725 models size: 2.2"lx0.5"d (6x1.3 cm) max power: 10 watts connector: sma male, straight or 90 o pstn material: pvc jacket frequency/gain: see above product specifications model numbers model description frequency scr14-5150 14 dbi corner reflector 5.15-5.35 ghz scr14-5725 14 dbi corner reflector 5.72-5.83 ghz odn6-5250 6 dbi omnidirectional 5.15-5.35 ghz odn9-5250 9 dbi omnidirectional 5.15-5.35 ghz ODN9-5725 9 dbi omnidirectional 5.72-5.83 ghz pstn3-5250 2.2 dbi straight dipole 5.15-5.35 ghz pstn3-5725 2.2 dbi straight dipole 5.72-5.83 ghz pswn3-5250 2.2 dbi 90 o dipole 5.15-5.35 ghz pswn3-5725 2.2 dbi 90 o dipole 5.72-5.83 ghz special configurations are available upon request. please consult factory for more information. scr directional series mobile mark's high frequency antennas are designed for new microwave systems, including u-nii networking. these advanced designs accommodate the high-speed wideband performance. the corner reflectors use a half-wave element. a unique balun fed design provides high efficiency without skewing the radiation pattern. the result is excellent bandwidth, gain and match. one model covers both of the lower bands (5.15 - 5.35 ghz) and another covers the upper us office & headquarters: 3900-b river road, schiller park, il 60176 tel: 800-648-2800 or 847-671-6690 fax: 847-671-6715 uk office: 106-108 anglesey business park hednesford, staffs ws12 5nr phone (+44) 1543-878343 fax (+44) 1543-871714 visit our web page at www.mobilemark.com. specifications subject to change without notice (08/2001). band. the panels are weather protected with white powder-coat, each is only 3" x 3". the element is pro- tected in an abs radome. the female n connector exits at the back. mounting hardware is provided for pole, surface and corner mount. the omni antennas use an array of uniquely phased elements. they provide a uniform pattern and excellent frequency response. the array is enclosed in black polycarbonate. windloading on the antennas is negli- gible. hardware allows pole, ceiling or surface/offset mount. the antennas terminate with a female n connec- tor. the pstn series device antennas provide a great solution for laptops, nics, and access point products. these antennas are matched half-wave designs, provid- ing up to 2.2 dbi gain. radiation pattern is omni with a broad vertical "donut". the antennas require no groundplane for operation. the lower band model radome is 2.5" (7 cm), the upper band model is only 2.3" (6 cm). both use a pvc jacket, stylized injection mold can be accommodated. the connector is a male sma. this is a new product with limited availability at the present. 14 dbi corner reflector for point to point applications 6 & 9 dbi omni for multipoint applications 2.2 dbi portable/device antenna models available for 5.15 - 5.83 ghz 5 ghz antennas (pat.pend.) omni, directional & device device series straight & 90 o right angle od series


▲Up To Search▲   

 
Price & Availability of ODN9-5725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X