Part Number Hot Search : 
HIP6301 HMC98012 DTC124E 104M1 CFR10XSA CDBF0340 XHXXX YB18T5
Product Description
Full Text Search
 

To Download OD-BC1222-23SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? single fiber bi-directional optical transceiver consists of - transmitter - receiver with 2r function - 1.3/ 1.5 m wdm function using planar lightwave circuit (plc) ? 1/2 size of conventional sff transceiver ? 1x10 half-pitch pin-out ? compact sff msa compliant ? 1, 2 and 4-channel type ? 1.25gbps data rate ? signal detect function ? transmitter disable (tdis) function ? single power supply voltage of +3.3v ? differential ac100 ohms data input/output ? lc receptacle ? lead-free and rohs compliant ? applied to gigabit ethernet operating conditions va lu e s parameter unit min. typ. max. remarks 0 ? + 70 -1xxx -5 ? + 85 -2xxx case temperature o c -40 ? + 85 -3xxx power supply voltage v + 3.135 + 3.300 + 3.465 power supply current ma ? ? 250 / ch product information 1.25gbps 1.3m/1.5m wdm bi-directional compact sff transceiver od-bc122x 4, 2 ,1-channel type od-bc122x -x x x x connecto r l : lc receptacle transmitter wavelength 3 : 1.3 m band 5 : 1.5 m band temperature 1 : 0 ~ +70 o c 2 : -5 ~ +85 o c 3 : -40 ~ +85 o c loss budge t s : 16db number of channels 1 : 1 channel 2 : 2 channels 4 : 4 channels
data subject to change without notice nec corporation sales and marketing department, fiber optic devices division (shin tamachi building) 34-6, shiba 5-chome, minato-ku, tokyo 108-0014, japan tel: +81-3-3798-5864 fax: +81-3-3798-5857 http://www.sw.nec.co.jp/on/dd/en/ ewv-19-0220-01e, jun., 2009 copyright ? 2009 nec corporation nec electronics (europe) gmbh sales and marketing of semiconductors across europe arcadiastrasse 10, d-40472 dusseldorf, germany tel: +49-211-6503-0 fax:+49-211-6503-1344 nec corporation of america (usa & canada) fiberoptech division mail stop# nc1000 2880 scott blvd, santa clara, ca 95050, u.s.a. tel: +1-408-844-1082 fax: +1-408-844-1090 performance (*) performance for each channel dimensions (unit:mm) (1-channel type (bc1221)) od-bc122x -13sl -15sl parameter unit 1.3 m tx / 1.5 m rx 1.5 m tx / 1.3 m rx bit rate gbps 1.250 transmitter laser diode type ? mlm-ld slm-ld wavelength nm 1260 ~ 1360 1480 ~ 1500 spectral width (rms) nm 3.5 ? spectral width (-20db) nm ? 0.88 mean output power dbm ? 9 ~ ? 3 extinction ratio db 9.0 transmitter disable (tdis) ? optical output enable = low level or open circuit optical output disable = high level receiver wavelength nm 1480 ~ 1500 1260 ~ 1360 2r sensitivity dbm ? 20 ? 20 2r overload dbm ? 3 ? 3 signal detect (s.d.) ? normal operation = high level fault condition = low level pin no. 1,2,3,?.10 pin configuration 1. vee t 2. td? 3. td+ 4. tdis 5. vcc t 6. vee r 7. los 8. rd? 9. rd+ 10. vcc r


▲Up To Search▲   

 
Price & Availability of OD-BC1222-23SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X