Part Number Hot Search : 
U3760MBN P09N70P D45H8 FX205 20R120 MC96406 PE4964 DS2438AZ
Product Description
Full Text Search
 

To Download OC14GT12A-01250MHZ-020-4085 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz at-cut crystal - square wave - 12.0 volts description oc14t12a series oven-controlled crystal oscillators are intended for stratum 2 applications requiring low jitter and tight stability <0.6ppm overall frequency tolerance over 15 years. for high stability stratum 2 applications low jitter <0.6ppm overall frequency tolerance over 15 years full size 14 pin dual-in-line package supply voltage 12 volts at-cut crystal efc (voltage control) as standard outline & dimensions specification ocxo - oc14t12a crystal cut: at-cut output waveform: square wave supply voltage: +12.0 vdc 0.5v frequency range: 1.25mhz to 100.0mhz initial calibration tolerance: 0.5ppm maximum frequency stability over 0 to +60c: 0.2ppm typical 0.05ppm available over -20 to +70c: 0.3ppm typical 0.1 available over -40 to +85c: 0.5ppm typical 0.2ppm available vs. voltage change: <0.1ppm for 0.5v change vs. ageing: 0.7ppm first year <4ppm over 10 years vs. load change: <0.01ppm for 5% change warm-up time: 3 minutes maximum voltage control control voltage centre: +2.5 volts (v con ) freq. deviation range: 4.0ppm min., ref. to 25c control voltage range: 0v to +5.0volts transfer function: positive: increasing control voltage increases output frequency. input impedance: 47k minimum efc linearity: 10% maximum power dissipation: 1.0w max. at steady state 2.0w max. at turn on output load: 10 ls or 47pf output logic high: +2.8v minimum output logic low: 0.4v maximum duty cycle: 50%10% rise/fall time: 7ns max (20%~80%) frequency dependant envionmental storage temperature: -65 to +125c shock: 2000g, 0.3ms ? sine vibration: 10 ~2000hz / 10g offset dbc/hz 1hz -60 10hz -90 100hz -120 1khz -130 10khz -140 phase noise (at 10mhz) test circuit part number format example: oc14gt12a-10.000-0.10/-20+70 ocxo package: oc14 rohs compliance g: rohs compliant blank: non-compliant t: output squarewave 12: supply voltage 12volts a: at-cut crystal nominal frequency 10.0mhz stability in ppm operating temperature range c lowest temperature/highest temperature 1.25mhz ~ 100.0mhz


▲Up To Search▲   

 
Price & Availability of OC14GT12A-01250MHZ-020-4085

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X