Part Number Hot Search : 
18P1100 UL7410 18P1100 TM6203 0ZB6T B25655J M62460 T02GH
Product Description
Full Text Search
 

To Download OADM20I4471S14C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19/5/2011 oadm 20 (laser, fxed sensing range, > 250 mm) 1 distance sensors photoelectric sensors www.baumer.com general data adjustment no power on indication led green soiled lens indicator led red light source pulsed red laser diode wave length 650 nm laser class 2 measuring distance sd = 100 ... 500 mm resolution 0,2 ... 0,5 mm linearity error 0,8 ... 2 mm measuring distance sd = 200 ... 1000 mm resolution 0,6 ... 2,5 mm linearity error 2,4 ... 10 mm electrical data response time / release time < 10 ms voltage supply range +vs 12 ... 28 vdc current consumption max. 100 ma output circuit analog output signal 4 ... 20 ma / 0 ... 10 vdc load resistance (analog i) < (+vs - 6 v) / 0,02 a load resistance (analog u) > 100 kohm output current < 100 ma alarm output pnp short circuit protection yes reverse polarity protection yes, vs to gnd mechanical data width / diameter 20,6 mm height / length 65 mm depth 50 mm type rectangular housing material die-cast zinc front (optics) glass connection types connector m12 5 pin, rotatable sample picture sample drawing 20, 6 16 * 50 65 m12 x 1 4 57 5 1, 5 38 1, 5 4, 3 le d 14 * emitter axis laser warning laser radia tion do not st are in to beam w avelength: 620...680nm max. av . output: < 1mw iec 60825-1, ed. 2, 200 7 class 2 laser product complies with 21 cfr 1040.10 and 1040. 11 except for deviations pursuant to laser notice no. 50, dated june 24, 2007 while switching-on the sensor, it checks if there is a current at current output bk (4). if so, the current output is activated. if not, the voltage output gy (5) is activated after 100 ms. remarks
19/5/2011 oadm 20 (laser, fxed sensing range, > 250 mm) 2 distance sensors photoelectric sensors www.baumer.com ambient conditions operating temperature 0 ... +50 c protection class ip 67 order reference measuring distance sd beam type beam width beam height beam diameter oadm 20i4471/s14c 100 ... 500 mm point - - 2 mm oadm 20i4481/s14c 200 ... 1000 mm point - - 2 mm oadm 20i4571/s14c 100 ... 500 mm line 2,5 mm 5,5 ... 18 mm - oadm 20i4581/s14c 200 ... 1000 mm line 2,5 mm 8,5 ... 35 mm -


▲Up To Search▲   

 
Price & Availability of OADM20I4471S14C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X