Part Number Hot Search : 
PM7820 07500 01D12 L1300 TC7SZ D1020 MAX9546 SMV0850A
Product Description
Full Text Search
 

To Download NTD20P06L-1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 april, 2011 ? rev. 5 1 publication order number: ntd20p06l/d ntd20p06l power mosfet ? 60 v, ? 15.5 a, single p ? channel, dpak features ? withstands high energy in avalanche and commutation modes ? low gate charge for fast switching ? these are pb ? free devices applications ? bridge circuits ? power supplies, power motor controls ? dc ? dc conversion maximum ratings (t j = 25 c unless otherwise noted) parameter symbol value unit drain ? to ? source voltage v dss ? 60 v gate ? to ? source voltage continuous v gs  20 v non ? repetitive t p  10 ms v gsm  30 continuous drain current (note 1) steady state t a = 25 c i d ? 15.5 a power dissipa- tion (note 1) steady state t a = 25 c p d 65 w pulsed drain current t p = 10  s i dm  50 a operating junction and storage temperature t j , t stg ? 55 to 175 c single pulse drain ? to ? source avalanche energy (v dd = 25 v, v gs = 5 v, i pk = 15 a, l = 2.7 mh, r g = 25  ) e as 304 mj lead temperature for soldering purposes (1/8? from case for 10 s) t l 260 c thermal resistance ratings parameter symbol max unit junction ? to ? case (drain) r  jc 2.3 c/w junction ? to ? ambient ? steady state (note 1) r  ja 80 junction ? to ? ambient ? steady state (note 2) r  ja 110 stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. surface ? mounted on fr4 board using 1 in sq. pad size (cu area = 1.127 in sq. [1 oz] including traces) 2. surface ? mounted on fr4 board using the minimum recommended pad size (cu area = 0.412 in sq.) p ? channel d s g 1 gate 3 source 2 drain 4 drain dpak case 369c style 2 marking diagrams 20p06l device code a = assembly location y = year ww = work week g = pb ? free package 1 2 3 4 1 gate 3 source 2 drain 4 drain ipak/dpak case 369d style 2 1 2 3 4 ? 60 v 130 m  @ ? 5.0 v i d max (note 1) v (br)dss ayww t20 p06lg ayww t20 p06lg see detailed ordering and shipping information in the package dimensions sect ion on page 6 of this data sheet. ordering information r ds(on) typ ? 15.5 a http://onsemi.com
ntd20p06l http://onsemi.com 2 electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol test condition min typ max units off characteristics drain ? to ? source breakdown voltage v (br)dss v gs = 0 v, i d = ? 250  a ? 60 ? 74 v drain ? to ? source breakdown voltage temperature coefficient v (br)dss /t j ? 64 mv/ c zero gate voltage drain current i dss v gs = 0 v, v ds = ? 60 v t j = 25 c ? 1.0  a t j = 150 c ? 10 gate ? to ? source leakage current i gss v ds = 0 v, v gs = 20 v 100 na on characteristics (note 3) gate threshold voltage v gs(th) v gs = v ds , i d = ? 250  a ? 1.0 ? 1.5 ? 2.0 v gate threshold temperature coefficient v gs(th) /t j 3.1 mv/ c drain ? to ? source on resistance r ds(on) v gs = ? 5.0 v, i d = ? 7.5 a 0.130 0.150  v gs = ? 5.0 v, i d = ? 15 a 0.143 forward transconductance g fs v ds = ? 10 v, i d = ? 7.5 a 11 s drain ? to ? source on ? voltage v ds(on) v gs = ? 5.0 v, i d = ? 7.5 a t j = 25 c ? 1.2 v t j = 150 c ? 1.9 charges and capacitances input capacitance c iss v gs = 0 v, f = 1 mhz, v ds = ? 25 v 740 1190 pf output capacitance c oss 207 300 reverse transfer capacitance c rss 66 120 total gate charge q g(tot) v gs = ? 5.0 v, v ds = ? 48 v, i d = ? 18 a 15 26 nc gate ? to ? source charge q gs 4.0 gate ? to ? drain charge q gd 7.0 switching characteristics (note 4) turn ? on delay time t d(on) v gs = ? 5.0 v, v dd = ? 30 v, i d = ? 15 a, r g = 9.1  11 20 ns rise time t r 90 180 turn ? off delay time t d(off) 28 50 fall time t f 70 135 drain ? source diode characteristics forward diode voltage v sd v gs = 0 v, i s = ? 15 a t j = 25 c 1.5 2.5 v t j = 150 c 1.3 reverse recovery time t rr v gs = 0 v, d is /d t = 100 a/  s, i s = ? 12 a 60 ns charge time t a 39 discharge time t b 21 reverse recovery charge q rr 0.13 nc 3. pulse test: pulse width  300  s, duty cycle  2% 4. switching characteristics are independent of operating junction temperatures
ntd20p06l http://onsemi.com 3 0 5 10 15 20 25 30 35 40 012345678910 ? v ds , drain ? to ? source voltage (v) ? i d , drain current (a) figure 1. on ? region characteristics v gs = ? 6 v v gs = ? 5.5 v v gs = ? 5 v v gs = ? 4.5 v v gs = ? 4 v v gs = ? 3.5 v v gs = ? 3 v v gs = ? 10 v v gs = ? 9 v v gs = ? 8 v v gs = ? 7 v t j = 25 c 0 10 20 30 40 0123456789 ? v ds , gate ? to ? source voltage (v) figure 2. transfer characteristics ? i d , drain current (a) t j = 25 c t j = ? 55 c t j = 125 c vds  10 v 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0 5 10 15 20 25 30 r ds(on) , drain ? to ? source resistance (  ) figure 3. on ? resistance versus drain current and temperature ? i d , drain current (a) t j = 125 c t j = 25 c t j = ? 55 c v gs = ? 5 v 0 0.025 0.05 0.075 0.1 0.125 0.15 0.175 0.2 0.225 0.25 03691215182124 v gs = ? 5 v v gs = ? 10 v t j = 25 c r ds(on) , drain ? to ? source resistance (  ) figure 4. on ? resistance versus drain current and gate voltage ? i d , drain current (a) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 ? 50 ? 25 0 25 50 75 100 125 150 r ds(on) , drain ? to ? source resistance (normalized) figure 5. on ? resistance variation with temperature t j , junction temperature ( c) i d = ? 7.5 a v gs = ? 5 v 1 10 100 1000 10000 5 1015202530354045505560 figure 6. drain ? to ? source leakage current versus voltage ? v ds , drain ? to ? source voltage (v) ? i d , leakage (na) t j = 125 c t j = 150 c v gs = 0 v typical performance curves (t j = 25 c unless otherwise noted)
ntd20p06l http://onsemi.com 4 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 ? 10 ? 50 5 10152025 gate ? to ? source or drain ? to ? source voltage (v) figure 7. capacitance variation v gs = 0 v c, capacitance (pf) v ds = 0 v t j = 25 c c iss c oss c rss c iss c rss ? v gs ? v ds 0 1.25 2.5 3.75 5.0 6.25 7.5 0481216 0 10 20 30 40 50 60 q g , total gate charge (nc) figure 8. gate ? to ? source and drain ? to ? source voltage versus total charge ? v gs , gate ? to ? source voltage (v) q g q gd q gs v ds v gs i d = ? 15 a t j = 25 c v ds , drain ? to ? source voltage (v) 1 10 100 1000 1 10 100 t, time ( n s) t r t f t d(off) t d(on) v dd = ? 30 v i d = ? 15 a v gs = ? 5 v r g , gate resistance (  ) figure 9. resistive switching time variation versus gate resistance 0 5 10 15 20 0 0.25 0.5 0.75 1 1.25 1.5 1.75 ? i s , source current (a) ? v sd , source ? to ? drain voltage (v) figure 10. diode forward voltage versus current v gs = 0 v t j = 25 c
ntd20p06l http://onsemi.com 5 0.1 1 10 100 1000 0.1 1 10 100 ? v ds , drain ? to ? source voltage (v) ? i d , drain current (a) figure 11. maximum rated forward biased safe operating area 100 1 10 ms dc v gs = ? 15 v single pulse t c = 25 c r ds(on) limit thermal limit package limit 0 50 100 150 200 250 300 350 25 50 75 100 125 150 t j , starting junction temperature ( c) figure 12. maximum avalanche energy versus starting junction temperature i d = ? 15 a eas, single pulse drain ? to ? source avalanche energy (mj) 0.01 0.1 10 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 figure 13. thermal response t, time (s) r  jc( c/w) , effective transient thermal response single pulse 1 0.1 0.2 0.02 d = 0.5 0.05 0.01
ntd20p06l http://onsemi.com 6 ordering information device package shipping ? ntd20p06l ? 1g dpak (pb ? free) 75 units / rail ntd20p06lg 75 units / rail ntd20p06lt4g 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
ntd20p06l http://onsemi.com 7 package dimensions dpak (single gauge) case 369c ? 01 issue d style 2: pin 1. gate 2. drain 3. source 4. drain b d e b3 l3 l4 b2 e m 0.005 (0.13) c c2 a c c z dim min max min max millimeters inches d 0.235 0.245 5.97 6.22 e 0.250 0.265 6.35 6.73 a 0.086 0.094 2.18 2.38 b 0.025 0.035 0.63 0.89 c2 0.018 0.024 0.46 0.61 b2 0.030 0.045 0.76 1.14 c 0.018 0.024 0.46 0.61 e 0.090 bsc 2.29 bsc b3 0.180 0.215 4.57 5.46 l4 ??? 0.040 ??? 1.01 l 0.055 0.070 1.40 1.78 l3 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. thermal pad contour optional within di- mensions b3, l3 and z. 4. dimensions d and e do not include mold flash, protrusions, or burrs. mold flash, protrusions, or gate burrs shall not exceed 0.006 inches per side. 5. dimensions d and e are determined at the outermost extremes of the plastic body. 6. datums a and b are determined at datum plane h. 12 3 4 5.80 0.228 2.58 0.102 1.60 0.063 6.20 0.244 3.00 0.118 6.17 0.243  mm inches  scale 3:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h 0.370 0.410 9.40 10.41 a1 0.000 0.005 0.00 0.13 l1 0.108 ref 2.74 ref l2 0.020 bsc 0.51 bsc a1 h detail a seating plane a b c l1 l h l2 gauge plane detail a rotated 90 cw 
ntd20p06l http://onsemi.com 8 package dimensions ipak case 369d ? 01 issue c style 2: pin 1. gate 2. drain 3. source 4. drain 123 4 v s a k ? t ? seating plane r b f g d 3 pl m 0.13 (0.005) t c e j h dim min max min max millimeters inches a 0.235 0.245 5.97 6.35 b 0.250 0.265 6.35 6.73 c 0.086 0.094 2.19 2.38 d 0.027 0.035 0.69 0.88 e 0.018 0.023 0.46 0.58 f 0.037 0.045 0.94 1.14 g 0.090 bsc 2.29 bsc h 0.034 0.040 0.87 1.01 j 0.018 0.023 0.46 0.58 k 0.350 0.380 8.89 9.65 r 0.180 0.215 4.45 5.45 s 0.025 0.040 0.63 1.01 v 0.035 0.050 0.89 1.27 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. z z 0.155 ??? 3.93 ??? on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. ntd20p06l/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NTD20P06L-1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X