Part Number Hot Search : 
TB0490A 7C126 BZX84 24C23 DN8799 FD400A2C FD400A2C AP3990P
Product Description
Full Text Search
 

To Download NOMX107M004R0100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  avx, the worlds leading manufacturer of tantalum capacitors, has now released the world? ?rst niobium oxide capacitors. avx niobium oxide capacitors are drawing worldwide attention because of their non?burn technology and availability and stability of raw materials supply. avx is committed to total customer satisfaction by delivering products of the highest quality, providing strong technical support, and at competitive prices. with one of the fullest lineups in the capacitor business, avx can satisfy a broad range of customer needs in a myriad of applications. tantalum series guide tcj ultra low esr (conductive polymer) taj generic purpose and high cv capacitors tps/ tpm low esr surge robust tlj small and large cap tac world smallest tantalum in 0805, 0603, 0402 cases tlc miniature and large cap thj high reliability high temperature trj professional tap leaded capacitors ??option niobium oxide series guide noj generic purpose nos/ nom low esr tantalum capacitors niobium oxide capacitors (oxicap tm )
features ? niobium oxide anode ? eia case sizes same as tantalum capacitors ? high reliability ? reduced burning at overloading ? low esr (nos series) applications ? electronic equipment in general how to order noj c 107 m 006 r ? ? ? ? ? ? nos c 107 m 004 r 0150 ? ? ? ? ? ? ? nom e 477 m 004 r 0023 ? ? ? ? ? ? ? ? series ? case size (see table) ? capacitance (pf) ( code: 2 signi?cant digits and number of zeros ) ? tolerance m 20% ? rated dc voltage ex. 002 2.5vdc 004 4vdc 006 6.3vdc ? packaging r plastic tape (7" reel) ? esr ex. 0100 100m ? pb free rohs compliant case dimensions (unit: mm) l a s h w w 1 a case size l w h w 1 a s min. a 3.2 0.2 1.6 + 0.2 ? 0.1 1.6 + 0.2 ? 0.1 1.2 0.2 0.8 + 0.3 ? 0.2 1.1 b 3.5 0.2 2.8 + 0.2 ? 0.1 1.9 + 0.2 ? 0.1 2.2 0.2 0.8 + 0.3 ? 0.2 1.4 c 6.0 0.2 3.2 + 0.2 ? 0.1 2.6 + 0.2 ? 0.1 2.2 0.2 1.3 + 0.3 ? 0.2 2.9 d 7.3 0.2 4.3 + 0.2 ? 0.1 2.9 + 0.2 ? 0.1 2.4 0.2 1.3 + 0.3 ? 0.2 4.4 e 7.3 0.2 4.3 + 0.2 ? 0.1 4.1 + 0.2 ? 0.1 2.4 0.2 1.3 + 0.3 ? 0.2 4.4 v 7.3 0.2 6.1 + 0.2 ? 0.1 3.45 0.3 3.1 0.2 1.4 + 0.3 ? 0.2 4.4 p 2.05 0.2 1.35 + 0.2 ? 0.1 1.5 max. 1.0 0.2 0.5 + 0.3 ? 0.2 0.85 s 3.2 0.2 1.6 + 0.2 ? 0.1 1.2 max. 1.2 0.2 0.8 + 0.3 ? 0.2 1.1 t 3.5 0.2 2.8 + 0.2 ? 0.1 1.2 max. 2.2 0.2 0.8 + 0.3 ? 0.2 1.4 w 6.0 0.2 3.2 + 0.2 ? 0.1 1.5 max. 2.2 0.2 1.3 + 0.3 ? 0.2 2.9 x 7.3 0.2 4.3 + 0.2 ? 0.1 1.5 max. 2.4 0.2 1.3 + 0.3 ? 0.2 4.4 y 7.3 0.2 4.3 + 0.2 ? 0.1 2.0 max. 2.4 0.2 1.3 + 0.3 ? 0.2 4.4 speci?cations rated voltage (v r ) + 85 c 1.8 2.5 4 6.3 10 category voltage (v c ) + 105 c 1.2 1.7 2.7 4 7 surge voltage (v s ) + 85 c 2.3 3.3 5.2 8 13 + 105 c 1.6 2.2 3.4 5 8 operating temperature range ? 55 c to + 105 c failure rate 0.5 %/ 1000h (85 c, rated voltage, 0.1 ? / v) speci?cations rated voltage (v r ) + 85 c 1.8 2.5 4 6.3 category voltage (v c ) + 125 c 0.9 1.3 2 3 surge voltage (v s ) + 85 c 2.3 3.3 5.2 8 + 125 c 1.2 1.7 2.6 4 operating temperature range ? 55 c to + 125 c failure rate 0.2 %/ 1000h ( 85 c, rated voltage, 0.1 ? / v) ignition energy and burning rate 1000 100 10 1 nbo ta nb burning rate [mm/s] ignition energy [mj] speci?c heat 45 40 35 30 25 20 15 10 5 0 ta nb nbo specific heat [j/mol/k] low voltage derating dc/ dc power input rating recommendation ? rated voltage rail voltage oxicap tantalum 3.5v 4v 6.3v 5v 6.3v 10v ? at room temperature 25 c oxicap tm noj (standard) and nos/ nom (low esr) series niobium oxide capacitors
capacitance and voltage range capacitance capacitance range (letter denotes case code) rated voltage f code 1.8v 2.5v 4v 6.3v 10v 4.7 475 a a 6.8 685 a a 10 106 a a/ b 15 156 a a/ b a/ b 22 226 a a/ b a/ b b/ c 33 336 a/ b a/ b b/ c c 47 476 a a/ b b/ c b/ c c 68 686 b b/ c b/ c b/ c c 100 107 b/ c b/ c b/ c c/ d d 150 157 c c c/ d c/ d 220 227 c c c/ d c/ d/ e 330 337 c c/ d d d/ e 470 477 d/ e d/ e v 680 687 e e/ v 1000 108 v v note: voltage ratings are minimum values. avx reserves the right to supply higher voltage ratings in the same case size, to the same reliability standards. capacitance and voltage range capacitance capacitance range (letter denotes case code) rated voltage f code 1.8v 2.5v 4v 6.3v 10v 2.2 225 p 3.3 335 p 4.7 475 p/ s t 6.8 685 p/ s p/ s/ t t 10 106 p/ s p/ s/ t p/ t t 15 156 p/ s p/ s/ t p/ t 22 226 p/ s/ t p/ t t t 33 336 t t t w 47 476 t t w w 68 686 w w x/ y 100 107 w w w/ x y 150 157 x y y 220 227 x y y y 330 337 y y y 470 477 y note: voltage ratings are minimum values. avx reserves the right to supply higher voltage ratings in the same case size, to the same reliability standards. capacitance and voltage range capacitance capacitance range (letter denotes case code) rated voltage f code 1.8v 2.5v 4v 6.3v 10 106 a ( 800 , 1000 , 2000 ) 15 156 a ( 1500 ) b ( 600 ) 22 226 a ( 900 ) b ( 600 ) b ( 600 ) 33 336 b ( 600 ) b ( 600 ) c ( 500 ) w ( 250 ) 47 476 b ( 500 ) b ( 500 ) c ( 300 ) c ( 300 ) w ( 150 ) 68 686 c ( 200 ) w ( 150 ) c ( 75 , 200 ) c ( 200 ) x ( 100 ) y ( 100 ) 100 107 b (350 ) w (150 ) c ( 150 ) c ( 70 , 150 ) x ( 100 ) c ( 150 ) d ( 80 , 100 ) y ( 100 ) 150 157 c ( 65 , 150 ) x ( 100 ) c ( 90 , 150 ) y ( 100 ) d ( 50 , 70 , 100 ) y ( 100 ) 220 227 c (125 ) x ( 100 ) c ( 80 , 125 ) y ( 100 ) d ( 40 , 60 , 100 ) y ( 100 ) d ( 45 , 60 , 100 ) , e ( 80 , 100 ) e ( 40 ) 330 337 y (100 ) d ( 35 , 50 , 100 ) y ( 100 ) d ( 35 , 55 , 100 ) , e ( 100 ) e ( 35 ) e ( 80 , 100 ) e ( 23 , 35 ) 470 477 y (100 ) d (35, 55, 100), e (100 ) e ( 30 ) d ( 100 ) , e ( 75 , 100 ) e ( 23 , 30 ) v ( 75 ) 680 687 e (23) e (60 ) e ( 23 ) v ( 75 ) 1000 108 v (50 ) note: voltage ratings are minimum values. avx reserves the right to supply higher voltage ratings in the same case size, to the same reliability standards. shaded portion indicates nom series products. oxicap tm noj (standard) and nos/ nom (low esr) series niobium oxide capacitors
packaging tape and reel packaging for automatic component placement. please enter required suf?x code, r or s on order. ? reel (unit: mm) ?? ? ??? ? ??? ? ?? ? ??? ? ? ? ? ?? ???????????????????? ? ???????????????????? ??????????????????????? ?? ? ?? ? ? ??????????????????? ??? ? ???????????????? ? ??? ? ????????????????? ? carrier tape k +ve capacitor orientation d 1 b 0 direction of feed p p 2 p 0 d e f w g a 0 ? tape dimensions comply to eia 481 a. dimensions ao and bo of the pocket and the tape thickness, k, are dependent on the components size. tape material do not affect component solderability during storage. carrier tape thickness < 0.4mm. (unit: mm) code 8mm tape 12mm tape p 4 0.1 8 0.1 g 0.75 min. 0.75 min. f 3.5 0.05 5.5 0.05 e 1.75 0.1 1.75 0.1 w 8 0.3 12 0.3 p 2 2 0.05 2 0.05 p 0 4 0.1 4 0.1 d 1.5 + 0.2 ? 0.0 1.5 + 0.2 ? 0.0 d 1 1.0 min. 1.5 min. reel size tape width ( mm ) a b c w t 180mm (7") 12 178 2.00 50 min. 13.0 0.50 12.4 + 1.5/ ? 0 1.50 0.50 180mm (7") 8 178 2.00 50 min. 13.0 0.50 8.4 + 1.5/ ? 0 1.50 0.50 ? taping series case size tape width (mm) p (mm) 7" reel (pcs.) taj tps tpm tcj tlj trj thj noj nos nom a 8 4 2000 b 8 4 2000 c 12 8 500 d 12 8 500 e 12 8 400 f 12 8 1000 g 8 4 2500 h 8 4 2500 j 8 4 4000 k 8 4 3000 p 8 4 2500 r 8 4 2500 s 8 4 2500 t 8 4 2500 v 12 8 400 w 12 8 1000 x 12 8 1000 y 12 8 1000 tac tlc k 8 2 10000 l 8 4 3500 r 8 4 2500 h 8 4 3500 u 8 4 3500 a 8 4 2000 t 8 4 2500 ? carrier tape series case size a0 b0 k taj tps tpm tcj tlj trj thj noj nos nom a 1.83 0.1 3.57 0.1 1.87 0.1 b 3.15 0.1 3.77 0.1 2.22 0.1 c 3.45 0.1 6.4 0.1 2.92 0.1 d 4.48 0.1 7.62 0.1 3.22 0.1 e 4.5 0.1 7.5 0.1 4.5 0.1 f 3.35 0.1 6.4 0.1 2.2 0.1 g 1.83 0.1 3.57 0.1 1.65 0.1 h 3.15 0.1 3.77 0.1 1.66 0.1 j 1 0.05 1.8 0.05 1 0.05 k 1.95 0.1 3.55 0.1 1.15 0.1 p 1.65 0.1 2.45 0.1 1.6 0.1 r 1.65 0.1 2.45 0.1 1.3 0.1 s 1.95 0.1 3.55 0.1 1.3 0.1 t 3.2 0.1 3.8 0.1 1.3 0.1 v 6.43 0.1 7.44 0.1 3.84 0.1 w 3.57 0.1 6.4 0.1 1.65 0.1 x 4.67 0.1 7.62 0.1 1.65 0.1 y 4.67 0.1 7.62 0.1 2.15 0.1 tac tlc k 0.75 + 0.1 ? 0.05 1.35 0.05 0.75 0.05 l 1.025 + 0.025 ? 0.0 1.95 0.05 1.1 0.05 r 1.7 + 0.05 ? 0.0 2.45 0.05 1.7 0.05 h 1.7 + 0.05 ? 0.0 2.45 0.05 1.1 0.05 u 1.7 + 0.05 ? 0.0 2.45 0.05 0.8 0.05 a 1.83 + 0.1 ? 0.0 3.57 0.1 1.87 0.1 t 3.2 + 0.1 ? 0.0 3.8 0.1 1.0 0.1 tantalum capacitors niobium oxide capacitors (oxicap tm )
recommended land pattern pl pw ps psl (unit: mm) case size psl pl ps pw taj tps tpm tcj tlj trj thj noj nos nom a 4.00 1.40 1.20 1.80 b 4.00 1.40 1.20 2.80 c 6.50 2.00 2.50 2.80 d 8.00 2.00 4.00 3.00 e 8.00 2.00 4.00 3.00 f 6.50 2.00 2.50 2.80 g 4.00 1.40 1.20 1.80 h 4.00 1.40 1.20 2.80 j 2.80 1.10 0.60 1.00 k 4.00 1.40 1.20 1.80 n 2.70 0.95 0.80 1.60 p 2.70 0.95 0.80 1.60 r 2.70 0.95 0.80 1.60 s 4.00 1.40 1.20 1.80 t 4.00 1.40 1.20 2.80 v 8.00 2.00 4.00 3.70 w 6.50 2.00 2.50 2.80 x 8.00 2.00 4.00 3.00 y 8.00 2.00 4.00 3.00 z 8.00 2.00 4.00 3.00 tac tlc k 2.20 0.90 0.40 0.70 l 2.80 1.10 0.60 1.00 r/ h/ u 3.20 1.30 0.60 1.50 a 4.40 1.60 1.20 1.80 t 4.70 1.70 1.30 3.00 recommended re?ow pro?le for lead?free product allowable range of peak temp./ time combination for ir re?ow peak temperature: 245 ? 5 ?c (10s max.) pre-heating 150 ?15 ? c 60 to 90s time to peak 160 to 200s max. peak gradient 2.5 ?c/ s time at >230 ? c 40s max. 0 50 100 150 200 250 300 0 0.5 time (min.) temp. ( ?c) 1 1.5 2 2.5 3 3.5 4 4.5 260 250 240 230 220 210 0 10 20 30 40 50 60 70 time (sec.) temp. ( ?c) recommended range dangerous range allowable range with care please contact us for lead?free products. manual soldering using soldering iron item condition max. tip temperature 370c max. max. exposure time 3 sec. max. technical summary 1. voltage derating we can offer to use avx software select?a?cap to select a part number for safety use. 2. surge current as a general rule of thumb, the maximum current a tantalum capacitor can withstand is given by the following equation. imax = vrated/ (0.65 + catalog esr) so for example for d case/ 100uf/ 10v capacitor (catalog esr = 0.9 ohms) this would be : imax = 10/ (0.65 + 0.9)  6.45amps 3. if more aggressive mounting techniques are to be used, please contact avx tantalum for guidance. 4. reverse voltage the values quoted are not intended to cover continuous reverse operation. the peak reverse voltage applied to the capacitor must not exceed. a) 10% of rated dc voltage to a maximum of 1v at 25 c. b) 3% of rated dc voltage to a maximum of 0.5v at 85 c. c) 1% of category dc voltage to a maximum of 0.1v at 125 c. tantalum capacitors niobium oxide capacitors (oxicap tm )


▲Up To Search▲   

 
Price & Availability of NOMX107M004R0100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X