Part Number Hot Search : 
MBR10 C3843 G12864 75000 NCE0208I IRHN3054 MX13150 K4T1G
Product Description
Full Text Search
 

To Download NOJS156M001RWJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  79 oxicap ? noj series low profile l s aaw 1 w h technical data: all technical data relate to an ambient temperature of +25c is not stated capacitance range: 2.2 f to 470 f capacitance tolerance: 20% leakage current dcl: 0.02cv rated voltage dc (v r ) +85c: 1.8 2.5 4 6.3 10 category voltage (v c ) +105c: 1.2 1.7 2.7 4 7 surge voltage (v s ) +85c: 2.3 3.3 5.2 8 13 surge voltage (v s ) +105c: 1.6 2.2 3.4 5 8 temperature range: -55c to +105c reliability: 0.5% per 1000 hours at 85c, v r , 0.1/v series impedance, 60% confidence level meets requirements of aec-q200 case dimensions: millimeters (inches) technical specifications for part marking see page 134 code eia eia l0.20 w+0.20 (0.008) h max w 1 0.20 a+0.30 (0.012) s min. code metric (0.008) C0.10 (0.004) (0.008) C0.20 (0.008) f 2312 6032-20 6.00 (0.236) 3.20 (0.126) 2.00 (0.079) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) p 0805 2012-15 2.05 (0.081) 1.35 (0.053) 1.50 (0.059) 1.20 (0.047) 0.50 (0.020) 0.85 (0.033) s 1206 3216-12 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) t 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) w 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) x 2917 7343-15 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) w 1 dimension applies to the termination width for a dimensional area only. pad stand-off is 0.10.1. ? non-burn safe technology ? reliability level: 0.5%/1000 hrs. ? cv range: 2.2-470f / 1.8-10v ? 7 case sizes in low profile available ? ibm global approval received in 2004 ? electra award received in 2005 electra award 2005 how to order noj type y case size see table above 107 capacitance code 1st two digits represent significant figures, 3rd digit represents multiplier in pf m tolerance m=20% 006 rated dc voltage 001 = 1.8vdc 002 = 2.5vdc 004 = 4vdc 006 = 6.3vdc 010 = 10vdc r packaging r = lead free 7" reel s = lead free 13" reel wj specification suffix wj = standard suffix additional characters may be added for special requirements v = dry pack option (selected codes only) with exception of x, y cases
80 oxicap ? noj series low profile capacitance and rated voltage range (letter denotes case size) capacitance rated voltage dc (v r ) to 85c / 0.66 dc to 105c f code 1.8v (x) 2.5v (e) 4v (g) 6.3v (j) 10v (a) 1.0 105 1.5 155 2.2 225 p 3.3 335 p 4.7 475 p/s t 6.8 685 p/s p/s/t t 10 106 p/s p/s/t p/t t 15 156 p/s p/s/t p/t 22 226 p/s/t p/t t t 33 336 t t t w 47 476 t t w w 68 686 w w x/y 100 107 w w w/x f/y 150 157 x y f/y 220 227 x y f/y y 330 337 y y y 470 477 y non-burn non-smoke lead-free compatible component released codes engineering samples - please contact manufacturer *codes under development - subject to change note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same r eliability standar ds.
81 oxicap ? noj series low profile ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc 1.8 volt @ 85c (1.2 volt @ 105c) nojp156m001#wj p 15 1.8 1.0 10 4.1 1 0.133 0.119 0.053 0.543 0.489 0.217 nojs156m001#wj s 15 1.8 1.0 6 2 1 0.197 0.178 0.079 0.395 0.335 0.158 nojp226m001#wj p 22 1.8 1.0 10 3.8 1 0.138 0.124 0.055 0.523 0.471 0.209 nojs226m001#wj s 22 1.8 1.0 8 1.9 1 0.203 0.182 0.081 0.385 0.346 0.154 nojt226m001#wj t 22 1.8 1.0 6 1.8 1 0.231 0.208 0.092 0.416 0.374 0.166 nojt336m001#wj t 33 1.8 1.2 6 1.7 1 0.238 0.214 0.095 0.404 0.364 0.162 nojt476m001#wj t 47 1.8 1.7 10 1.6 1 0.231 0.208 0.092 0.416 0.374 0.166 nojw107m001#wj w 100 1.8 3.6 6 0.4 1 0.520 0.468 0.208 0.208 0.187 0.083 nojx227m001#wj x 220 1.8 8.0 8 0.4 3 0.548 0.493 0.219 0.219 0.197 0.088 nojy337m001#wj y 330 1.8 11.9 8 0.3 3 0.707 0.636 0.283 0.212 0.191 0.085 nojy477m001#wj y 470 1.8 16.9 8 0.3 3 0.707 0.636 0.283 0.212 0.191 0.085 2.5 volt @ 85c (1.7 volt @ 105c) nojp106m002#wj p 10 2.5 1.0 6 4.5 1 0.126 0.114 0.051 0.569 0.512 0.228 nojs106m002#wj s 10 2.5 1.0 6 2.2 1 0.188 0.169 0.075 0.414 0.373 0.166 nojp156m002#wj p 15 2.5 1.0 6 4 1 0.134 0.121 0.054 0.537 0.483 0.215 nojs156m002#wj s 15 2.5 1.0 8 2 1 0.197 0.178 0.079 0.395 0.355 0.158 nojt156m002#wj t 15 2.5 1.0 6 2 1 0.219 0.197 0.088 0.438 0.394 0.175 nojp226m002#wj p 22 2.5 1.1 10 3.8 1 0.138 0.124 0.055 0.523 0.471 0.209 nojt226m002#wj t 22 2.5 1.1 6 1.9 1 0.225 0.202 0.090 0.427 0.384 0.171 nojt336m002#wj t 33 2.5 1.7 6 1.7 1 0.238 0.214 0.095 0.404 0.364 0.162 nojt476m002#wj t 47 2.5 2.4 10 1.6 1 0.225 0.202 0.090 0.427 0.384 0.171 nojw686m002#wj w 68 2.5 3.4 6 0.4 1 0.520 0.468 0.208 0.208 0.187 0.083 nojw107m002#wj w 100 2.5 5.0 6 0.4 1 0.520 0.468 0.208 0.208 0.187 0.083 nojx157m002#wj x 150 2.5 7.5 6 0.4 3 0.548 0.493 0.219 0.219 0.197 0.088 nojy227m002#wj y 220 2.5 11.0 8 0.4 3 0.612 0.551 0.245 0.245 0.220 0.098 nojy337m002#wj y 330 2.5 16.5 10 0.3 3 0.707 0.636 0.283 0.212 0.191 0.085 4 volt @ 85c (2.7 volt @ 105c) nojp685m004#wj p 6.8 4 1.0 6 5.3 1 0.117 0.105 0.047 0.618 0.556 0.247 nojs685m004#wj s 6.8 4 1.0 6 2.6 1 0.173 0.156 0.069 0.450 0.405 0.180 nojp106m004#wj p 10 4 1.0 16 4.5 1 0.126 0.114 0.051 0.569 0.512 0.228 nojs106m004#wj s 10 4 1.0 8 2.2 1 0.188 0.169 0.075 0.414 0.373 0.166 nojt106m004#wj t 10 4 1.0 6 2.2 1 0.209 0.188 0.084 0.460 0.414 0.184 nojp156m004#wj p 15 4 1.2 10 4.1 1 0.133 0.119 0.053 0.543 0.489 0.217 nojt156m004#wj t 15 4 1.2 6 2 1 0.219 0.197 0.088 0.438 0.394 0.175 nojt226m004#wj t 22 4 1.8 6 1.8 1 0.231 0.208 0.092 0.416 0.374 0.166 nojt336m004#wj t 33 4 2.6 14 2 1 0.219 0.197 0.088 0.438 0.394 0.175 nojw476m004#wj w 47 4 3.8 6 0.5 1 0.465 0.418 0.186 0.232 0.209 0.093 nojw686m004#wj w 68 4 5.4 6 0.4 1 0.520 0.468 0.208 0.208 0.187 0.083 nojw107m004#wj w 100 4 8.0 8 0.4 1 0.520 0.468 0.208 0.208 0.187 0.083 nojx107m004#wj x 100 4 8.0 6 0.4 3 0.548 0.493 0.219 0.219 0.197 0.088 nojy157m004#wj y 150 4 12.0 6 0.4 3 0.612 0.551 0.245 0.245 0.220 0.098 nojf227m004#wj f 220 4 17.6 10 0.4 1 0.548 0.493 0.219 0.219 0.197 0.088 nojy227m004#wj y 220 4 17.6 10 0.4 3 0.612 0.551 0.245 0.245 0.220 0.098 nojy337m004#wj y 330 4 26.4 12 0.3 3 0.612 0.551 0.245 0.245 0.220 0.098 6.3 volt @ 85c (4 volt @ 105c) nojp475m006#wj p 4.7 6.3 1.0 6 6.1 1 0.109 0.098 0.043 0.663 0.596 0.265 nojs475m006#wj s 4.7 6.3 1.0 6 3.2 1 0.156 0.141 0.062 0.500 0.450 0.200 nojp685m006#wj p 6.8 6.3 1.0 8 5.2 1 0.118 0.106 0.047 0.612 0.551 0.245 nojs685m006#wj s 6.8 6.3 1.0 8 2.7 1 0.170 0.153 0.068 0.459 0.413 0.184 nojt685m006#wj t 6.8 6.3 1.0 6 2.6 1 0.192 0.173 0.077 0.500 0.450 0.200 nojp106m006#wj p 10 6.3 1.2 10 4.5 1 0.126 0.114 0.051 0.569 0.512 0.228 nojt106m006#wj t 10 6.3 1.2 6 2.2 1 0.209 0.188 0.084 0.460 0.414 0.184 nojt226m006#wj t 22 6.3 2,6 8 1.8 1 0.209 0.188 0.084 0.460 0.414 0.184 nojw336m006#wj w 33 6.3 4.0 6 0.5 1 0.465 0.418 0.186 0.232 0.209 0.093 nojw476m006#wj w 47 6.3 5.7 6 0.5 1 0.465 0.418 0.186 0.232 0.209 0.093 nojx686m006#wj x 68 6.3 8.2 6 0.5 3 0.490 0.441 0.196 0.245 0.220 0.098 nojy686m006#wj y 68 6.3 8.2 6 0.5 3 0.548 0.493 0.219 0.274 0.246 0.110 nojf107m006#wj f 100 6.3 12 8 0.4 1 0.548 0.493 0.219 0.219 0.197 0.088 nojy107m006#wj y 100 6.3 12.0 6 0.4 3 0.612 0.551 0.245 0.245 0.220 0.098 nojf157m006#wj f 150 6.3 18.0 8 0.4 1 0.548 0.493 0.219 0.219 0.197 0.088 nojy157m006#wj y 150 6.3 18.0 6 0.4 3 0.612 0.551 0.245 0.245 0.220 0.098 nojy227m006#wj y 220 6.3 26.4 10 0.4 3 0.612 0.551 0.245 0.245 0.220 0.098 10 volt @ 85c (7 volt @ 105c) nojp225m010#wj p 2.2 10 1.0 8 8.3 1 0.093 0.084 0.037 0.773 0.696 0.309 nojp335m010#wj p 3.3 10 1.0 8 7 1 0.101 0.091 0.041 0.710 0.639 0.284 nojt475m010#wj t 4.7 10 1.0 6 3.1 1 0.176 0.158 0.070 0.546 0.491 0.218 nojt685m010#wj t 6.8 10 1.4 6 2.6 1 0.192 0.173 0.077 0.500 0.450 0.200 nojt106m010#wj t 10 10 2.0 6 2.2 1 0.209 0.188 0.084 0.460 0.414 0.184 moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 127. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


▲Up To Search▲   

 
Price & Availability of NOJS156M001RWJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X