Part Number Hot Search : 
OM7639SM BC558 3289CU MAX7129 SLA7044M TDA2003 L1027 L1027
Product Description
Full Text Search
 

To Download NOJA156M010RWJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  75 oxicap ? noj series niobium oxide capacitor ? non-burn safe technology ? reliability level: 0.5%/1000 hrs. ? 6 case sizes available ? environmentally friendly ? ibm global approval received in 2004 ? electra award received in 2005 ? cv range: 4.7-1000f / 1.8-10v l s aaw 1 w h technical data: all technical data relate to an ambient temperature of +25c is not stated capacitance range: 4.7 f to 1000 f capacitance tolerance: 20% leakage current dcl: 0.02cv rated voltage dc (v r ) +85c: 1.8 2.5 4 6.3 10 category voltage (v c ) +105c: 1.2 1.7 2.7 4 7 surge voltage (v s ) +85c: 2.3 3.3 5.2 8 13 surge voltage (v s ) +105c: 1.6 2.2 3.4 5 8 temperature range: -55c to +105c reliability: 0.5% per 1000 hours at 85c, v r , 0.1/v series impedance, 60% confidence level meets requirements of aec-q200 code eia eia l0.20 w+0.20 (0.008) h+0.20 (0.008) w 1 0.20 a+0.30 (0.012) s min. code metric (0.008) C0.10 (0.004) C0.10 (0.004) (0.008) C0.20 (0.008) a 1206 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) b 1210 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) c 2312 6032-28 6.00 (0.236) 3.20 (0.126) 2.60 (0.102) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) d 2917 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) e 2917 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) v 2924 7361-38 7.30 (0.287) 6.10 (0.240) 3.45 0.30 3.10 (0.120) 1.40 (0.055) 4.40 (0.173) (0.1360.012) w 1 dimension applies to the termination width for a dimensional area only. case dimensions: millimeters (inches) technical specifications electra award 2005 how to order noj type d case size see table above 107 capacitance code 1st two digits represent significant figures, 3rd digit represents multiplier in pf m tolerance m=20% 006 rated dc voltage 001 = 1.8vdc 002 = 2.5vdc 004 = 4vdc 006 = 6.3vdc 010 = 10vdc r packaging r = lead free 7" reel s = lead free 13" reel wj specification suffix wj = standard suffix additional characters may be added for special requirements v = dry pack option (selected codes only) with exception of d, e, v cases for part marking see page 134
76 oxicap ? noj series niobium oxide capacitor capacitance rated voltage dc ( v r ) to 85c / 0.66 dc to 105c f code 1.8v (x) 2.5v (e) 4v (g) 6.3v (j) 10v (a) 4.7 475 a a 6.8 685 a a 10 106 a a/b 15 156 a a/b a/b 22 226 a a/b a/b b/c 33 336 a/ b a/b b/c c 47 476 a a/b a/b/c b/c c 68 686 b b/ c b/c b/c c 100 107 b/c b/c b/ c b/c/d d 150 157 c c c/d c/d e* 220 227 c c c/d c/d/e v 330 337 c c/d d d/e 470 477 d/e d/e e/v 680 687 e e/ v 1000 108 v v capacitance and rated voltage range (letter denotes case size) non-burn non-smoke lead-free compatible component released codes engineering samples - please contact manufacturer *codes under development - subject to change note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same r eliability standar ds.
77 oxicap ? noj series niobium oxide capacitor ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz 25oc 85oc 105oc 25oc 85oc 105oc 1.8 volt @ 85c (1.2 volt @ 105c) noja476m001#wj a 47 1.8 1.7 8 1.6 1 0.237 0.213 0.095 0.379 0.342 0.152 nojb476m001#wj b 47 1.8 1.7 6 1.6 1 0.252 0.227 0.101 0.404 0.364 0.162 nojb686m001#wj b 68 1.8 2.5 6 1.5 1 0.261 0.235 0.104 0.391 0.352 0.156 nojb107m001#wj b 100 1.8 3.6 6 1.4 1 0.270 0.243 0.108 0.378 0.340 0.151 nojc107m001#wj c 100 1.8 3.6 6 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojc157m001#wj c 150 1.8 5.4 8 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojc227m001#wj c 220 1.8 8.0 8 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojc337m001#wj c 330 1.8 11.9 8 0.3 1 0.663 0.597 0.265 0.199 0.179 0.080 2.5 volt @ 85c (1.7 volt @ 105c) noja226m002#wj a 22 2.5 1.1 6 1.9 1 0.218 0.196 0.087 0.414 0.372 0.165 noja336m002#wj a 33 2.5 1.7 6 1.7 1 0.230 0.207 0.092 0.391 0.352 0.156 nojb336m002#wj b 33 2.5 1.7 6 1.7 1 0.245 0.220 0.098 0.416 0.375 0.167 noja476m002#wj a 47 2.5 2.4 8 1.6 1 0.237 0.213 0.095 0.379 0.342 0.152 nojb476m002#wj b 47 2.5 2.4 6 1.6 1 0.252 0.227 0.101 0.404 0.364 0.162 nojb686m002#wj b 68 2.5 3.4 6 1.5 1 0.261 0.235 0.104 0.391 0.352 0.156 nojc686m002#wj c 68 2.5 3.4 6 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojb107m002#wj b 100 2.5 5.0 6 1.4 1 0.270 0.243 0.108 0.378 0.340 0.151 nojc107m002#wj c 100 2.5 5.0 6 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojc157m002#wj c 150 2.5 7.5 6 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojc227m002#wj c 220 2.5 11.0 8 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojc337m002#wj c 330 2.5 16.5 10 0.3 1 0.663 0.597 0.265 0.199 0.179 0.080 nojd337m002#wj d 330 2.5 16.5 10 0.3 3 0.775 0.697 0.310 0.232 0.209 0.093 nojd477m002#wj d 470 2.5 23.5 10 0.3 3 0.775 0.697 0.310 0.323 0.209 0.093 noje477m002#wj e 470 2.5 23.5 10 0.3 3 0.812 0.731 0.325 0.244 0.219 0.097 noje687m002#wj e 680 2.5 34.0 12 0.3 3 0.812 0.731 0.325 0.244 0.219 0.097 nojv108m002#wj v 1000 2.5 50.0 18 0.3 3 1.000 0.900 0.400 0.300 0.270 0.120 4 volt @ 85c (2.7 volt @ 105c) noja156m004#wj a 15 4 1.2 6 2 1 0.212 0.191 0.085 0.424 0.382 0.170 noja226m004#wj a 22 4 1.8 6 1.9 1 0.218 0.196 0.087 0.414 0.372 0.165 nojb226m004#wj b 22 4 1.8 6 1.9 1 0.232 0.209 0.093 0.440 0.396 0.176 noja336m004#wj a 33 4 2.6 10 1.7 1 0.230 0.207 0.092 0.391 0.352 0.156 nojb336m004#wj b 33 4 2.6 6 1.7 1 0.245 0.220 0.098 0.416 0.375 0.167 noja476m004#wj a 47 4 3.8 18 2.2 1 0.202 0.182 0.081 0.445 0.400 0.178 nojb476m004#wj b 47 4 3.8 6 1.6 1 0.252 0.227 0.101 0.404 0.364 0.162 nojc476m004#wj c 47 4 3.8 6 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojb686m004#wj b 68 4 5.4 6 1.5 1 0.261 0.235 0.104 0.391 0.352 0.156 nojc686m004#wj c 68 4 5.4 6 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojb107m004#wj b 100 4 8.0 16 1.4 1 0.270 0.243 0.108 0.378 0.340 0.151 nojc107m004#wj c 100 4 8.0 6 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojc157m004#wj c 150 4 12.0 6 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojd157m004#wj d 150 4 12.0 6 0.3 3 0.775 0.697 0.310 0.232 0.209 0.093 nojc227m004#wj c 220 4 17.6 8 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojd227m004#wj d 220 4 17.6 8 0.4 3 0.671 0.604 0.268 0.268 0.241 0.107 nojd337m004#wj d 330 4 26.4 8 0.3 3 0.775 0.697 0.310 0.232 0.209 0.093 nojd477m004#wj d 470 4 37.6 12 0.3 3 0.775 0.697 0.310 0.232 0.209 0.093 noje477m004#wj e 470 4 37.6 12 0.3 3 0.812 0.731 0.325 0.244 0.219 0.097 noje687m004#wj e 680 4 54.4 14 0.3 3 0.812 0.731 0.325 0.244 0.219 0.097 nojv687m004#wj v 680 4 54.4 14 0.3 3 1.000 0.900 0.400 0.300 0.270 0.120 nojv108m004#wj v 1000 4 80.0 18 0.3 3 1.000 0.900 0.400 0.300 0.270 0.120 6.3 volt @ 85c (4 volt @ 105c) noja475m006#wj a 4.7 6.3 1.1 6 3.2 1 0168 0.151 0.067 0.537 0.483 0.215 noja685m006#wj a 6.8 6.3 1.1 6 2.6 1 0.186 0.167 0.074 0.484 0.435 0.193 noja106m006#wj a 10 6.3 1.2 6 2.2 1 0.202 0.182 0.081 0.445 0.400 0.178 nojb156m006#wj b 15 6.3 1.8 6 2 1 0.226 0.203 0.090 0.452 0.406 0.181 noja156m006#wj a 15 6.3 1.8 8 2 1 0.212 0.191 0.085 0.424 0.382 0.170 nojb226m006#wj b 22 6.3 2.6 6 1.9 1 0.232 0.209 0.093 0.440 0.396 0.176 noja226m006#wj a 22 6.3 2.6 8 1.8 1 0.224 0.201 0.089 0.402 0.362 0.161 nojb336m006#wj b 33 6.3 4.0 6 1.7 1 0.245 0.220 0.098 0.416 0.375 0.167 moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 127. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
78 oxicap ? noj series niobium oxide capacitor ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz 25oc 85oc 105oc 25oc 85oc 105oc 6.3 volt @ 85c (4 volt @ 105c) nojb336m006#wb b 33 6.3 4.0 6 0.7 1 0.382 0.344 0.153 0.267 0.240 0.170 nojc336m006#wj c 33 6.3 4.0 6 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojb476m006#wj b 47 6.3 5.6 6 1.6 1 0.252 0.227 0.101 0.404 0.364 0.162 nojc476m006#wj c 47 6.3 5.7 6 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojb686m006#wj b 68 6.3 8.2 20 1.5 1 0.261 0.235 0.104 0.391 0.352 0.156 nojc686m006#wj c 68 6.3 8.2 6 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojb107m006#wj b 100 6.3 60.0 20 1.7 1 0.245 0.220 0.098 0.416 0.375 0.167 nojb107m006#wb b 100 6.3 60.0 20 0.4 1 0.505 0.454 0.202 0.202 0.182 0.081 nojc107m006#wj c 100 6.3 12.0 8 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojd107m006#wj d 100 6.3 12.0 6 0.4 3 0.671 0.604 0.268 0.268 0.241 0.107 nojc157m006#wj c 150 6.3 18.0 6 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojd157m006#wj d 150 6.3 18.0 6 0.4 3 0.671 0.604 0.268 0.268 0.241 0.107 nojc227m006#wj c 220 6.3 26.4 14 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojd227m006#wj d 220 6.3 26.4 8 0.4 3 0.671 0.604 0.268 0.268 0.241 0.107 noje227m006#wj e 220 6.3 26.4 12 0.4 3 0.704 0.633 0.281 0.281 0.253 0.113 nojd337m006#wj d 330 6.3 39.6 10 0.3 3 0.775 0.697 0.310 0.232 0.209 0.093 noje337m006#wj e 330 6.3 39.6 12 0.3 3 0.812 0.731 0.325 0.244 0.219 0.097 noje477m006#wj e 470 6.3 56.4 16 0.3 3 0.812 0.731 0.325 0.244 0.219 0.097 nojv477m006#wj v 470 6.3 56.4 12 0.3 3 1.000 0.900 0.400 0.300 0.270 0.120 10 volt @ 85c (7 volt @ 105c) noja475m010#wj a 4.7 10 1.0 6 3.1 1 0.170 0.153 0.068 0.528 0.475 0.211 noja685m010#wj a 6.8 10 1.4 6 2.6 1 0.186 0.167 0.074 0.484 0.435 0.193 noja106m010#wj a 10 10 2.0 6 2.2 1 0.202 0.182 0.081 0.445 0.400 0.178 nojb106m010#wj b 10 10 2.0 6 2.2 1 0.215 0.194 0.086 0.474 0.426 0.189 noja156m010#wj a 15 10 3.0 6 2 1 0.212 0.191 0.085 0.424 0.382 0.170 nojb156m010#wj b 15 10 3.0 6 2 1 0.226 0.203 0.090 0.452 0.406 0.181 nojb226m010#wj b 22 10 4.4 6 1.8 1 0.238 0.214 0.095 0.428 0.386 0.171 nojb226m010#wb b 22 10 4.4 6 0.7 1 0.382 0.344 0.153 0.267 0.240 0.107 nojc226m010#wj c 22 10 4.4 6 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojc336m010#wj c 33 10 6.6 6 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojc476m010#wj c 47 10 9.4 6 0.4 1 0.574 0.517 0.230 0.230 0.207 0.092 nojc686m010#wj c 68 10 13.6 12 0.5 1 0.514 0.462 0.206 0.257 0.231 0.103 nojd107m010#wj d 100 10 20.0 12 0.4 3 0.671 0.604 0.268 0.268 0.241 0.107 nojd107m010#wb d 100 10 20.0 12 0.15 3 1.095 0.986 0.438 0.164 0.148 0.066 noje157m010#wj e 150 10 30.0 6 0.4 3 0.704 0.633 0.281 0.281 0.253 0.113 nojv227m010#wj v 220 10 44.0 12 0.4 3 0.866 0.779 0.346 0.364 0.312 0.139 moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mountin g. for typical weight and composition see page 127. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


▲Up To Search▲   

 
Price & Availability of NOJA156M010RWJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X