Part Number Hot Search : 
03953 MC10EP57 SMBJ22A 150003 TDA7315D MT140 RMPA5251 AG1160
Product Description
Full Text Search
 

To Download NMC-L0603NPO8R2B100TRPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications npo case sizes 0201 0402 0603 0805 capacitance range 1.0pf ~ 15pf 0.5pf ~ 470pf 0.5pf ~ 3300pf 1.0pf ~ 150pf capacitance tolerance cap. values < 5pf: 0.1pf(b), 0.25pf(c) cap. values 5pf ~ 8.2pf: 0.25pf(c), 0.5pf(d) cap. values > 10pf: 1%(f), 2%(g), 5% (j) operating temperature range -55c ~ +125c temperature characteristics 0 30ppm/c rated voltage 16vdc, 25vdc, 50vdc 16vdc, 25vdc, 50vdc & 100vdc q factor cap. values <30pf: q > 400 + 20c cap. values > 30pf: q > 1000 esr cap. values < 2.2pf: < 1000m @900mhz 100mhz cap. values 2.2pf ~ 470pf: < 500m @900mhz 100mhz cap. values >470pf: < 500m @60mhz 10mhz insulation resistance 10,000 megohms min. @ +25c dielectric withstanding voltage 250% of rated voltage for 1 ~ 5 seconds test conditions 1.0 0.2vrms, 1mhz 10% (< 1000pf) or 1khz 10% (>1000pf) nmc-l series features ? lower esr - high q at high frequency ? stable npo characteristics over temperature and voltage ? eia 0201, 0402, 0603 & 0805 case sizes ? wide capacitance (up to 3,300pf) & voltage range (up to 100vdc) nmc-l 0603 npo 100 j 50 trp f rohs compliant tape & reel (paper carrier) voltage (vdc) capacitance tolerance code (see chart) capacitance code, expressed in pf, ? rst 2 digits are signi? cant, 3rd digit is no. of zeros, ?r? indicates decimal for under 10pf temperature characteristic size code (see chart) series part number system multilayer ceramic chip capacitors p p l w h 100% sn over ni barrier *see part number system for details eia case size 0201 0402 0603 0805 length (l) 0.6 0.05 1.0 0.05 1.6 0.10 2.0 0.10 width (w) 0.3 0.05 0.5 0.05 0.8 0.10 1.25 0.10 thickness (t) 0.33 max. 0.60 max. 1.0 max. 1.3 max. termination width (p) 0.10 ~ 0.20 0.15 ~ 0.30 0.12 ~ 0.55 0.25 ~ 0.71 rohs compliant includes all homogeneous materials
26 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com eia case size 0201 0402 0603 0805 2.0 0.6 0.05 1.0 0.05 1.6 0.10 2.0 0.1 width (w) 0.3 0.05 0.5 0.05 0.8 0.10 1.25 0.1 thickness max. (t) 0.33 max 0.55 max. 0.87 max. 1.30 max. termination width (p) 0.10 ~ 0.20 0.15 ~ 0.30 0.25 ~ 0.55 0.25 ~ 0.71 capacitance (pf) working voltage (vdc) 25v 16 25 50 100 16 25 50 100 50 100 0.5 0.700 max. esr @ 500mhz 0.700 max. esr @ 500mhz 0.700 max. esr @ 500mhz 0.6 0.7 0.8 0.9 1.0 0.700 max. esr @ 1ghz 1.2 1.5 1.8 2.2 2.7 3.3 3.9 0.385 max. esr @ 1ghz 4.7 0.385 max. esr @ 500mhz 0.385 max. esr @ 500mhz 0.385 max. esr @ 500mhz 5.6 6.8 8.2 10 12 15 18 22 0.300 max. esr @ 500mhz 0.300 max. esr @ 500mhz 0.300 max. esr @ 500mhz 27 33 39 47 56 68 0.260 max. esr @ 500mhz 0.260 max. esr @ 500mhz 0.260 max. esr @ 500mhz 82 100 110 0.500 max. esr @ 500mhz 0.400 max. esr @ 500mhz 0.260 max. esr @ 500mhz 120 130 150 180 500m max. esr @ 900mhz 500m max. esr @ 900mhz 220 270 500m max. esr @ 900mhz 500m max. esr @ 900mhz 330 390 470 560 500m max. esr @ 60mhz 680 820 1,000 1,200 500m max. esr @ 60mhz 1,500 1,800 2,200 2,700 3,300 nmc-l series multilayer ceramic chip capacitors
27 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nmc-l series multilayer ceramic chip capacitors
28 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nmc-l series multilayer ceramic chip capacitors


▲Up To Search▲   

 
Price & Availability of NMC-L0603NPO8R2B100TRPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X