Part Number Hot Search : 
2A123K 14NXXXK SA264 216100P 116LL LLZ9V1 ML4425IS 74LS86A
Product Description
Full Text Search
 

To Download NCD330K15KVNPOCTRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  63 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ceramic disc capacitors ncd series high voltage high voltage type features ? 2kv, 3kv, 5kv, 10kv, and 15kv voltage ratings ? high performance and reliability ? economically priced ? available with formed leads ? tape packaging option for automatic insertion specifications t emperature characteristics: see class i and class ii data sheets lead spacing and diameter(mm) voltage ratings 4kvdc and higher have resin body coating. thickness 5 ~ 7mm dependent on cv (thinner parts available by special order) (bulk and taped styles) k style 23 min. 5 max. 1.5+ 0.2 s e style 4.7 + 1 5 max. 1.5+ 0.2 s standard 500vdc & up 23 min. 3 max. s temperature characteristics npo sl n3300 y5p z5u z5v operating temperature range -30c ~ +85c +10c ~ +85c capacitance change over temperature range 030ppm n330 500ppm -13% ~ +12% 10% +22% ~ -56% +22% ~ -82% dissipation factor 0.1% max. 0.3% max. 2.5% max. 5% max. insulation resistance minimum 10,000 megohms dielectric withstanding voltage (test voltage) 2.5 times rated voltage for not less than 1 second, 50ma maximum test conditions < 1,000pf; 1mhz, 1.2vrms max., >1,000pf; 1khz, 1.2vrms max. 1khz, 1.0v 0.2vrms max. 1khz, 0.5v 0.1vrms max. voltage rating lead spacing - s bulk 0.8mm lead spacing - s tape & reel/tape & box lead diameter 0.05 2kvdc (7~10mm dia.):6.35mm (12~22mm dia.):9.5mm (7~10mm dia.):6.35mm (12~22mm dia.):9.5mm* 0.6mm 3kvdc (7~10mm dia.):6.35mm (12~22mm dia.):9.5mm (7~10mm dia.):6.35mm (12~22mm dia.):9.5mm* (7~10mm dia.):0.6mm (12~22mm dia.):0.8mm 5kvdc (7~10mm dia.):6.35mm (12~22mm dia.):9.5mm (7~10mm dia.):6.35mm (12~22mm dia.):9.5mm* 0.8mm 10kvdc/ 15kvdc 9.5mm 9.5mm* 0.8mm *all values are not available on tape. consult factory for availability and leadspace options. *see part number system for details part number system ncd 682 m 2kv y5p tr k optional packaging tr = taped and reel tb = tape and box (ammo) optional lead style c = cut lead d = inside kink (short leads) e = outward kink (short leads) j = inside kink (long leads) k = outward kink (long leads) temperature coef? cient working voltage dc tolerance code c = 0.25pf k = 10% d = 0.5pf m = 20% j = 5% z = + 80% / - 20% capacitance code, expressed in pfd, first two digits are signi? cant, third digit is no. of zeros. ?r? indicates decimal for under 10pfd. series rohs compliant f .2ll optional lead space (ls) and/or lead length (ll) in inches
64 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ceramic disc capacitors standard products and maximum diameter (mm) by t.c. and voltage ncd series high voltage cap. (pf) npo sl y5p z5u z5v working voltage (vdc) 2k 3k 5k 10k 15k 2k 3k 5k 10k 15k 2k 3k 5k 10k 15k 2k 3k 5k 10k 15k 2k 3k 5k 1.0 ~1.5 7 8 9 12 14 7 8 8 8 10 18 ~ 27 8 9 12 14 18 7 8 8 10 12 33 9 10 12 16 20 7 8 9 10 14 39 9 10 14 18 22 7 8 9 12 16 47 10 12 14 18 22 7 8 9 12 16 68 12 12 16 8 9 10 16 18 82 14 14 18 8 10 12 16 18 100 14 16 18 9 10 12 16 20 7 8 8 9 10 120 16 16 22 9 12 12 18 22 7 8 8 9 10 150 16 18 22 10 12 14 18 24 7 8 8 9 12 8 8 8 9 180 18 20 10 14 16 20 24 7 8 8 10 12 8 8 8 9 220 18 22 12 14 16 22 7 8 8 12 12 8 8 8 10 270 20 22 14 16 18 24 7 8 8 12 14 8 8 9 10 330 22 14 18 20 7 8 9 12 16 8 8 9 10 470 16 18 22 7 8 10 14 18 8 8 10 12 680 18 22 7 9 12 16 20 8 9 12 14 820 20 8 10 14 18 20 8 9 12 16 1000 22 9 12 14 20 22 7 8 12 14 16 7 8 9 1500 10 12 16 22 26 8 9 16 16 20 7 8 10 2200 12 14 20 24 9 10 16 18 22 8 9 12 3300 14 16 24 12 12 18 22 9 10 14 4700 16 18 26 12 16 18 10 12 16 5600 18 20 14 16 20 12 12 16 6800 20 22 14 18 22 12 14 18 8200 22 16 18 24 14 14 18 10,000 16 20 14 16 20 12,000 18 22 16 18 22 15,000 20 16 18 24 18,000 22 18 20 22,000 18 22 33,000 22 note: 4kv, 6kv, 8kv, 12kv ratings are also available. contact nic for more informaiton
65 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ceramic disc capacitors taping speci? cations dimensions (mm) diameters up to 22mm max. are available on tape. t = 2 ~ 7mm dependent on t.c. and cv ammo pack * -dimension ?p? is 12.7mm, for diameters up to 12mm, and 25.4mm for diameters 13-22mm. h 372 (14.64") l 377 (14.84") w 55 (2.16") acceptable to standard radial type cartridge. acceptable to standard radial type cartridge with a few extra accessories. d < 354 (13.93") b > 21 (.83") but < 30 (1.18") w < 55 (2.16") = = = = t d d h 0 h 1 l w p 0 p p 2 p 1 s d h h l w reel w d b h t d d h h 1 l w p 0 p p 2 p 1 s d symbol d max. d p* p 0 p 1 p 2 shh 0 h 1 d wl t h value 12.0 22.0 0.6 12.7 25.4 12.7 5.1 3.85 3.18 2.6 6.35 2.5 5.0 6.35 7.5 20.0 16.0 max. 32.25 4.0 18.0 max. 11.00 0.7 0 tolerance --- +0.06 -0.05 1.0 0.2 0.7 1.0 0.8 -0.2 +1.5 -1.0 0.5 --- 0.2 0.5 --- 0.2 2.0


▲Up To Search▲   

 
Price & Availability of NCD330K15KVNPOCTRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X