Part Number Hot Search : 
A5800779 SSG07P06 CONTROL SFT1012 LAS6381 IRFF113 60033 NJM2355D
Product Description
Full Text Search
 

To Download MUR3060W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 october, 2000 ? rev. 3 469 publication order number: mur3020wt/d mur3020wt, MUR3060Wt preferred devices switchmode ? power rectifiers . . . designed for use in switching power supplies, inverters and as free wheeling diodes, these state?of?the?art devices have the following features: ? ultrafast 35 and 60 nanosecond recovery time ? 175 c operating junction temperature ? popular to?247 package ? high voltage capability to 600 volts ? low forward drop ? low leakage specified @ 150 c case temperature ? current derating specified @ both case and ambient temperatures ? epoxy meets ul94, v o @ 1/8 ? high temperature glass passivated junction mechanical characteristics ? case: epoxy, molded ? weight: 4.3 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 30 units per plastic tube ? marking: u3020, u3060 maximum ratings please see the table on the following page device package shipping ordering information mur3020wt to?247 http://onsemi.com to?247 psi case 340l plastic 30 units/rail 2 1 ultrafast rectifiers 30 amperes 200?600 volts 1 3 2, 4 3 marking diagram u30x0 u30x0 = device code x = 2 or 6 preferred devices are recommended choices for future use and best overall value. MUR3060Wt to?247 30 units/rail
mur3020wt, MUR3060Wt http://onsemi.com 470 maximum ratings (per leg) rating symbol mur3020wt MUR3060Wt unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 200 600 volts average rectified forward current @ 145 c total device i f(av) 15 30 amps peak repetitive surge current (rated v r , square wave, 20 khz, t c = 145 c) i fm 30 amps nonrepetitive peak surge current (surge applied at rated load conditions, halfwave, single phase, 60 hz) i fsm 200 150 amps operating junction and storage temperature t j , t stg ? 65 to +175 c thermal characteristics (per leg) maximum thermal resistance e junction to case e junction to ambient r q jc r q ja 1.5 40 c/w electrical characteristics (per leg) maximum instantaneous forward voltage (note 1.) (i f = 15 amp, t c = 150 c) (i f = 15 amp, t c = 25 c) v f 0.85 1.05 1.4 1.7 volts maximum instantaneous reverse current (note 1.) (rated dc voltage, t j = 150 c) (rated dc voltage, t j = 25 c) i r 500 10 1000 10 m a maximum reverse recovery time (i f = 1.0 a, di/dt = 50 amps/ m s) t rr 35 60 ns 1. pulse test: pulse width = 300 m s, duty cycle 2.0%.
mur3020wt, MUR3060Wt http://onsemi.com 471 mur3020wt 100 0.1 0.2 0.3 0.5 1 2 3 5 10 20 30 50 i f , instantaneous forward current (amps) 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v f , instantaneous voltage (volts) figure 1. typical forward voltage (per leg) t j = 150 c 100 c 25 c 100 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 0 20 40 60 80 100 120 140 160 180 200 i r , reverse current ( a) m v r , reverse voltage (volts) figure 2. typical reverse current (per leg)* t j = 150 c 100 c 25 c *the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse cur- rent for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . 16 14 12 10 8 6 4 2 0 140 150 160 170 180 i f(av) , average forward current (amps) t c , case temperature (  c) figure 3. current derating, case (per leg) square wave rated voltage applied dc 14 12 10 8 6 4 2 0 0 20 40 60 80 100 120 140 160 180 200 t a , ambient temperature (  c) figure 4. current derating, ambient (per leg) p f(av) , average power dissipation (watts) 16 14 12 10 8 6 4 2 0 0 i f(av) , average forward current (amps) figure 5. power dissipation (per leg) 246810 12 14 16 r  ja = 15  c/w as obtained using a small finned heat sink. dc square wave dc r  ja = 40  c/w as obtained in free air with no heat sink. square wave t j = 125 c square wave 20 10 dc (resistive load) i pk i av = p (capacitive load) i pk i av = 5 i f(av) , average forward current (amps)
mur3020wt, MUR3060Wt http://onsemi.com 472 MUR3060Wt 100 0.1 0.2 0.3 0.5 1 2 3 5 10 20 30 50 i f , instantaneous forward current (amps) 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v f , instantaneous voltage (volts) figure 6. typical forward voltage (per leg) 100 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 150 i r , reverse current ( a) m v r , reverse voltage (volts) figure 7. typical reverse current (per leg)* *the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse cur- rent for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . 16 14 12 10 8 6 4 2 0 140 150 160 170 180 i f(av) , average forward current (amps) t c , case temperature (  c) figure 8. current derating, case (per leg) dc 10 9 0 120 140 160 180 200 t a , ambient temperature (  c) figure 9. current derating, ambient (per leg) p f(av) , average power dissipation (watts) 16 14 12 10 8 6 4 2 0 0 i f(av) , average forward current (amps) figure 10. power dissipation (per leg) 246810 12 14 16 dc i f(av) , average forward current (amps) 100 c 25 c t j = 150 c 200 250 300 350 400 450 500 550 600 650 25 c 100 c t j = 150 c square wave rated voltage applied dc r  ja = 60  c/w as obtained in free air with no heat sink. square wave square wave dc r  ja = 16  c/w as obtained from a small to?220 heat sink. 20 40 60 80 100 20 10 (capacitive load) i pk i av = 5 square wave t j = 125 c i pk i av = p (resistive-inductive load) 200 8 7 6 5 4 3 2 1 0
mur3020wt, MUR3060Wt http://onsemi.com 473 0.01 0.02 0.05 0.1 0.2 0.5 1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1k t, time (ms) figure 11. thermal response d = 0.5 0.1 0.05 0.01 single pulse p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 z  jc(t) = r(t) r  jc r  jc = 1.5  c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z q jc(t) r(t), transient thermal resistance (normalized) 1k 10 20 50 100 200 500 1 2 5 10 20 50 100 v r , reverse voltage (volts) figure 12. typical capacitance (per leg) c, capacitance (pf) t j = 25 c


▲Up To Search▲   

 
Price & Availability of MUR3060W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X