Part Number Hot Search : 
KBPC351 2012A SK09H06 00152 IMP1815 KBPC351 HD66760 S3C9452
Product Description
Full Text Search
 

To Download MOSX12CT26AR243F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for further information on packaging, please refer to appendix c. mos reduced size metal oxide power type leaded resistor features ? coated with ul94v0 flameproof material ? suitable for automatic machine insertion ? marking: pink body color with color-coded bands or alpha-numeric black marking ? products with lead-free terminations meet eu rohs and china rohs requirements axial: t26, t52, t521, t631 stand-off axial: l52, l521, l631 radial: vtp, vte, gt, gt4 l, u, m forming ordering information 2%, 5%: 2 significant figures + 1 multiplier r indicates decimal on value <10 1%: 3 significant figures + 1 multiplier r indicates decimal on value <100 1/2: 0.5w 1: 1w 2: 2w 3: 3w 5: 5w c: sncu (other termination styles available, contact factory for options) mos mosx f: 1% g: 2% j: 5% mos 1/2 c termination material type power rating nominal resistance tolerance taping and forming new part # t52 103 a: ammo r: reel packaging a j dimensions and construction d d marking flame retardant coating end cap lead wire l l c ceramic body l .024 (0.6) .031 (0.8) 1.18.118 (30.0?.0) 1.50.122 (38.0?.1) .098.02 (2.5?.5) .118.02 (3.0?.5) .157.02 (4.0?.5) .236.039 (6.01.0) .354.039 (9.01.0) .280 (7.1) .437 (11.1) .591 (15.0) .709 (18.0) 1.10 (28.0) .244.02 (6.2?.5) .354.039 (9.01.0) .472.039 (12.01.0) .610.039 (15.51.0) .965.039 (24.51.0) mos1/2 mosx1/2 mos1 mosx1 mos2 mosx2 mos3 mosx3 mos5 mosx5 type c (max.) d d (nom.) l dimensions inches (mm) .945 min. (24.0 min.) eu 125 koa speer electronics, inc. ? bolivar drive ? p.o. box 547 ? bradford, pa 16701 ? usa ? 814-362-5536 ? fax: 814-362-8883 ? www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 2/11/08 resistors
126 koa speer electronics, inc. ? bolivar drive ? p.o. box 547 ? bradford, pa 16701 ? usa ? 814-362-5536 ? fax: 814-362-8883 ? www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 1/05/05 resistors mos reduced size metal oxide power type leaded resistor absolute maximum overload voltage absolute maximum working voltage part designation operating temperature range power rating @ 70? applications and ratings t.c.r. (ppm/?) max. mos1/2 mos1 mos2 mos3 mos5 mosx1/2 mosx1 mosx2 mosx3 mosx5 10 - 47k 10 - 47k 10 - 47k 10 - 68k 10 - 68k 0.2 - 9.1 0.22 - 9.1 0.1 - 9.1 10 - 100k 10 - 100k 10 - 100k 300v 350v 500v 1000v 700v 600v -55c to +200c e-96 (f?%) e-24 (g?%) e-24 (j?%) resistance range e = p x r e x 2.5 minimum dielectric withstanding voltage 0.5w 400v 500v 300 500v 700v 800v 700v 800v 400v 1.0w 2.0w 3.0w 0.5w 1.0w 2.0w 3.0w 5.0w 5.0w derating curve surface temperature rise environmental applications % rated power 100 80 60 40 20 -60 -40 0 40 60 80 100 160 70 20 ambient temperature ( c) 0 -55 120 235 -20 140 180 200 220 240 temperature rise ( c) 250 200 150 100 50 0255075 % rated power 0 100 mos5 mosx5 125 mos3 mosx3 mos2 mosx2 mos1 mosx1 mos1/2 mosx1/2 performance characteristics parameter requirement short time overload 300ppm/c temperature coefficient moisture resistance 2.0% 1.0% 5.0% resistance to solder heat temperature cycling 1.0% 1.0% load life vibration terminal strength (lead pull) shock voltage coefficient current noise low temperature operation 5 # minimum <0.1v/v/decade <20ppm/v


▲Up To Search▲   

 
Price & Availability of MOSX12CT26AR243F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X