Part Number Hot Search : 
76M00 SZN5952 2SA16 2SD425 24001 2SD426 G5258 12SPR05
Product Description
Full Text Search
 

To Download MOC217R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t ransistor output (low input current) these devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector , in a surface mountable, s m all outline, plas tic pac k age. they are ideally suited for high dens ity applications, and eliminate the need for through ? the ? board mounting. ? convenient plastic soic ? 8 surface mountable package style ? low led input current required, for easier logic interfacing ? standard soic ? 8 footprint, with 0.050 2 lead spacing ? compatible with dual wave, vapor phase and ir reflow soldering ? high input?output isolation of 3000 vac (rms) guaranteed ? ul recognized file #e90700, volume 2 ordering information: ? t o obtain moc215, 216, 217 in t ape and reel, add r2 su f fix to device numbers: r2 = 2500 units on 13 2 reel ? t o obtain moc215, 216, 217 in quantities of 50 (shipped in sleeves) ? no su f fix marking information: ? moc215 = 215 ? moc216 = 216 ? moc217 = 217 applications: ? low power logic circuits ? interfacing and coupling systems of di f ferent potentials and impedances ? t elecommunications equipment ? portable electronics maximum ra tings (t a = 25 c unless otherwise noted) rating symbol v alue unit input led forward current ? continuous i f 60 ma forward current ? peak (pw = 100 m s, 120 pps) i f (pk) 1.0 a reverse v oltage v r 6.0 v led power dissipation @ t a = 25 c derate above 25 c p d 90 0.8 mw mw/ c output transist or collector ? emitter v oltage v ceo 30 v collector ? base v oltage v cbo 70 v emitter ? collector v oltage v eco 7.0 v collector current ? continuous i c 150 ma detector power dissipation @ t a = 25 c derate above 25 c p d 150 1.76 mw mw/ c small outline opt oisola t ors transist or output schema tic 1. led anode 2. led ca thode 3. no connection 4. no connection 5. emitter 6. collect or 7. base 8. no connection 1 2 3 8 6 5 4 7
maximum ra tings ? continued (t a = 25 c unless otherwise noted) rating symbol v alue unit t o t al device input ? output isolation v oltage (1,2) (60 hz, 1.0 sec. duration) v iso 3000 v ac(rms) t otal device power dissipation @ t a = 25 c derate above 25 c p d 250 2.94 mw mw/ c ambient operating t emperature range (3) t a ? 45 to +100 c storage t emperature range (3) t stg ? 45 to +125 c lead soldering t emperature (1/16 2 from case, 10 sec. duration) ? 260 c electrical characteristics (t a = 25 c unless otherwise noted) (4) characteristic symbol min ty p (4) max unit input led forward v oltage (i f = 1.0 ma) v f ? 1.05 1.3 v reverse leakage current (v r = 6.0 v) i r ? 0.1 100 a capacitance c ? 18 ? pf output transist or collector?emitter dark current (v ce = 5.0 v , t a = 25 c) i ceo 1 ? 1.0 50 na (v ce = 5.0 v , t a = 100 c) i ceo 2 ? 1.0 ? m a collector?emitter breakdown v oltage (i c = 100 m a) v (br)ceo 30 90 ? v emitter?collector breakdown v oltage (i e = 100 m a) v (br)eco 7.0 7.8 ? v collector?emitter capacitance (f = 1.0 mhz, v ce = 0) c ce ? 7.0 ? pf coupled output collector current moc215 (i f = 1.0 ma, v ce = 5.0 v) moc216 moc217 i c (ctr) (5) 200 (20) 500 (50) 1.0 (100) 500(50) 800 (80) 1.3 (130) ? ? ? m a (%) m a (%) ma (%) collector?emitter saturation v oltage (i c = 100 m a, i f = 1.0 ma) v ce(sat) ? 0.35 0.4 v t urn?on t ime (i c = 2.0 ma, v cc = 10 v , r l = 100 w ) t on ? 7.5 ? m s t urn?of f t ime (i c = 2.0 ma, v cc = 10 v , r l = 100 w ) t of f ? 5.7 ? m s rise t ime (i c = 2.0 ma, v cc = 10 v , r l = 100 w ) t r ? 3.2 ? m s fall t ime (i c = 2.0 ma, v cc = 10 v , r l = 100 w ) t f ? 4.7 ? m s input ? output isolation v oltage (f = 60 hz, t = 1.0 sec.) (1,2) v iso 3000 ? ? v ac(rms) isolation resistance (v i?o = 500 v) (2) r iso 10 11 ? ? w isolation capacitance (v i?o = 0, f = 1.0 mhz) (2) c iso ? 0.2 ? pf 1. input?output isolation v oltage, v iso , is an internal device dielectric breakdown rating. 2. for this test, pins 1 and 2 are common, and pins 5, 6 and 7 are common. 3. refer to quality and reliability section in opto data book for information on test conditions. 4. always design to the specified minimum/maximum electrical limits (where applicable). 5. current t ransfer ratio (ctr) = i c /i f x 100%. mo c 21 5 , mo c 21 6 , mo c 21 7
c i f , led input current (ma) 5 2 1 0.5 0.2 0.1 0.05 0.1 1 10 figure 1. led forward v oltage versus forward current i f , led for w ard current (ma) 10 1 2 0.001 1000 100 1 1.2 1.4 1.6 1.8 figure 2. output current versus input current v f , for w ard vol t age (vol ts) i , output collect or current (normalized) pulse onl y pulse or dc typical characteristics normalized t o : i f = 1 ma t a = ? 4 5 c 25 c 100 c 100 10 1 0.1 0.01 20 t a , ambient tempera ture ( c) 120 100 80 60 40 20 0 ?20 ?40 ?60 0.1 1 10 figure 3. output current versus collector?emitter v oltage 18 16 14 12 10 8 6 4 v , vol t age (vol ts) 2 i c , output collect or current (normalized ) c, cap acit ance (pf) 1 10 100 0.1 0 2 0 4 0 6 0 8 0 100 t a , ambient tempera ture ( c) i ceo , collect or?emitter dark current (normalized) figure 4. output current versus ambient t emperature figure 5. dark current versus ambient t emperature figure 6. capacitance versus v oltage 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0 v ce , collect or?emitter vol t age (vol ts) 10 9 8 01 2 3 4 5 6 7 0.4 0.2 i c , output collect or current (ma) normalized t o : t a = 25 c i f = 1 ma moc216 moc215 moc217 normalized t o : v ce = 10 v t a = 25 c v ce = 30 v 10 v c led c ce f = 1 mhz mo c 21 5 , mo c 21 6 , mo c 21 7
p ackage dimensions style 1: pin 1. anode 2. ca thode 3. nc 4. nc 5. emitter 6. collector 7. base 8. nc dim a min max min max millimeters 0.182 0.202 4.63 5.13 inches b 0.144 0.164 3.66 4.16 c 0.123 0.143 3.13 3.63 d 0.01 1 0.021 0.28 0.53 g 0.050 bsc 1.27 bsc h 0.003 0.008 0.08 0.20 j 0.006 0.010 0.16 0.25 k 0.224 0.244 5.69 6.19 notes: 1. dimensioning and t olerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. b k d g 8 pl 0.13 (0.005) m ta m j h c sea ting plane 0.038 (0.0015) 1 85 4 ? a ? ? t ? mo c21 5 , mo c 21 6 , mo c 21 7
life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. www.fairchildsemi.com ? 2000 fairchild semiconductor corporation
product folder - fairchild p/n moc215-m - so8 phototransistor coupler fairchild semiconductor space space space search | parametric | cross reference space product folders and datasheets application notes space space space find products home >> find products >> space space space space products groups space analog and mixed signal discrete interface logic microcontrollers non-volatile memory optoelectronics markets and applications new products product selection and parametric search cross-reference search technical information buy products technical support my fairchild company moc215-m so8 phototransistor coupler related links request samples dotted line how to order products dotted line product change notices (pcns) dotted line support dotted line distributor and field sales representatives dotted line quality and reliability dotted line design tools contents general description | applications | ordering information | product status/pricing/packaging | safety agency certificates general description these devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic package. they are ideally suited for high density applications and eliminate the need for through-the-board mounting. l convenient plastic soic-8 surface mountable package style l low led input current required, for easier logic interfacing l standard soic-8 footprint, with a 0.050- inch lead spacing l compatible with dual wave, vapor phase and ir reflow soldering l high input - output isolation of 3000 vac (rms) guaranteed l underwriters laboratory (ul) recognized - file #e90700, volume 2 back to top applications l low power logic circuits l interfacing and coupling systems of different potentials and impedances l telecommunications equipment l portable electronics space datasheet download this datasheet pdf e-mail this datasheet [e- mail] this page print version file:///g|/imaging/bitting/cpl_rework/moc215-m.html (1 of 2) [may-09-2002 2:59:46 pm]
product folder - fairchild p/n moc215-m - so8 phototransistor coupler back to top ordering information the following options can be ordered with this part: option order entry identifier description r1 r1 surface-mount lead bend tape and reel (500-pc reel) r2 r2 surface-mount lead bend tape and reel (2500-pc reel) back to top product status/pricing/packaging product product status pricing* package type leads packing method moc215-m full production $0.264 soic 8 rail moc215r1-m full production $0.273 soic 8 tape reel moc215r2-m full production $0.273 soic 8 tape reel * 1,000 piece budgetary pricing back to top safety agency certificates cetificate agency 8460,8461 (171 k) bsi british standards institution 136616 (161 k) vde vde pruf-und zertifizierungsinstitut e90700, vol. 2 (254 k) ul underwriters laboratories inc. back to top space space home | find products | technical information | buy products | support | company | contact us | site index | privacy policy ? copyright 2002 fairchild semiconductor space space last updated: april 7, 2002 file:///g|/imaging/bitting/cpl_rework/moc215-m.html (2 of 2) [may-09-2002 2:59:46 pm]
product folder - fairchild p/n moc216-m - so8 phototransistor coupler fairchild semiconductor space space space search | parametric | cross reference space product folders and datasheets application notes space space space find products home >> find products >> space space space space products groups space analog and mixed signal discrete interface logic microcontrollers non-volatile memory optoelectronics markets and applications new products product selection and parametric search cross-reference search technical information buy products technical support my fairchild company moc216-m so8 phototransistor coupler related links request samples dotted line how to order products dotted line product change notices (pcns) dotted line support dotted line distributor and field sales representatives dotted line quality and reliability dotted line design tools contents general description | applications | ordering information | product status/pricing/packaging | safety agency certificates general description these devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic package. they are ideally suited for high density applications and eliminate the need for through-the-board mounting. l convenient plastic soic-8 surface mountable package style l low led input current required, for easier logic interfacing l standard soic-8 footprint, with a 0.050- inch lead spacing l compatible with dual wave, vapor phase and ir reflow soldering l high input - output isolation of 3000 vac (rms) guaranteed l underwriters laboratory (ul) recognized - file #e90700, volume 2 back to top applications l low power logic circuits l interfacing and coupling systems of different potentials and impedances l telecommunications equipment l portable electronics space datasheet download this datasheet pdf e-mail this datasheet [e- mail] this page print version file:///g|/imaging/bitting/cpl_rework/moc216-m.html (1 of 2) [may-09-2002 2:59:47 pm]
product folder - fairchild p/n moc216-m - so8 phototransistor coupler back to top ordering information the following options can be ordered with this part: option order entry identifier description r1 r1 surface-mount lead bend tape and reel (500-pc reel) r2 r2 surface-mount lead bend tape and reel (2500-pc reel) back to top product status/pricing/packaging product product status pricing* package type leads packing method moc216-m full production $0.281 soic 8 rail moc216r1-m full production $0.291 soic 8 tape reel moc216r2-m full production $0.291 soic 8 tape reel * 1,000 piece budgetary pricing back to top safety agency certificates cetificate agency 8460,8461 (171 k) bsi british standards institution 136616 (161 k) vde vde pruf-und zertifizierungsinstitut e90700, vol. 2 (254 k) ul underwriters laboratories inc. back to top space space home | find products | technical information | buy products | support | company | contact us | site index | privacy policy ? copyright 2002 fairchild semiconductor space space last updated: april 7, 2002 file:///g|/imaging/bitting/cpl_rework/moc216-m.html (2 of 2) [may-09-2002 2:59:47 pm]
product folder - fairchild p/n moc217-m - so8 phototransistor coupler fairchild semiconductor space space space search | parametric | cross reference space product folders and datasheets application notes space space space find products home >> find products >> space space space space products groups space analog and mixed signal discrete interface logic microcontrollers non-volatile memory optoelectronics markets and applications new products product selection and parametric search cross-reference search technical information buy products technical support my fairchild company moc217-m so8 phototransistor coupler related links request samples dotted line how to order products dotted line product change notices (pcns) dotted line support dotted line distributor and field sales representatives dotted line quality and reliability dotted line design tools contents general description | applications | ordering information | product status/pricing/packaging | safety agency certificates general description these devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic package. they are ideally suited for high density applications and eliminate the need for through-the-board mounting. l convenient plastic soic-8 surface mountable package style l low led input current required, for easier logic interfacing l standard soic-8 footprint, with a 0.050- inch lead spacing l compatible with dual wave, vapor phase and ir reflow soldering l high input - output isolation of 3000 vac (rms) guaranteed l underwriters laboratory (ul) recognized - file #e90700, volume 2 back to top applications l low power logic circuits l interfacing and coupling systems of different potentials and impedances l telecommunications equipment l portable electronics space datasheet download this datasheet pdf e-mail this datasheet [e- mail] this page print version file:///g|/imaging/bitting/cpl_rework/moc217-m.html (1 of 2) [may-09-2002 2:59:51 pm]
product folder - fairchild p/n moc217-m - so8 phototransistor coupler back to top ordering information the following options can be ordered with this part: option order entry identifier description r1 r1 surface-mount lead bend tape and reel (500-pc reel) r2 r2 surface-mount lead bend tape and reel (2500-pc reel) back to top product status/pricing/packaging product product status pricing* package type leads packing method moc217-m full production $0.281 soic 8 rail moc217r1-m full production $0.291 soic 8 tape reel MOC217R2-m full production $0.291 soic 8 tape reel * 1,000 piece budgetary pricing back to top safety agency certificates cetificate agency 8460,8461 (171 k) bsi british standards institution 136616 (161 k) vde vde pruf-und zertifizierungsinstitut e90700, vol. 2 (254 k) ul underwriters laboratories inc. back to top space space home | find products | technical information | buy products | support | company | contact us | site index | privacy policy ? copyright 2002 fairchild semiconductor space space last updated: april 7, 2002 file:///g|/imaging/bitting/cpl_rework/moc217-m.html (2 of 2) [may-09-2002 2:59:51 pm]
former motorola products now supplied by fairchild - fairchild semiconductor fairchild semiconductor space space space search | parametric | cross reference space product folders and datasheets application notes space space space find products home>> find products >> optoelectronics >> space space space space products groups space analog and mixed signal discrete interface logic microcontrollers non-volatile memory optoelectronics markets and applications new products product selection and parametric search cross-reference search technical information buy products technical support my fairchild company space former motorola products now supplied by fairchild select a product number to download its datasheet in pdf format ( adobe acrobat reader required). a -m suffix indicates a former motorola product. contents 4n | cny | h11 | mct | moc | datasheets for products beginning with 4n 4n25-m 4n25a-m obsoleted, no replacement 4n26-m 4n27-m 4n28-m 4n29-m replaced by 4n29 4n29a-m replaced by 4n29 4n30-m replaced by 4n30 4n31-m replaced by 4n31 4n32-m replaced by 4n32 4n33-m replaced by 4n33 4n35-m 4n36-m 4n37-m 4n38-m replaced by 4n38 4n38a-m replaced by 4n38 back to top datasheets for products beginning with cny cny17-1-m cny17-2-m cny17-3-m back to top datasheets for products beginning with h11 h11a1-m h11aa1-m replaced by h11aa1 h11aa2-m replaced by h11aa2 space space related links 6 pin black/white package comparison dotted line request samples dotted line buy products dotted line optocoupler products dotted line optoelectronics products dotted line contact us file:///g|/imaging/bitting/cpl_rework/motpn.html (1 of 3) [may-09-2002 2:59:53 pm]
former motorola products now supplied by fairchild - fairchild semiconductor h11aa3-m replaced by h11aa3 h11aa4-m replaced by h11aa4 h11av1-m h11av1a-m h11av2-m h11av2a-m h11b1-m replaced by h11b1 h11b3-m replaced by h11b3 h11d1-m replaced by h11d1 h11d2-m replaced by h11d2 h11g1-m replaced by h11g1 h11g2-m replaced by h11g2 h11g3-m replaced by h11g3 h11l1-m h11l2-m h11l3-m back to top datasheets for products beginning with mct mct2-m mct2e-m back to top datasheets for products beginning with moc moc205-m moc206-m moc207-m moc208-m moc211-m moc212-m moc213-m moc215-m moc216-m moc217-m moc223-m moc256-m moc3010-m moc3011-m moc3012-m moc3020-m moc3021-m moc3022-m moc3023-m moc3031-m moc3032-m moc3033-m moc3041-m moc3042-m moc3043-m moc3051-m moc3052-m moc3061-m moc3062-m moc3063-m moc3081-m moc3081-m moc3083-m moc3162-m moc3163-m moc5007-m moc5008-m moc5009-m moc8030-m replaced by moc8030 file:///g|/imaging/bitting/cpl_rework/motpn.html (2 of 3) [may-09-2002 2:59:53 pm]
former motorola products now supplied by fairchild - fairchild semiconductor moc8050-m replaced by moc8050 moc8080-m replaced by moc8080 moc8100-m moc8204-m replaced by moc8204 mocd207-m mocd208-m mocd211-m mocd213-m mocd217-m mocd223-m back to top space space home | find products | technical information | buy products | support | company | contact us | site index | privacy policy ? copyright 2002 fairchild semiconductor space space last updated: march 19, 2002 file:///g|/imaging/bitting/cpl_rework/motpn.html (3 of 3) [may-09-2002 2:59:53 pm]


▲Up To Search▲   

 
Price & Availability of MOC217R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X