Part Number Hot Search : 
250101B 2J224 27T104C F1603 1SS174 04597 EL2041D 1N5376B
Product Description
Full Text Search
 

To Download HFR-RFTL30AC50OHMF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division general note irc reserves the right to make changes in product speci?cation without notice or liability. all information is subject to ircs own data and is considered accurate at time of going to print. a subsidiary of tt electronics plc ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 rftl high frequency, high power surface mount terminators 26 model resistance tcr vswr @ 1ghz power rating @ 100c thermal impedance c/w toler- ance operating temperature rftl05 50 ? 100 ? 200 ? 50ppm/c 1.15 5w 12.5 1% -55c to +155c rftl10 1.15 10w 6.50 rftl20 1.15 20w 6.50 rftl30 1.15 30w 6.50 rftl50 1.2 50w 2.50 rftl60 1.2 60w 2.10 rftl100 1.2 100w 1.30 rftl100y 1.2 100w 1.30 rftl250 1.2 250w 0.50 electrical data the rftl series of high power terminators offers maximum power dissipation in minimum size. combining single lead construction with a rugged thin ?lm element results in a terminator capable of dissipating power to 250 watts when heat-sinked. operation to 3ghz is accomplished through the use of a computer designed thin ?lm element on an aluminum nitride substrate. ohmic values from 50 ohms to 200 ohms suit the rftl to a wide variety of rf and microwave applications. applications for the rftl include power splitters, power ampli?ers, wide band rf and spread spectrum radio. note: (1) rated power is based on part being solder mounted heat-sink plate at 100c. (2) termination has two terminals, one is plate tab terminal and other is backing plate that is to be solder mounted on to heat sink. rftl series ? high power surface mount termination for dc up to 3ghz applications ? small size and wide frequency range ? long life and temperature stability resulting from thin ?lm technology sheet 1 of 2
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 high frequency, high power surface mount terminators 27 physical data dimension (mm) model style a b c d e f rftl05 a 2.54 1.27 1.27 6.35 0.10 0.80 rftl10 a 2.54 1.27 1.27 6.35 0.10 0.80 rftl20 a 5.08 2.54 1.27 6.35 0.10 0.80 rftl30 a 5.08 2.54 1.27 6.35 0.10 0.80 rftl50 b 5.08 5.08 2.2 max 6.35 0.10 0.80 rftl60 b 6.35 6.35 2.2 max 6.35 0.10 0.80 rftl100 b 5.84 8.89 2.2 max 6.35 0.10 0.80 rftl100y b 8.89 5.84 2.2 max 6.35 0.10 0.80 rftl250 b 9.52 9.52 2.2 max 6.35 0.10 0.80 e b b e c c f f a d a d style a without cover style b with cover pre?x hfr - rftl10 c 50 ohm f model rftl05a; rftl10a; rftl20a; rftl30a; rftl50b; rftl60b; rftl100b; rftl100yb; rftl250b tcr c p 50ppm/c resistance 50 ohm; 100 ohm; 200 ohm absolute tolerance code f = 1% for additional information or to discuss your speci?c requirements, please contact our applications team using the contact details below. power derating curve 50 155 100 25 10 100 % of rated power flange temperature (c) ordering data rftl sheet 1 of 2


▲Up To Search▲   

 
Price & Availability of HFR-RFTL30AC50OHMF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X