Part Number Hot Search : 
DU2880U LT1397CS DP126 01118 LN524OKS MBR16100 08140 CXOMKHG
Product Description
Full Text Search
 

To Download HAGC-60-140-40-55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7 hagc series amplifiers provide constant output power over the entire input dynamic range automatically. optionally, these amplifiers can be supplied with linearizers (db/volt) for customized applications. these amplifiers are used in communication systems, such as satellite receivers, telemetry receivers and radar receivers. features ? excellent passband gain flatness ? very low gain variation through dynamic range ? low noise figure ? wide input dynamic ranges available high-performance communication automatic-control amplifier module hagc series model center freq. freq. span dynamic range gain flatness agc gain var. number * (mhz) (mhz) (db) (db) (db) hagc-40-30-20-i/o 30 20 40 0.15 0.5 hagc-50-30-20-i/o 30 20 50 0.15 0.4 hagc-60-30-20-i/o 30 20 60 0.2 0.4 hagc-70-30-20-i/o 30 20 70 0.25 0.5 hagc-40-70-40-i/o 70 40 40 0.15 0.5 hagc-50-70-40-i/o 70 40 50 0.20 0.4 hagc-60-70-40-i/o 70 40 60 0.25 0.4 hagc-70-70-40-i/o 70 40 70 0.3 0.5 hagc-40-140-40-i/o 140 40 40 0.25 0.5 hagc-50-140-40-i/o 140 40 50 0.25 0.4 hagc-60-140-40-i/o 140 40 60 0.25 0.4 hagc-40-140-80-i/o 140 80 40 0.5 0.5 hagc-50-140-80-i/o 140 80 50 0.5 0.5 hagc-60-140-80-i/o 140 80 60 0.5 0.5 hagc-70-140-80-i/o 140 80 70 0.6 0.6 hagc-40-160-40-i/o 160 40 40 0.25 0.4 hagc-50-160-80-i/o 160 80 50 0.5 0.5 hagc-70-160-80-i/o 160 80 70 0.6 0.6 hagc-40-200-40-i/o 200 40 40 0.25 0.4 hagc-50-200-80-i/o 200 80 50 0.5 0.5 hagc-70-200-80-i/o 200 80 70 0.6 0.6 * i = input impedance; o = output impedance. for impedance of 75 ohms, i or o = 7; for impedance of 50 ohms, i or o = 5. 30 mhz if 70 mhz if 140 mhz if 160 mhz if 200 mhz if
8 input/output impedance ....................................... 50 or 75 ohms input return loss................................................... > 18 db noise figure.......................................................... < 8 db output power ....................................................... 0 dbm output return loss ................................................ > 18 db primary power requirements current/voltage .................................................... 150 ma @ +15 volts 40 ma @ -15 volts physical dimensions .......................................................... 2.1 x 2.1 x .75 connectors input/output.......................................................... sma female dc power ............................................................. feedthru terminal housing ground ................................................... 2-56 terminal hag-1 output test monitor port (impedance is the same as the main output). hag-2 other input frequencies (customer to specify). hag-3 wider frequency span (customer to specify). hag-4 other dynamic range (customer to specify). common electrical specifications options mechanical specifications


▲Up To Search▲   

 
Price & Availability of HAGC-60-140-40-55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X