Part Number Hot Search : 
ONTROL HHM1545 EPD1007G DLT431H LT1526J IKW50 SP12VDCR 75N06HD
Product Description
Full Text Search
 

To Download D55342K07B57E6T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
12 w t l wa (wrap around) w t l msr (t op contact) w t l mw a (mini wrap around) qpl precision resistors e-mail: msithick@mini-systemsinc.com web site: http://www.mini-systemsinc.com qpl part number designation example: m55342m01w10e0s per mil-prf-55342, tcr 300ppm, 0502 case size, top contact, gold base metal, 10k , 1% tol., s life failure rate ____________________________________________ mil-prf-55342: m55342 d = for /07 series only m = all other series military spec. indicating mil-prf-55342 ____________________________________________ characteristic: m k = 100ppm m = 300ppm 70c max. ambient temperature at rated wattage ____________________________________________ qpl size: 01 see tables on pages 16 & 17 ____________________________________________ termination: w w = gold top contact material : t = platinum gold top contact base metal : d = palladium silver top contact b = nickel barrier, solder coated wrap around g = nickel barrier, gold plated wrap around c = palladium silver wrap around u = platinum gold wrap around ____________________________________________ value and: 10e0 10k , 1% tolerance : see pgs. 14 & 15 for tables iii & iv of mil-prf-55342 ____________________________________________ life failure: s c = non-er rate : m = 1.0% / 1000 hrs. product level : p = 0.1% / 1000 hrs. r = 0.01% / 1000 hrs. s = 0.001% / 1000 hrs. t = space level ____________________________________________ packaged in chip trays if not speci?ed qpl thick ?lm resistors are printed and ?red on 96% alumina. all case sizes are offered to ?t a variety of hi-rel hybrid microelectronic applications. advanced processing techniques and, hi-rel construction assure optimum performance where tcr, vcr and operating power are critical factors. all styles meet and exceed the quali?cation requirements of mil-prf-55342 made in america 8034 rev a 0604
13 qpl precision resistors msi qpl qpl style resistance tolerance power voltage similar size case size termination char. min. max. % (watts) (volts dc) style/type 01 rm0502 w, t, d k, m 5.60 1 m 1, 2, 5, 10 0.020 40 msr81 b, g, c, u wa81 02 rm0505 w, t, d k, m 5.60 1 m 1, 2, 5, 10 0.050 40 msr82 b, g, c, u wa82 03 rm1005 w, t, d k, m 5.60 1 m 1, 2, 5, 10 0.100 40 msr83 b, g, c, u wa83 04 rm1505 w, t, d k, m 5.60 4.75 m 1, 2, 5, 10 0.150 40 msr80 b, g, c, u wa80 05 rm2208 w, t, d k, m 5.60 15 m 1, 2, 5, 10 0.225 40 msr85 b, g, c, u wa85 06 rm0705 w, t, d k, m 5.60 1 m 1, 2, 5, 10 0.100 50 msr86 b, g, c, u wa86 07 rm1206 w, t, d k, m 5.60 5.62 m 1, 2, 5, 10 0.250 100 msr92 b, g, c, u wa87 08 rm2010 w, t, d k, m 5.60 15 m 1, 2, 5, 10 0.800 1 150 msr88 b, c, u wa88 09 rm2512 w, t, d k, m 5.60 15 m 1, 2, 5, 10 1.000 1 200 msr89 b, c, u wa89 10 rm1010 w, t, d k, m 5.60 5.62 m 1, 2, 5, 10 0.500 1 75 msr90 b, g, c, u wa90 11 rm0402 w, d k, m 5.60 1 m 1, 2, 5, 10 0.040 25 msr20 b, g, c, u wa20 12 rm0603 w, d k, m 5.60 1 m 1, 2, 5, 10 0.070 50 msr93 b, g, c, u wa93 13 rm0302 w, d k, m 5.60 1 m 1, 2, 5, 10 0.040 15 msr98 b, g, c, u mwa98 1. mounted to a ceramic board. made in america 8034 rev a 0604 power dera ting curve 0 20 30 40 50 60 70 80 90 100 110 10 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 tempera ture (?c) percent of ra ted power ___________________________________________________________ electrical performance characteristics ___________________________________________________________ mil-prf-55342 test mil-prf-55342 requirement msi typical ______________________________________________________________ short term overload 0.25% 0.03% high temperature exposure 0.50% 0.05% thermal shock 0.50% 0.07% low temperature operation 0.25% 0.05% resistance to bonding exposure / soldering heat 0.25% 0.09% moisture resistance 0.50% 0.06% stability (life 70c 2,000hrs) 0.50% 0.04% stability (life 70c 10,000hrs) 2.00% 0.07% ______________________________________________________________ operating temperature range from -55c to +150c power rating at 70c derated linearly to 0% power at 150c. (p=e 2 /r)
14 mil-prf-55342 table iii. designator or resistance values for resistance tolerances designator for 1 percent tolerance resistance ohms 1d00 to 9d76 inclusive 1.00 to 9.76 inclusive ohms 10d0 to 97d6 inclusive 10.0 to 97.6 inclusive 100d to 976d inclusive 100 to 976 inclusive 1e00 to 9e76 inclusive 1,000 to 9,760 inclusive kohms 10e0 to 97e6 inclusive 10,000 to 97,600 inclusive 100e to 976e inclusive 100,000 to 976,000 inclusive mohms 1f00 to 9f76 inclusive 1,000,000 to 9,760,000 inclusive 10f0 10,000,000 designator for 2 percent tolerance resistance ohms 1g00 to 9g10 inclusive 1.00 to 9.10 inclusive ohms 10g0 to 91g0 inclusive 10.0 to 91.0 inclusive 100g to 910g inclusive 100 to 910 inclusive 1h00 to 9h10 inclusive 1,000 to 9,100 inclusive kohms 10h0 to 91h0 inclusive 10,000 to 91,000 inclusive 100h to 910h inclusive 100,000 to 910,000 inclusive mohms 1t00 to 9t10 inclusive 1,000,000 to 9,100,000 inclusive 10t0 10,000,000 designator for 5 percent tolerance resistance ohms 1j00 to 9j10 inclusive 1.00 to 9.10 inclusive ohms 10j0 to 91j0 inclusive 10.0 to 91.0 inclusive 100j to 910j inclusive 100 to 910 inclusive 1k00 to 9k10 inclusive 1,000 to 9,100 inclusive kohms 10k0 to 91k0 inclusive 10,000 to 91,000 inclusive 100k to 910k inclusive 100,000 to 910,000 inclusive mohms 1l00 to 9l10 inclusive 1,000,000 to 9,100,000 inclusive 10l0 10,000,000 designator for 10 percent tolerance resistance ohms 1m00 to 8m20 inclusive 1.00 to 8.20 inclusive ohms 10m0 to 82m0 inclusive 10.0 to 82.0 inclusive 100m to 820m inclusive 100 to 820 inclusive 1n00 to 8n20 inclusive 1,000 to 8,200 inclusive kohms 10n0 to 82n0 inclusive 10,000 to 82,000 inclusive 100n to 820n inclusive 100,000 to 820,000 inclusive mohms 1p00 to 8p20 inclusive 1,000,000 to 8,200,000 inclusive 10p0 10,000,000 qpl precision resistors made in america 8036 rev a 0604
15 qpl precision resistors made in america 8036 rev a 0604 1% 2% & 5% 10% 10.00 10.00 10.00 10.20 10.50 10.70 11.00 11.00 11.30 11.50 11.80 12.00 12.00 12.10 12.40 12.70 13.00 13.00 13.30 13.70 14.00 14.30 14.70 15.00 15.00 15.00 15.40 15.80 16.00 16.20 16.50 16.90 17.40 17.80 18.00 18.00 18.20 18.70 19.10 19.60 20.00 20.00 20.50 21.00 mil-prf-55342 table iv. standard resistance values for the 10 to 100 decade 1% 2% & 5% 10% 21.50 22.00 22.00 22.10 22.60 23.20 23.70 24.00 24.30 24.90 25.50 26.10 26.70 27.00 27.00 27.40 28.00 28.70 29.40 30.00 30.10 30.90 31.60 32.40 33.00 33.00 33.20 34.00 34.80 35.70 36.00 36.50 37.40 38.30 39.00 39.00 39.20 40.20 41.20 42.20 43.00 43.20 44.20 45.30 1% 2% & 5% 10% 46.40 47.00 47.00 47.50 48.70 49.90 51.00 51.00 51.10 52.30 53.60 54.90 56.00 56.00 56.20 57.60 59.00 60.40 61.90 62.00 63.40 64.90 66.50 68.10 68.00 68.00 69.80 71.50 73.20 75.00 75.00 75.00 76.80 78.70 80.60 82.00 82.00 82.50 84.50 86.60 88.70 90.90 91.00 93.10 95.30 97.60


▲Up To Search▲   

 
Price & Availability of D55342K07B57E6T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X