Part Number Hot Search : 
10S47 20N50C1D TCMT1113 FX6SMH2 WR100K EVB90109 C3207
Product Description
Full Text Search
 

To Download D55342E07B57E6T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d55342/07 thin film chip resistor 1206 size, surface mount, solderable state of the art, inc. 2470 fox hill road, state college, pa 16803-1797 phone (814) 355-8004 fax (814) 355-2714 toll free 1-800-458-3401 where quality isn't a goal...it's our tradition typical life test performance current noise power derating power dissipation features ? tolerances to 0.1% ? operating temperature range : -55 c to +150 c ? pretinned (sn60) nickel barrier terminations ? tcr's to 25 ppm ? suitable for solder reflow, vapor phase, or wave solder attachment performance characteristics two packaging options are available: waffle pack - (140 per tray max.) tape & reel - (5000 per 8" inch reel max.) packaging options termination type wraparound style (pretinned with a ni barrier), and type w (wire bondable) are available. also available in thick film mil-prf-55342 characteristi ck&m. sotaof fers a full line of component parts in the 1206 size including standard grade, high-reliability (customer specified testing), and zero- ohm jumpers. custom part marking is also available. 10/01/97 all product levels are based on the same design as our "r" level failure rate established reliability part. level c is a non-established reliability part requiring no group a, b or c testing. established reliability (failure rates based on life testing) product levels m,p, and r are subject to group a, b and c testing per mil-prf-55342. space product level t requires group a and b tests including 100% power conditioning. * product levels part numbering d55342 h 07b 100d r product level designator* m: 1% per 1000 hrs. r: 0.01% per 1000 hrs. p: 0.1% per 1000 hrs t: space level c: non - er tcr e: 25 ppm h: 50 ppm k: 100 ppm resistance and tolerance code three significant digits, with a letter indicating the decimal location, and the tolerance, and the value range (,k,m) a: 0.1% d: 1% g: 2% j: 5% m: 10% b: 0.1%k e: 1%k h: 2%k k: 5%k n: 10%k c: 0.1%m f: 1%m t: 2%m l: 5%m p: 10%m ww w wwww w ww w w w ww w w w mechanical inches .126 (+.008/-.008) .063 (.005) .015 - .033 .010 - .025 .010 - .025 .0088 grams length width thickness top term. bottom term. approx. weight mm 3.20 (+.20/-.20) 1.60 (.13) .38 - .84 .25 - .64 .25 - .64 protective encapsulant wraparound terminations pretinned 99.6% alumina chip precision thin film resistor resistance range 5.6 - 1m tolerances 0.1%,1%, 2%, 5%,10% maximum power 250 mw maximum voltage 100 volts ww tcr (-55 to +125 c in ppm/ c) thermal shock low temperature operation short-time overload resistance to bonding exposure moisture resistance high temperature exposure life <25ppm 0.02% 0.02% 0.02% 0.02% 0.03% 0.03% see chart (1) resistance range for 0.1% tolerance is 100 ohms to 1 m ohm. (2) maximum power for e and h tcr is 125 mw. (3) typical resistance change, the maximum is the same as mil-prf-55342. test methods are per mil-prf-55342. solderability: solder coating compatible with sn60, 62 or 63 solders, provides good wetting with all types of solder attachment. all product is tested iaw mil-std-202, method 208, including 8 hour steam aging. environmental performance (3)


▲Up To Search▲   

 
Price & Availability of D55342E07B57E6T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X