Part Number Hot Search : 
APT100 BFE520 X13139HD 100AX 100AX MN6500JT C1236 IRF3415L
Product Description
Full Text Search
 

To Download CP22G-260MHZ-STBY2-CL-TEMP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  43 crystal units this is ultra small leadless surface mount type crystal unit. n features 8 compactness and thin (6.0 3.5 1.0 mm). 8 it is developed for the pll reference oscillation source of cellular phone, paging and the like 8 excellent vibration resistance and shock resistance. 8 highly reliable ceramic package is used so that superior heat-resistance and environ- mental characteristics are realized. 8 it is applicable to ir reflow. 8 taping package is for customer automatic loading operation. 8 display of temperature characteristics is possibile using a two-dimensional data code. *1 standard frequency (mhz) 1.4 0.9 #4 #1 #2 #3 3.0 4.4 1.5 2.5 1.0 0.2 6.0 0.2 3.5 0.2 #4 #1 #2 #3 1.8 4.4 1.4 2.5 internal connections #2, #4, is connected with a cover. (please connect with a gnd or a power supply.) reference foofprint n dimension (mm) * 1 two dimensional data code surface mount type crystal units / nx6035sa (cp22g) 10.368 12.6 12.8 13.0 13.824 14.4 15.000 15.360 16.368 16.800 19.2 19.68 20.6575 26.0 item type frequency range overtone frequency tolerance (25??c) temperature characteristics (in reference to +25?c) operating temperature range equivalent series resistance drive level standard load capacitance operable temperature range 10 10 -6 ? 10 -6 ?0 ~ +60?c nx6035sa (cp22g) 12.6 mhz ~ 26 mhz fundamental 10 10 -6 10 10 -6 40 max 10 w (100 w max) 12pf ?0 ~ +85?c 10 10 -6 10 10 -6 ?0 ~ +75?c n specification if you need non-standard specification, please contact us. [type name] in ( ) which is, it is previous name.


▲Up To Search▲   

 
Price & Availability of CP22G-260MHZ-STBY2-CL-TEMP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X