Part Number Hot Search : 
MMBT4 M3E64ZQX SK156 1SS244 RUST2008 PG3202 K1560G3 128J3
Product Description
Full Text Search
 

To Download CP21B-76210MHZ-3OT-STBY2-SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  43 crystal units surface mount type crystal units / nx7551sa (cp21b) 3rd overtone this is small surface mount type crystal unit. features 8 compact and thin (7.5 5.1 1.2 mm). 8 excellent shock resistance and environmental characteristics. 8 this is high-frequency crystal unit. 8 they have a wide range of applications covering mobile stations and other communi- cations equipment. 8 taping package is for customer automatic loading operation. 8 it is applicable to ir reflow. 5.1 0.2 7.5 0.2 1.2 +0.1 ?.2 2.5 0.1 1.0 0.1 4.6 0.1 2.2 2.5 1.4 6.4 reference footprint # 4 # 1 # 3 # 2 internal connections (top view) note) #2, #4, is connected with a cover. (please connect with gnd or a power supply. (mm) dimensions table 3 equivalent series resistance 4 9 ~ 50 40 ~ 150 70 ~ 160 frequency range (mhz) equivalent series resistance ( ? ) overtone fundamental 3rd overtone 5th overtone 40 60 80 item type frequency range overtone frequency tolerance (25??c) temperature characteristics (in reference to +25?c) operating temperature range equivalent series resistance drive level standard load capacitance operable temperature range 50 10 -6 50 10 -6 ?0 ~ +60?c nx7551sa (cp21b) 9.0 mhz ~ 160 mhz see table 3 10 10 -6 ? 10 -6 ?0 ~ +50?c see table 3 10 ? (100 ? max) 12pf (fundamental) ?0 ~ +85?c 4 4 10 10 -6 15 10 -6 ?0 ~ +85?c specification if you need non-standard specification, please contact us. [type name] in ( ) is previous name. standard frequency (mhz) fundamental 10.245 12.8 13.000 13.824 16.0 16.368 21.245 23.670833 24.576 25.000 33.000 39.000 44.545 57.645 76.210 82.7075 86.784 90.000 94.500


▲Up To Search▲   

 
Price & Availability of CP21B-76210MHZ-3OT-STBY2-SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X