Part Number Hot Search : 
DA332M M30620F SMCJ1 23A10 DSB1A40 40007 23A10 STM6930A
Product Description
Full Text Search
 

To Download CDSOT236-0504C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features rohs compliant* low capacitance - 1 pf esd protection >15 kv protects 4 i/o and 1 v dd line applications hdmi 1.3 version pdas and notebooks consumer electronics display port interface usb 2.0 up to 480 mb/s thermal characteristics (@ t a = 25 c unless otherwise noted) CDSOT236-0504C - tvs/steering diode array *rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications parameter symbol CDSOT236-0504C unit peak pulse current (t p = 8/20 s) i pp 5.5 a storage temperature t stg -55 to +150 oc operating temperature t opr -55 to +85 oc operating supply voltage v dc 6v esd per iec 61000-4-2 (air) (i/o pins) esd per iec 61000-4-2 (contact) (i/o pins) v esd_io 15 8 kv esd per iec 61000-4-2 (air) (v cc to gnd) esd per iec 61000-4-2 (contact) (vcc to gnd) v esd_vcc 30 30 kv dc voltage at any i/o pin v io (gnd-0.5) to (v cc +0.5) v general information the CDSOT236-0504C device provides esd, eft and surge protection for high speed data ports meeting iec 61000-4-2 (esd), iec 61000-4-4 (eft) and iec 61000-4-5 (surge) requirements. the transient voltage suppressor array offers a working peak reverse voltage of 5 v and minimum breakdown voltage of 6 v. the sot23-6 packaged device will mount directly onto the industry standard sot23-6 footprint. bourns ? chip diodes are easy to handle with standard pick and place equipment and the ? at con? guration minimizes roll away. electrical characteristics (@ t a = 25 c unless otherwise noted) 5 vdd 6 i/o 4 4 2 13 i/o 3 gnd i/o 1 1/o 2 parameter symbol CDSOT236-0504C unit maximum reverse standoff voltage 1 v rwm 5.0 v maximum leakage current 1 @ v rwm i l 2.0 a maximum channel leakage current @ v rwm i cd 1.0 a minimum reverse breakdown voltage 1 @ i bv = 1 ma v br 6.0 v maximum forward voltage 4 @ i f = 15 ma v f 1.2 v maximum clamping voltage 2 @ 5 a 8/20 s v c 10 v typical esd clamping voltage - i/o 2 v clamp_io 14 v maximum channel input capacitance 2 @ v pin5 = 5 v, v pin2 = 0 v, v in = 2.5 v, f = 1 mhz c in 1.2 pf maximum channel to channel input capacitance 3 @ v pin5 = 5 v, v pin2 = 0 v, v in = 2.5 v, f = 1 mhz c cross 0.12 pf maximum variation of channel input capacitance @ v pin5 = 5 v, v pin2 = 0 v, v in = 2.5 v, f = 1 mhz (i/o pin to gnd) c in 0.05 pf notes: 1. pin 5 to pin 2 (gnd) 3. between any two of pins 1,3,4,6 2. pin 1,3,4 or 6 to pin 2 (gnd) 4. pin 2 (gnd) to pin 5
millimeters (inches) dimensions = 2.90 (0.114) bsc 1.60 (0.063) bsc 2.80 (0.110) bsc bsc ref. 0.30 - 0.45 (0.011 - 0.018) 0.30 - 0.60 (0.011 - 0.024) 0.60 (0.024) 0.15 (0.006) 0.25 (0.010) 0.08 - 0.20 (0.003 - 0.007) 0.90 - 1.30 (0.035 - 0.051) 1.45 (0.057) max. max. 0.95 (0.037) bsc bsc 0 - 8 1.90 (0.075) speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications CDSOT236-0504C - tvs/steering diode array product dimensions circuit diagram this is a molded sot23-6l package with lead free 100 % matte sn on the lead frame. it weighs approximately 3 mg and has a ? ammability rating of ul 94v-0. recommended footprint how to order cd sot236 - 05 04 c common diode chip diode package sot236 = sot23-6 package working peak reverse voltage 05 = 5 v rwm (volts) number of lines 04 = 4 data lines suf? x c = low capacitance typical part marking CDSOT236-0504C ..................................................................... 54c 2.40 (0.094) 1.90 (0.074) 0.95 (0.037) 0.70 (0.028) 1.00 (0.039) millimeters (inches) dimensions = 1 2 5 3 4 6
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.0 4.0 2.5 1.5 2.0 1.0 0.5 capacitance (pf) voltage (v) 3.0 3.5 vdd = 5 v, gnd = 0 v, f = 1 mhz, t = 25 c 0.00 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.0 4.0 2.5 1.5 2.0 1.0 0.5 capacitance (pf) voltage (v) 3.0 3.5 vdd = 5 v, gnd = 0 v, f = 1 mhz, t = 25 c 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.0 4.0 2.5 1.5 2.0 1.0 0.5 capacitance (pf) voltage (v) 3.0 3.5 vdd = floated, gnd = 0 v, f = 1 mhz, t = 25 c 0.00 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.0 4.0 2.5 1.5 2.0 1.0 0.5 capacitance (pf) voltage (v) 3.0 3.5 vdd = floated, gnd = 0 v, f = 1 mhz, t = 25 c 9 -12 -9 -6 -3 0 3 6 -15 -27 -24 -21 -18 -30 1e+8 1e+9 insertion loss (db) frequency (hz) vdd = 5 v 3 ghz: -0.521 db 3.6 ghz: -3 db 9 -12 -9 -6 -3 0 3 6 -15 -27 -24 -21 -18 -30 1e+8 1e+9 insertion loss (db) frequency (hz) vdd = floated 3 ghz: -1.95 db 3.14 ghz: -3 db speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications CDSOT236-0504C - tvs/steering diode array typical characteristics typical variation of c in vs. v in typical variation of c in vs. v in typical variation of c io to io vs. v in typical variation of c io to io vs. v in insertion loss s21 (i/o to gnd) insertion loss s21 (i/o to gnd)
speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications CDSOT236-0504C - tvs/steering diode array packaging information ....... ....... ....... ....... ....... ....... ....... ....... pa f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d the product will be dispensed in tape and reel format (see diagram below) dimensions: mm (inches) item symbol sot23-6 carrier width a 3.90 0.10 (0.154 0.004) carrier length b 3.90 0.10 (0.154 0.004) carrier depth c 0.90 0.10 (0.035 0.004) sprocket hole d 1.55 0.05 (0.061 0.002) reel outside diameter d 178 (7.008) reel inner diameter d 1 50.0 (1.969) min. feed hole diameter d 2 13.0 0.20 (0.512 0.008) sprocket hole position e 1.75 0.10 (0.069 0.004) punch hole position f 3.50 0.05 (0.138 0.002) punch hole pitch p 4.00 0.10 (0.157 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 0.004) embossment center p 1 2.00 0.05 (0.079 0.002) overall tape thickness t 0.20 0.10 (0.008 0.004) ta p e w i d t h w 8.00 0.20 (0.315 0.008) reel width w 1 14.4 (0.567) max. quantity per reel -- 3000 07/09 devices are packed in accordance with eia standard rs-481-a. asia-paci? c: tel: +886-2 2562-4117  fax: +886-2 2562-4116 europe: tel: +41-41 768 5555  fax: +41-41 768 5510 the americas: tel: +1-951 781-5500  fax: +1-951 781-5700 www.bourns.com


▲Up To Search▲   

 
Price & Availability of CDSOT236-0504C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X