Part Number Hot Search : 
C20VI 15ETH03 ALVCH LTC2641 NTE5980 2SB1005 2SB1005 8HC71
Product Description
Full Text Search
 

To Download CDSOT23-0502U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features lead free as standard rohs compliant* low clamping voltage bidirectional esd protection protects 2 lines applications personal digital assistants (pdas) mobile phones & accessories portable electronics power lines and low speed data lines electrical & thermal characteristics (@ t a = 25 c unless otherwise noted) CDSOT23-0502U - surface mount tvs diode *rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications notes: 1. test between pins 1 to 3. 2. test between pins 2 to 3. 3. test between pins 1 to 2. general information asia-paci? c: tel: +886-2 2562-4117  fax: +886-2 2562-4116 europe: tel: +41-41 768 5555  fax: +41-41 768 5510 the americas: tel: +1-951 781-5500  fax: +1-951 781-5700 www.bourns.com the CDSOT23-0502U device provides esd, eft and surge protection for high speed data ports meeting iec 61000-4-2 (esd), iec 61000-4-4 (eft) and iec 61000-4-5 (surge) requirements. the transient voltage suppressor array offers a working peak reverse voltage of 5 v and minimum breakdown voltage of 6 v. the sot23-3 packaged device will mount directly onto the industry standard sot23-3 footprint. bourns ? chip diodes are easy to handle with standard pick and place equipment and their ? at con? guration minimizes roll away. parameter symbol value unit peak pulse current (t p = 8/20s) i ppm 16 a storage temperature t stg -55 to 125 oc operating temperature t opr -55 to 150 oc minimum breakdown voltage @ 1 ma v br 6.0 v reverse standoff voltage v m 5v maximum leakage current @ v wm i l 2.5 a maximum forward voltage v f 1v maximum surge clamping voltage1 @ i pp =5 a (note 1,2) v cs1 7v maximum surge clamping voltage2 @ i pp =5 a (note 3) v cs2 8v typical esd clamping voltage1 @ i pp =17 a (note 1,2) v esd1 9v typical esd clamping voltage2 @ i pp =17 a (note 3) v esd2 11 v max channel input capacitance @ 0 v, 1 mhz (note 1,2) c n 65 pf max channel to channel capacitance @ 0 v, 1 mhz (note 3) c cross 32.5 pf 3 21
speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications product dimensions CDSOT23-0502U - surface mount tvs diode this is a molded sot23-3l package with lead free 100 % matte sn on the lead frame. it weighs approximately 8 mg and has a ? ammability rating of ul 94v-0. how to order cd sot23 - 05 02 u common code chip diode package  sot23 = sot-23-3l package working peak voltage 05 = 5 v lines 02 = 2 lines suf? x u = unidirectional diode dimensions a 2.82 - 3.02 (0.111 ? 0.119) b 0.95 typ. (0.037) ....... c 1.20 ? 1.40 (0.047 ? 0.055) d 2.25 ? 2.55 (0.089 ? 0.100) e 1.80 ? 2.00 (0.071 ? 0.079) f 0.45 ? 0.60 (0.018 ? 0.024) g 0.90 ? 1.05 (0.035 ? 0.041) h 0.30 ? 0.40 (0.012 ? 0.016) i 0.55 ref. (0.022) ....... j 0.08 ? 0.15 (0.003 ? 0.006) recommended footprint dimensions a 0.95 (0.037) b 0.95 (0.037) c 2.00 (0.079) d 0.85 (0.033) e 0.85 (0.033) 12 3 b cd i j g e f h a millimeters (inches) dimensions = a b c e d millimeters (inches) dimensions =
CDSOT23-0502U - surface mount tvs diode speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications rating & characteristic curves reverse clamping voltage vs peak pulse current pulse waveform typical variation of c in vs. v in (1) typical variation of c in vs. v in (1) 0 1 5 46789 10 11 12 13 14 15 16 17 18 clamping voltage (v) peak pulse current, i pp (a) 2 3 4 5 6 7 8 9 10 11 12 waveform parameters: tr = 8  s, td = 20  s pin-1 to pin-3 & pin-2 to pin-3. 20 40 60 80 100 120 0 030 25 20 15 10 5 i pp C peak pulse current (% of i pp ) t C time (s) test waveform parameters t t = 8 s t d = 20 s t t e t t d = t | i pp /2 0 -4 -5 -2 -3 -1 1 3 02 45 input capacitance (pf) input voltage (v) 5 10 15 20 25 35 30 f=1 mhz, t=25 c pin-1 to pin-2 pin-3 floated 0 0.5 0.0 1.5 1.0 2.0 3.0 4.0 2.5 3.5 4.5 5.0 input capacitance (pf) input voltage (v) 5 10 15 20 25 60 30 35 40 45 50 55 f=1 mhz, t=25 c pin-1, pin-2 to pin-3 typical part marking CDSOT23-0502U ....................................................................... 52u
....... ....... ....... ....... ....... ....... ....... ....... p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications CDSOT23-0502U - surface mount tvs diode packaging information the product is dispensed in tape and reel format (see diagram below). devices are packed in accordance with eia standard rs-481-a. dimensions: mm (inches) item symbol sot-23 carrier width a 2.25 0.10 (0.088 - 0.004) carrier length b 2.34 0.10 (0.092 - 0.004) carrier depth c 1.22 0.10 (0.048 - 0.004) sprocket hole d 1.55 0.05 (0.061 - 0.002) reel outside diameter d 178 (7.008) reel inner diameter d 1 50.0 ... (1.969) min. feed hole diameter d 2 13.0 0.20 (0.512 0.008) sprocket hole position e 1.75 0.10 (0.069 0.004) punch hole position f 3.50 0.05 (0.138 0.002) punch hole pitch p 4.00 0.10 (0.157 - 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 0.004) embossment center p 1 2.00 0.05 (0.079 0.002) overall tape thickness t 0.20 0.10 (0.008 0.004) ta p e w i d t h w 8.00 0.20 (0.315 - 0.008) reel width w 1 14.4 . (0.567) max. quantity per reel -- 3,000 07/09


▲Up To Search▲   

 
Price & Availability of CDSOT23-0502U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X