Part Number Hot Search : 
FARM2C22 PYQ2898 71M65 STK4234 L6416 STK4234 12MTB100 01900
Product Description
Full Text Search
 

To Download ASPI-0302-1R5-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part l dcr ( ? ) max i dc (a) max no (h) aspi aspi aspi aspi aspi aspi aspi aspi aspi aspi aspi aspi aspi aspi - xxx 20% 0302 0403 0504 0703 0705 1004 1005 0302 0403 0504 0703 0705 1004 1005 1r0 1.0 0.072 0.033 2.10 3.80 1r2 1.2 0.078 1.70 1r4 1.4 0.038 3.30 1r5 1.5 0.085 1.50 1r8 1.8 0.091 0.042 1.32 2.91 2r2 2.2 0.104 0.047 1.28 2.60 2r7 2.7 0.111 0.052 1.24 2.43 3r3 3.3 0.137 0.058 1.18 2.15 3r9 3.9 0.143 0.076 1.15 1.98 4r7 4.7 0.170 0.094 1.04 1.70 5r6 5.6 0.176 0.101 1.00 1.60 6r8 6.8 0.202 0.117 0.88 1.41 7r4 7.4 0.215 0.84 8r2 8.2 0.228 0.132 0.78 1.26 100 10 0.230 0.182 0.10 0.08 0.07 0.05 0.06 0.76 1.15 1.44 1.44 2.30 2.38 2.60 120 12 0.270 0.235 0.12 0.09 0.08 0.06 0.07 0.69 1.05 1.40 1.39 2.00 2.13 2.45 150 15 0.310 0.338 0.14 0.10 0.09 0.07 0.08 0.64 0.92 1.30 1.24 1.80 1.87 2.27 180 18 0.410 0.378 0.15 0.11 0.10 0.08 0.09 0.53 0.84 1.23 1.12 1.60 0.73 2.15 220 22 0.470 0.522 0.18 0.13 0.11 0.09 0.10 0.50 0.76 1.11 1.07 1.50 1.60 1.95 270 27 0.660 0.54 0.20 0.15 0.12 0.10 0.11 0.41 0.71 0.97 0.94 1.30 1.44 1.76 330 33 0.760 0.587 0.23 0.17 0.13 0.12 0.12 0.38 0.64 0.88 0.85 1.20 1.26 1.50 390 39 0.850 0.844 0.32 0.22 0.16 0.15 0.14 0.36 0.59 0.80 0.74 1.10 1.20 1.37 470 47 0.970 0.937 0.37 0.25 0.18 0.17 0.17 0.33 0.54 0.72 0.68 1.10 1.10 1.28 560 56 1.250 1.117 0.42 0.28 0.24 0.20 0.19 0.29 0.50 0.68 0.64 0.94 1.01 1.17 680 68 1.450 0.46 0.33 0.28 0.22 0.22 0.28 0.46 0.61 0.59 0.85 0.91 1.11 820 82 1.850 0.60 0.41 0.37 0.25 0.25 0.24 0.58 0.54 0.78 0.85 1.00 101 100 2.200 0.70 0.48 0.43 0.34 0.35 0.22 0.52 0.51 0.72 0.74 0.97 121 120 2.900 0.93 0.54 0.47 0.40 0.40 0.18 0.48 0.49 0.66 0.69 0.89 151 150 3.400 1.10 0.75 0.64 0.54 0.47 0.17 0.40 0.40 0.58 0.61 0.78 181 180 3.900 1.38 1.02 0.71 0.62 0.63 0.15 0.38 0.36 0.51 0.56 0.72 221 220 1.57 1.20 0.96 0.72 0.73 0.35 0.31 0.49 0.53 0.66 271 270 1.31 1.11 0.95 0.97 0.29 0.42 0.45 0.57 331 330 1.50 1.26 1.10 1.15 0.28 0.40 0.42 0.52 391 390 1.77 1.77 1.24 1.30 0.28 0.36 0.38 0.48 471 470 1.96 1.96 1.53 1.48 0.28 0.34 0.35 0.42 561 560 2.70 1.90 1.90 0.27 0.32 0.33 681 680 3.10 2.25 0.27 0.28 821 820 2.55 0.24 102 1000 3.00 0.22 abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com surface-mount power inductors s u r f a c e - m o u n t p o w e r i n d u c t o r s surface-mount power inductors aspi series : 0302, 0403, 0504, 0703, 0705, 1004, 1005 ||||||||||||||| standard specifications: technical information: ? measuring frequency (l) : 1.0~8.2h (7.96mhz), 10~82h (2.52mhz), 100~820h (1khz)  operating temperature: -40c to +125c  storage temperature: -55 c to +125c  tolerance: add -m=20% (standard) to the part no.  add -t for tape and reel  idc: l drops 10% typical from initial value at idc note: all specifications subject to change without notice. options:  tape & reel is standard  bulk packaging available for smaller quantities  tolerance: 20% is standard  custom design available applications:  ideal for palm-top and laptop dc-dc converters  pda's flash memory  step-up, step-down converters features:  current up to 3.8a  very small foot print  flat-top for pick & place  increased size selection guide rev1.1-8/04
b a c d 0.1380.012 0.1260.012 0.0870.012 0.035 3,500,30 3,200,30 2,200,30 0,90 0.1770.012 0.1570.012 0.1260.012 0.047 4,500,30 4,000,30 3,200,30 1,20 0.2280.012 0.2050.012 0.1770.016 0.051 5,800,30 5,200,30 4,500,40 1,30 0.3070.012 0.2760.012 0.1380.020 0.083 7,800,30 7,000,30 3,500,50 2,10 0.3070.012 0.2760.012 0.1970.020 0.083 7,800,30 7,000,30 5,000,50 2,10 0.3940.012 0.3540.012 0.1650.020 0.083 10,000,30 9,000.012 4,200,50 2,10 0.3940.012 0.3540.016 0.1970.020 0.083 10,000,30 9,000,40 5,400,40 2,10 bd aspi-0504 aspi-0703 aspi-1005 c aspi-0403 aspi-0705 a aspi-0302 aspi-1004 abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com surface-mount power inductors s u r f a c e - m o u n t p o w e r i n d u c t o r s surface-mount power inductors aspi series : 0302, 0403, 0504, 0703, 0705, 1004, 1005 ||||||||||||||| standard specifications: physical characteristics: options: ? tape & reel is standard bulk packaging available for smaller quantities  tolerance: 10% and 20% is standard, see inductance table applications:  ideal for palm-top and laptop dc-dc converters.  pda's flash memory  step-up, step-down converters features:  current up to 3.8a  very small foot print  flat-top for pick & place  increased size selection guide rev1.1-8/04


▲Up To Search▲   

 
Price & Availability of ASPI-0302-1R5-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X