Part Number Hot Search : 
0805C AMPHENOL LHI978 74HC15 74HC15 EXA40 UPC258C5 RU3JGF
Product Description
Full Text Search
 

To Download AP5S-200MHZ-D-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | ap5s ? comparable performance t o fi x ed frequency oscillator ? low peak to peak jitter with pll technology ? l o w supply current ? alte r nati v e to long lead-time xo's revised: 08.06.09 pb rohs compliant 5 . 0 x 3 . 2 x 1 . 2 m m for small quantities, delivery time is 1-5 days programmable crystal clock oscillator hcmos/ttl compatible surface-mount features: electrical specifications: options & part identification: test circuit: (left blank if standard) abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 303 3 2 e s p e r anz a , r a n c h o s a n t a m a r g a r i t a , c a li f o r n i a 926 8 8 t e l 949 - 546-80 0 0 | fa x 94 9 - 54 6 - 800 1 | w w w .a b r a c on. c o m unit mhz mhz c c ppm v v ma ma % nsec v v msec psec psec -- * inclusive of calibration @25c, operating temperature range, input voltage variation, load variation, aging, shock, and vibr ation. ** transition times are measured between 10% and 90% of vdd with an output load of 15 pf. 2.75 3.63 20 -- 30 -- input voltage (operating vdd) (2.5v) 2.5 -100 3.3 typical 100 45 55.0 maximum 0 0 2 0 1 (2.5v) -- 2.97 2.25 10 frequency range (3.3v) input current (3.3v) -- -- -- -- 166 -- operating temperature range (see options) 0 7 + 0 -- storage temperature range (see options) 5 2 1 5 5 - over all frequency stability * (see options) characteristics minimum symmetry at 1/2vdd output voltage rise and fall time (tr/tf)** 3.5 2.5 50 v oh n i m 4 . 0 - d d v - - -- v ol - - x a m v 4 . 0 -- start-up time 0 1 - - -- tri-state function (input to pin 1) pin 1 : high or open , pin 3 : enable pin 1 : low , pin 3 : disable jitter peak-to-peak - - - - 70 output type cmos phase jitter (rms, 12khz to 20mhz) - - - - 2.5 blank * 3.3 v i 0c to +50c j(**) 20ppm blank 1 2.5 v d -10c to +60c r 25ppm t *3.3v : standar d e -20c to +70c k 30ppm f -30c to +70c c 50ppm n -30c to +85c l -40c to +85c freq. stabilit y packaging bulk tape and reel supply voltage operating temp. visit www.abracon.com for terms & conditions of sale ** available for i, d, or e temp options only. contact abracon for ej or lr options. (availability limited) *** frequency in mhz ap5s -frequency***- - -
| | | | | | | | | | | | | | | ap5s pb rohs compliant 5 . 0 x 3 . 2 x 1 . 2 m m programmable crystal clock oscillator hcmos/ttl compatible surface-mount abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 303 3 2 e s p e r anz a , r a n c h o s a n t a m a r g a r i t a , c a li f o r n i a 926 8 8 t e l 949 - 546-80 0 0 | fa x 94 9 - 54 6 - 800 1 | w w w .a b r a c on. c o m dimensions: inches (mm) dimensions: mm outline drawing: tape & reel: pin # 1 # 2 # 3 # 4 connection oe gnd/case output vdd note : it is recommended to use an approximately 0.01uf bypass capacitor between pin 2 and 4. revised: 08.06.09 visit www.abracon.com for terms & conditions of sale reflow profile: note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d .


▲Up To Search▲   

 
Price & Availability of AP5S-200MHZ-D-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X