Part Number Hot Search : 
U74HC32 LB1871M UCY7408 NM24W16 OP265C NE502AF DT74ALV 1005C
Product Description
Full Text Search
 

To Download 7311S-DG-104P-625M-NSA3346L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal oscillator co32_101013_7311s-dg_e simple packaged crystal oscillator (spxo) 7300 series model name 7311s-dg for sonet-, sdh-, and gbethernet-related equipment main application low power supply voltage (3.3v) lvds output level. low phase jitter : max. 1ps ultra-compact with dimensions of 7.0 x 5.0 x 1.7 mm. features mm 7.0 0.1 1.7 0.2 5.0 0.1 5.08 0.1 #1 #2 #4 #5 #6 #3 2.6 0.1 1.2 0.1 3.9 1.5 land pattern (typical ) 1.4 0.1 5.08 1.6 2.54 cby=0.01? f #1 #2 #3 #4 #5 #6 stand-by n.c gnd output output v cc terminal land connection s dimensions #1 input #4 and #5 output level h (v ih 0.7 v cc ) or open oscillation output on level l (v il 0.3 v cc ) high impedance standby function table (tristate) when ordering our products, specify them with an ordering code that consists of the following: model name C frequency (up to 8 digits) m C number for specifying an order example : when ordering +3.3 v, max. 10010 ?6 /0 to 85 c, 125 mhz ordering code: 7311s-dg-104x-125m-nsa3346c if you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/). how to specify an order specifcations model item classifcation 7311s dg-255r dg-505x dg-104x dg-505p dg-104p nominal frequency range (mhz) 62.5 to 220 supply voltage [v cc ] (v) +3.3 10 % load resistance 100 (pad #4 - #5) current consumption during operation max. 60 ma (typ. 43 ma) during standby max. 30 a output level lvds level (complementary) operating temperature range 0 to +70c 0 to +85c ?40 to +85c storage temperature range ?55 to +125c frequency tolerance max. 2510 ?6 max. 50 10 ?6 max. 100 10 ?6 max. 50 10 ?6 max. 100 10 ?6 symmetry 40 % to 60 % (at 50% waveform) phase jitter (rms) max. 1ps (12 khz to 20 mhz) stand-by function (tristate) available number for specifying an order nsa3344c nsa3345c nsa3346c nsa3345l nsa3346l


▲Up To Search▲   

 
Price & Availability of 7311S-DG-104P-625M-NSA3346L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X