Part Number Hot Search : 
TSH22I SW12900E D271K 1N4738CG KBPC251 AT45D TLP3502A D271K
Product Description
Full Text Search
 

To Download 69GRB17DO832 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  690v grb-urb from 12 to 100a size: 17 x 49 features / benefits ? extremely high interrupting rating fuses: protection of power semiconductors as per iec standard 269.1 and 4 ? 690v voltage rating as per iec 33 ? gr class [current rating 12 to 90a] as per vde 636-23 -full range protection -improved safety and protection -allows selective coordination ? ar class [current rating 100a] according to vde 636-23 and iec 269.4 ? connections as per: -german standard din 43653/00c -british standard bs 88-4 ? these fuses are ul recognized din bs88 fuses 6,9 grb-urb semiconductor protection fuses voltage rating u n ( v ) class current rating i n ( a ) tested interrupting rating estimated interrupting rating total clearing i 2 t@ (a 2 s) applications data watt losses 0.8 i n i n 1.95 2.2 3.0 4.4 5.0 5.2 5.8 6.3 7.2 7.4 8.0 8.8 9.4 11 13 minimum operating voltage for separate trip-indicator: 20 v d 52 pre-arcing i 2 t@ 1 ms (a 2 s) 3.5 4.0 5.5 8.0 9.0 9.5 10.5 11.5 13 13.5 14.5 16 17 20 23.5 690 690 grb urb 12 16 20 25 32 35 40 45 50 55 63 75 80 90 100 4.2 9.6 17.1 26.8 52.5 69 96 130 154 210 310 520 620 840 965 30 65 110 170 330 430 610 820 970 1320 1950 3250 3900 5300 6150 200 k a @ 690 v 300 k a @ 690 v 200 k a @ 690 v 300 k a @ 690 v c us
d 53 d din fuses 6,9 grb-urb semiconductor protection fuses german standard without blown fuse indication current rating catalog no. ref # 12 16 20 25 32 35 40 45 50 55 63 75 80 90 100 6,9 grb 17 do8/12 6,9 grb 17 do8/16 6,9 grb 17 do8/20 6,9 grb 17 do8/25 6,9 grb 17 do8/32 6,9 grb 17 do8/35 6,9 grb 17 do8/40 6,9 grb 17 do8/45 6,9 grb 17 do8/50 6,9 grb 17 do8/55 6,9 grb 17 do8/63 6,9 grb 17 do8/75 6,9 grb 17 do8/80 6,9 grb 17 do8/90 6,9 urb 17 do8/100 m220972 n220973 p220974 q220975 r220976 s220977 t220978 v220979 w220980 x220981 y220982 z220983 a220984 b220985 c220986 12 16 20 25 32 35 40 45 50 55 63 75 80 90 100 6,9 grb 17 do8p 12 6,9 grb 17 do8p 16 6,9 grb 17 do8p 20 6,9 grb 17 do8p 25 6,9 grb 17 do8p 32 6,9 grb 17 do8 p 35 6,9 grb 17 do8p 40 6,9 grb 17 do8p 45 6,9 grb 17 do8p 50 6,9 grb 17 do8p 55 6,9 grb 17 do8p 63 6,9 grb 17 do8p 75 6,9 grb 17 do8p 80 6,9 grb 17 do8p 90 6,9 urb 17 do8p 100 x221004 y221005 z221006 a221007 b221008 c221009 d221010 e221011 f221012 g221013 h221014 j221015 k221016 l221017 m221018 12 16 20 25 32 35 40 45 50 55 63 75 80 90 100 6,9 grb 17/12 6,9 grb 17/16 6,9 grb 17/20 6,9 grb 17/25 6,9 grb 17/32 6,9 grb 17/35 6,9 grb 17/40 6,9 grb 17/45 6,9 grb 17/50 6,9 grb 17/55 6,9 grb 17/63 6,9 grb 17/75 6,9 grb 17/80 6,9 grb 17/90 6,9 urb 17/100 w220975 x220958 y220959 z220960 a220961 b220962 c220963 d220964 e220965 f220966 g220967 h220968 j220969 k220970 l220971 12 16 20 25 32 35 40 45 50 55 63 75 80 90 100 6,9 grb 17p12 6,9 grb 17p16 6,9 grb 17p20 6,9 grb 17p25 6,9 grb 17p32 6,9 grb 17p35 6,9 grb 17p40 6,9 grb 17p45 6,9 grb 17p50 6,9 grb 17p55 6,9 grb 17p63 6,9 grb 17p75 6,9 grb 17p80 6,9 grb 17p90 6,9 urb 17p100 d220987 e220988 f220989 g220990 h220991 j220992 k220993 l220994 m220995 n220996 p220997 q220998 r220999 s221000 t221001 german standard with separate blown fuse trip-indicator din 43623/00c british standard without blown fuse indication british standard with separate blown fuse trip-indicator bs 88-4 pack. current rating catalog no. ref # pack. current rating catalog no. ref # pack. current rating catalog no. ref # pack. 10 (40 g) 10 (40 g) 10 (37 g) 10 (49 g) 46.2 18.5 1.5 16 96 69.4 - 81 8.73 15.5 weight: 40 g packaging: 10 pieces weight: 40 g packaging: 10 pieces weight: 37 g packaging: 10 pieces weight: 37 g packaging: 10 pieces 18


▲Up To Search▲   

 
Price & Availability of 69GRB17DO832

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X