Part Number Hot Search : 
S72N27SF AT1396X CXA2040 TDA9809M KSD471A RT9224CC SC9696P MAX612
Product Description
Full Text Search
 

To Download 2W08G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  + 2w005g thru 2w10g features rating to 1000v prv ideal for printed circuit board low forward voltage drop, high current capability. reliable low cost construction utilizing molded epo xy technique results in inexpensive product the plastic material has ul flammability classifica tion 94v0 ul recognized file # e95060 mechanical data case : molded plastic polarity: as marked on body weight : 0.05 ounces, 1.3 grams mounting position : any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. 2w005g notes : 1.measured at 1.0mhz and applied reverse vo ltage of 4.0v dc. 2.thermal resistance junction to am bient c j maximum average forward rectified current @ta=25 c peak forward surge current 8.3ms single half sinewave superimposed on rated load (jedec method) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage at 2.0a dc maximum dc reverse current at rated dc blocking voltage typical junction capacitance per element (note 1) 2.0 60 1.1 operating temperature range c storage temperature range typical thermal resistance (note 2) unit characteristics symbol wog all dimensions in millimeter wog dim. min. max. ac d e f b 8.84 9.86 25.4 27.9 4.60 4.00 0.71 0.81 4.60 5.60 a c d e f b f glass passivated bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 2.0 amperes semiconductor lite-on rev. 5, sep2010, kbdd02 i 2 t rating for fusing (t < 8.3ms) a 2 s i 2 t @t j =25 c @t j =125 c v rrm v rms v dc i (av) i fsm v f i r r ja r jl r jc t j t stg 2w01g 2w02g 2w04g 2w06g 2W08G 2w10g 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 5.0 500 15 25 40 25 15 55 to + 150 55 to + 150 v vv a a v pf ua c/w c
rating and characteristic curves 2w005g thru 2w10g fig.2 maximum nonrepetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 10 20 30 50 single halfsinewave (jedec method) fig.1 forward current derating curve average forward current amperes 50 75 100 125 1.0 0 25 0.5 1.5 175 ambient temperature , c instantaneous forward voltage , volts fig.4 typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 0.01 1.8 1.6 t j = 25 c pulse width 300us 2% duty cycle fig.3 typical junction capacitance capacitance , (pf) reverse voltage , volts 10 100 100 10 1.0 t j = 25 c, f= 1mhz single phase half wave 60hz resistive or inductive load 150 40 1 vsig=50mv pp 2.0 2.5 3.0 60 4 fig.5 typical reverse characteristics instantaneous reverse current ,(ua) 20 40 120 140 0 0.01 0.1 100 10 60 80 100 t j = 125 c t j = 25 c 1.0 percent of rated peak reverse voltage, (%)
legal disclaimer notice 2w005g thru 2w10g lsc reserves the right to make changes to this docu ment and its products and specifications at any time without notice. custome rs should obtain and confirm the latest product information and specifications b efore final design, purchase or use. lsc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does l sc assume any liability for application assistance or customer product design. lsc does not warrant or accept any liability with products which are purcha sed or used for any unintended or unauthorized application. no license is granted by implication or otherwise u nder any intellectual property rights of lsc. lsc products are not authorized for use as critical components in life support devices or systems without express written approval of lsc. important notice and disclaimer


▲Up To Search▲   

 
Price & Availability of 2W08G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X