Part Number Hot Search : 
PM070WU2 E1309 MC949G 17P06 ESD7331 15111 SVF7N60F APHK1608
Product Description
Full Text Search
 

To Download XZZY53W-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  published date : may 09, 2005 drawing no : xdsa3590 v2 checked : b.l.liu p.1/3 part number: XZZY53W-1 www .sunled.com 1.6x0.8mm smd chip led lamp notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. part number emitting color emitting material lens-color luminous intensity (if=20ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. XZZY53W-1 yellow ingaalp water clear 70 218 590 120 absolute maximum ratings (t a =25c ) ) ) ) zy (ingaalp) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10duty cycle 0.1ms pulse width i fs 140 ma power dissipation p t 120 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 zy (ingaalp) unit forward voltage (typ.) (if=20ma) v f 2.3 v forward voltage (max.) (if=20ma) v f 2.8 v reverse current (vr=5v) i r 10 ua wavelength of peak emission (if=20ma) p 590 nm wavelength of dominant emission (if=20ma) d 589 nm spectral line full width at half-maximum (if=20ma) ? 20 nm capacitance (vf=0v, f=1mhz) c 45 pf operating characteristics (t a =25c ) ) ) ) features  1.6mmx0.8mm smt led, 0.75mm thickness.  low power consumption.  wide viewing angle.  ideal for backlight and indicator.  package: 2000pcs / reel .  rohs compliant.
published date : may 09, 2005 drawing no : xdsa3590 v2 checked : b.l.liu p.2/3 part number: XZZY53W-1 www .sunled.com 1.6x0.8mm smd chip led lamp    zy
published date : may 09, 2005 drawing no : xdsa3590 v2 checked : b.l.liu p.3/3 part number: XZZY53W-1 www .sunled.com 1.6x0.8mm smd chip led lamp remarks: if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.  tape specification (units : mm)  recommended soldering pattern (units : mm;tolerance: 0.1)


▲Up To Search▲   

 
Price & Availability of XZZY53W-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X