Part Number Hot Search : 
CD2399GP FN4413 LTL2R3K ES1BE TVV005 MAX16 AMSFOB CU1216LS
Product Description
Full Text Search
 

To Download WTF12A60-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wt wt wt wt f12 f12 f12 f12 a60 a60 a60 a60 -s -s -s -s rev.a oct .201 1 c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . bi-directional bi-directional bi-directional bi-directional triode triode triode triode thyristor thyristor thyristor thyristor features ? repetitive peak off -state voltage:600v ? r.m.s on-state current(i t(rms) =12a) ? isolation voltage(v iso =1500v ac) ? high commutation dv/dt general description general purpose switching and phase control applications .these devices are intented to be interfaced directly to mirocontrollers,logic integrated circuits and other low power gate trigger circuits such as fan speed and temperature modulation control,lighting control and static switching relay. by using an internal ceramic pad, the to220f series provides voltage insulated tab (rated at 2500v rms) complying with ul standards (file ref.:e347423) absolute maximum ratings (t j =25 unless otherwise specified) symbol param eter ratings units v drm peak repetitive forward blocking voltage(gate open) (note1) 600 v i t(rms) forward current rms(all conduction angles, t j =58 ) 12 a i tsm peak forward surge current, (1/2 cycle, sine wave,50/60hz) 119/130 a i 2 t circuit fusing considerations (tp=10ms) 71 a 2 s p gm peak gate power forward,(t c =58 ,pulse with 1.0us) 5 w p g(av) average gate power forward,(over any 20ms period) 0.5 w i fgm peak gate current forward, t j =125 (20 s,120pps) 2 a v rgm peak gate voltage reverse,tj=125 (20 s,120pps) 10 v t j junction temperature -40~125 t stg storage temperature -40~150 note1.although not recommended off -state voltages up to 800v ,may be applied with out damage, but the triac may switch, to the on-state .the rate of rise of current should not exceed 3a/us. thermal characteristics symbol parameter value units r ? jc thermal resistance junction to case 3.3 /w r ? ja thermal resistance junction to ambient 120 /w
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w t t t t f12 f12 f12 f12 a60 a60 a60 a60 -s -s -s -s 2 / 5 e lectrical characteristics (tc=25 unless otherwise specified ) symbol characteristics min. typ. max. unit i drm peak forward or reverse blocking current (v d =v drm /v rrm ) t c =25 - - 10 a t c =125 - - 2 ma v tm forward "on" voltage (note2) (i tm =18a peak @ ta =25 ) - - 1.4 v i gt gate trigger current (continuous dc) (v d =6 vdc,r l =10 ohms) t2+g+ t2+g- t2-g- - - - - - - 30 30 30 ma v gt gate trigger voltage (continuous dc) (v d =6 vdc,r l =10 ohms) t2+g+ t2+g- t2-g- - - - - - - 1.5 1.5 1.5 v v gd gate threshold voltage (t j =125 , v d =0.5v drm ) 0.2 - - v dv/dt critical rate of rise of commutation voltage(v d =0.67v drm ) - 500 - v/ s (dv / d t ) c critical rate of rise on-state voltage a t co mm uta t i o n (v d =400v,t j =125 ,di com /dt=0.5a/ s) - 10 - a/ s i h holding current (v d =12vdc, intiationg current=20ma) - 25 - ma note2.forward current applied for 1 ms maximum duration ,duty cycle
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w t t t t f12 f12 f12 f12 a60 a60 a60 a60 -s -s -s -s 3 / 5 fig fig fig fig .1 .1 .1 .1 on-state on-state on-state on-state voltage voltage voltage voltage vs vs vs vs on-state on-state on-state on-state current current current current fig.2 fig.2 fig.2 fig.2 on-state on-state on-state on-state current current current current vs vs vs vs maximum maximum maximum maximum power power power power disspation disspation disspation disspation fig fig fig fig . . . . 3 3 3 3 gate gate gate gate characteristeristics characteristeristics characteristeristics characteristeristics fig.4 fig.4 fig.4 fig.4 on-state on-state on-state on-state current current current current vs vs vs vs allowable allowable allowable allowable case case case case temperature temperature temperature temperature fig.5 fig.5 fig.5 fig.5 surge surge surge surge on-state on-state on-state on-state current current current current ration ration ration ration (non-repetitive) (non-repetitive) (non-repetitive) (non-repetitive) gig.6 gig.6 gig.6 gig.6 gate gate gate gate trigger trigger trigger trigger current current current current vs vs vs vs junction junction junction junction temperation temperation temperation temperation
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w t t t t f12 f12 f12 f12 a60 a60 a60 a60 -s -s -s -s 4 / 5 fig.7 fig.7 fig.7 fig.7 gate gate gate gate trigger trigger trigger trigger current current current current vs vs vs vs junction junction junction junction . . . . fig.8 fig.8 fig.8 fig.8 transient transient transient transient thermal thermal thermal thermal impedance impedance impedance impedance fig.9 fig.9 fig.9 fig.9 gate gate gate gate trigger trigger trigger trigger characteristics characteristics characteristics characteristics test test test test circuit circuit circuit circuit
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w t t t t f12 f12 f12 f12 a60 a60 a60 a60 -s -s -s -s 5 / 5 to- to- to- to- 220f 220f 220f 220f package package package package dimension dimension dimension dimension unit:mm


▲Up To Search▲   

 
Price & Availability of WTF12A60-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X