not for new designs vh series n features l ul, csa recognized tv-10 rated l 1 form a (spst-no) contact l heavy duty 16 a small power relay with tab-terminals (#250) l high inrush current and high surge voltage inrush current 55 a surge strength 7,000 v l small package meets high density mounting requirement l environmentally friendly cadmium free contact type is available n ordering information vh C 12 [example] (a) ( * ) (b) power relay 1 pole16 a (cadmium free contacts type) (a) series name vh : vh series (b) nominal voltage refer to the coil data chart actual marking omits the hyphen (-) of ( * ) n safety standard and file numbers ul508, 873 (file no. e56140,e108658) c22.2 no. 1, no. 14 (file no. lr35579) please note that ul/csa rating may differ from the standard rating. please request when the approval markings are required on the cover. type nominal voltage contact rating tv-10 120 vac vh 5 to 60 vdc 1 hp 125 vac/250 vac 16 a 125 vac resistive pilot duty a 150 1
2 vh series not for new designs n specifications item vh contact arrangement 1 form a (spst-no) material silver-alloy style single resistance (initial) maximum 30 m w (at 1 a 6 vdc) ratings (resistive) 16 a 250 vac maximum carrying current 20 a maximum switching power 4,000 va maximum switching voltage 380 vac maximum switching current 16 a minimum switching load* 1 100 ma 5 vdc coil nominal power (at 20 c) 0.9 to 1.0 w operate power (at 20 c) 0.45 to 0.5 w operating temperature C30 c to +70 c (no frost) time value operate (at nominal voltage) maximum 15 ms release (at nominal voltage) maximum 5 ms insulation resistance (at 500 vdc) minimum 1,000 m w dielectric between open contacts 1,000 vac 1 minute strength between coil and contacts 4,000 vac 1 minute surge strength 7,000 v (at 1.2 50 m s) life mechanical 5 10 6 operations minimum electrical 2 10 5 operations minimum (contact rating) other vibration misoperation 10 to 55 hz (double amplitude of 3 mm) resistance endurance 10 to 55 hz (double amplitude of 3 mm) shock misoperation 200 m/s 2 (11 1 ms) resistance endurance 1,000 m/s 2 ( 6 1 ms) unit mass approximately 35 g * 1 minimum switching loads mentioned above are reference values. please perform the confirmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels.
3 vh series not for new designs n characteristic data nominal coil resistance must operate must release nominal model voltage ( 10%) voltage voltage power vh- 5 5 vdc 28 w 3.5 vdc 0.25 vdc 0.9 w vh- 6 6 vdc 40 w 4.2 vdc 0.3 vdc 0.9 w vh- 9 9 vdc 90 w 6.3 vdc 0.45 vdc 0.9 w vh-12 12 vdc 160 w 8.4 vdc 0.6 vdc 0.9 w vh-18 18 vdc 360 w 12.6 vdc 0.9 vdc 0.9 w vh-24 24 vdc 640 w 16.8 vdc 1.2 vdc 0.9 w vh-48 48 vdc 2,300 w 33.6 vdc 2.4 vdc 1.0 w vh-60 60 vdc 3,600 w 42.0 vdc 3.0 vdc 1.0 w n coil data chart note: all values in the table are measured at 20 c
4 vh series not for new designs n reference data n dimensions l dimensions l schematics (bottom view) l pc board mounting hole layout unit: mm ? 2002 fujitsu components america, inc. all company and product names are trademarks or registered trademarks of their respective owners. rev. 03/2002 japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: marcom@fcai.fujitsu.com web: www.fcai.fujitsu.com europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info@fceu.fujitsu.com web: www.fceu.fujitsu.com asia pacific fujitsu components asia ltd. 102e pasir panjang road #04-01 citilink warehouse complex singapore 118529 tel: (65) 375-8560 fax: (65) 273-3021 email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com fujitsu components international headquarter offices
|