Part Number Hot Search : 
FN3557 D74LVC1 G4BC20KD 58004 1980428 VQ36140 BZ5239 MAX63
Product Description
Full Text Search
 

To Download VFOV200-TADCS-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 497-6377 ? www.valpeyfisher.com ? revc0508 1 vfov200 series ocxo ? high frequency, high stability hcmos / sinewave replaces valpey fisher part number(s): vftcs, vftcr, vftce, and vftci parameter symbol condition min typ max unit note frequency range f 5 250 mhz frequency stability ? f/f vs. operating temp. e: -30 c to +70 c 10 ppb std option shown. see ?how to order? chart below vs. supply voltage 1 ppb ref. vcc typ. vs. aging / day vs. aging / year 0.5 0.1 ppb ppm after 30 days 0.2ppb available operating temperature range t -30 +70 c std option shown. see ?how to order? chart below allan variance 1s 10e-12 ssb phase noise 10hz 100hz 1khz 10khz 100khz -125 -143 -150 -158 -160 dbc/hz for 10mhz oscillator (for 100mhz see plot next page) retrace after 30 min. 10 ppb g-sensitivity worst direction 1 ppb/g supply voltage vcc 11.4 4.75 3.10 12.0 5.0 3.3 12.6 5.25 3.50 v power consumption p steady state, 25 c steady state, -30 c start-up 1.0 2.0 3.2 1.2 2.2 3.5 w warm up time to 0.1ppm accuracy 2 3 min features ? 5mhz to 250mhz frequency range ? high stability ( up to 5ppb over -40~+85c ) ? sine wave or hcmos output ? multiple package options applications ? pll reference for telecommunication systems ? stratum 3e clock systems ? base station reference source ? gps holdover ? instrumentation / test and measurement electrical specifications rohs status
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 497-6377 ? www.valpeyfisher.com ? revc0508 2 vfov200 series ocxo ? high frequency, high stability hcmos / sinewave electrical specifications ** high frequency fundamental ( up to 120mhz ) avail able without sub-harmonics. please refer to vfov100 100mhz output with internal multiplied 20mhz fundamental crystal parameter symbol condition min typ max unit note hcmos / ttl output levels hcmos/ttl 10kohm / 15pf order code h v h vcc = 5 or 12v vcc=3.3v 3.9 2.4 v v l 0.4 v rise / fall time at 100mhz 10 ns duty cycle 45 55 % sine-wave output levels vcc=5 or 12v +6 +8 +10 dbm order code s r l 50 ? harmonics -25 dbc sub-harmonics frequency <30mhz frequency >30mhz none -40 dbc **multiplied fundamental control voltage vc vcc = 5 or 12v vcc=3.3v 0 0 4.3 2.8 v pull range from nominal f 0.5 1 ppm at 100mhz deviation slope monotonic, positive 0.4 ppm/ v reference output vref vcc = 5 or 12v vcc=3.3v 4.19 2.73 4.3 2.8 4.41 2.87 v
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 497-6377 ? www.valpeyfisher.com ? revc0508 3 vfov200 series ocxo ? high frequency, high stability hcmos / sinewave parameter symbol condition min typ max unit note supply break down voltage vcc -0.5 vcc+20% v control voltage vc -1 9 v parameter specification storage temperature -60c to +90c humidity hermetically sealed mechanical shock per mil-std-202, 30g, half sine, 11ms vibration per mil-std-202, 10g swept sine to 2000hz soldering conditions 260 c for 10s absolute maximum ratings environmental and mechanical order code temperature range stability 1x10 -7 5x10 -8 2x10 -8 1x10 -8 5x10 -9 2x10 -9 a 0c to 50c ? ? ? ? ? ? b 0c to 70c ? ? ? ? ? c -10c to 60c ? ? ? ? ? ? d -20c to 70c ? ? ? ? ? e -30c to 70c ? ? ? ? ? g -40c to 85c ? ? ? ? ? ? only available below 30mhz available frequency stabilities over operating temperature ranges how to order package dimensions (mm) vfov200 25.4 x 22 vfov201 20 x 20 vfov202 27 x 35 vfov203 25.4 x 25.4 code specification r 1x10 - 7 t 5x10 - 8 u 2x10 - 8 v 1x10 - 8 w 5x10 - 9 r 1x10 - 7 code specification a 0c to 50c b 0c to 70c c -10c to 60c d -20c to 70c e -30c to 70c g -40c to 85c code specification d 5v 5% e 3.3v 5% b 12v 5% code per day per year c 1ppb 0.1ppm d 0.5ppb 50ppb g 0.2ppb 30ppb code specification h hcmos s sinewave - - model vfov200 stability temperature range supply voltage a ging output w d e c h frequency, mhz 10
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 497-6377 ? www.valpeyfisher.com ? revc0508 4 vfov200 series ocxo ? high frequency, high stability hcmos / sinewave pin # connection 1 vc 2 vref 3 vcc 4 output 5 gnd pin # connection 1 gnd 2 output 3 vcc 4 vc 5 vref vfov200 packa g e o p tions dut 1 2 3 4 5 output 10k vref vcc vc vfov201
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 497-6377 ? www.valpeyfisher.com ? revc0508 5 vfov200 series ocxo ? high frequency, high stability hcmos / sinewave pin # connections 1 vc 2 vref 3 vcc 4 output 5 gnd pin # connection 1 output 2 gnd 3 vc 4 vref 5 vcc packa g e o p tions vfov202 vfov203


▲Up To Search▲   

 
Price & Availability of VFOV200-TADCS-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X