Part Number Hot Search : 
XXXXX C2064 ST25VF 3524AN BD5342G CXL5506M 1N5926B LC7936B
Product Description
Full Text Search
 

To Download VCC1-A3O-34M368 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vectron international 267 lowell road, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com vcc 1 series 1.8, 2.5 , 3.3, 5.0 volt cmos oscillator the vcc 1 crystal oscillator features cmos output output f requencies to 190 mhz low jitter, fundamental or 3 rd ot c rystal tri - state o utput for board tes t and debug - 1 0/70 or ? 40/85 c operating temperature gold over nickel c ontact pads hermetically sealed ceramic smd package product is compliant to rohs directive and fully compatible with lead free assembly applications sonet/sdh /dwdm ethernet, gigabit ethernet storage area network digital video broadband access microprocessors/dsp/fpga description vectron?s vcc 1 crystal oscillator (xo) is qu artz stabilized square wave generator with a cmos output, operating off a 1.8, 2.5, 3.3 , or 5.0 volt supply . the vcc 1 uses fundamental or 3 rd overtone crystals r esulting in low jitter performance , typically 0.5p s rms in the 12 khz to 20mhz band. also a m onolithic ic , which improves reliability and reduces cost , is hermitically sealed . f o output buffer / disable
vectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com performance characteristics table 1. electrical performance , 5v option parameter symbol min typical maximum units frequency f o 0.012 125 .000 mhz operating supply voltage 1 v dd 4.5 5.0 5.5 v absolute maximum supply voltage - 0.7 7.0 v supply current , output enabled <1.5 mhz 1.5 to 20 mhz 20.01 to 50 mhz 50.0 1 to 85 mhz 85.01 to 125 mhz i dd 7 10 3 0 50 60 ma supply current, out disabled i dd 30 ua outp ut logic levels output logic high 2 output logic low 2 output logic high drive output logic low drive v oh v ol i oh i ol 0.9*v dd 16 16 0.1*v dd v v ma ma output rise /fall time 2 < 1.00 mhz 1.0 to 20.00 mhz 20.01 to 50.00 mhz 50.01 to 125.00 mhz t r / t f 200 8 5 2 ns duty cycle 3 (ordering option) sym 45/55 % operating t emperature ( ordering option ) - 1 0/70 or - 40/85 c storage temperature - 55 125 c stability 4 ( ordering option ) 20, 25, 32, 50, 100 ppm rms jitter, 12khz to 20 mhz 0.5 1 ps period jitter , rms 2.5 ps output enable /disable 5 output enabled output disabled 4 .0 0. 8 v internal enable pull - up resistor 5 100 kohm start - up time 1 0 m s 1. a 0.01uf and a 0.1uf capacitor should be located as close to the sup ply as possible (to ground ) is recommended . 2. figure 1 defines these parameters. figure 2 illustrates the operating conditions under which these parameters are tested and specified. 3. symmetry is measured defined as on time/period. 4. includes calib ration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under operation) . 5. output will be enabled if enable/disable is left open . figure 1. output waveform figure 2. typical output test conditions (25 5c) + - + - i c v c 3 2 . 1 m f .01 m f 1 5pf 4 1 i dd v dd v oh 50% v ol t f t r period on time
vcc 1 data sheet vectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com table 2. electrical performance, 3.3v option parameter symbol min typical maximum units frequency f o 0.012 190 .000 mhz operating supply voltage 1 v dd 2.97 3.3 3. 6 3 v absolute m aximum operating voltage - 0.5 5.0 v supply current, output enabled < 1.500 mhz 1 .5 to 20 mhz 20.01 to 50 mhz 50.0 1 to 85 mhz 85.01 to 190 mhz i dd 5 7 2 0 3 0 5 0 ma supply current, out put disabled i dd 30 ua output logic levels output l ogic high 2 output logic low 2 output logic high drive output logic low drive v oh v ol i oh i ol 0.9*v dd 8 8 0.1*v dd v v ma ma output rise/fall time 2 < 1.00 mhz 1 .00 to 20.00 mhz 20.01 to 50.00 mhz 50.01 to 90 .00 mhz 90 .01 to 190 .00 mhz t r/ t f 200 6 4 3 2 n s duty cycle 3 (ordering option) sym 45/55 % operating t emperature ( ordering option ) - 10/70 or ? 40/85 c storage temperature - 55 125 c stability 4 ( ordering option) 20, 25, 32, 50, 100 ppm rms jitter, 12khz to 20 mhz 0.5 1 ps rms jitter 2.5 ps output enable /di s able 5 output enabled output disabled 2.0 0.5 v internal enable pull - up resistor 5 100 kohm start - up time 1 0 m s 1. a 0.01uf and a 0.1uf capacitor should be located as close to the supply as possible (to ground) is recommended. 2. figure 3 defines these parameters. figure 4 illustrates the operating conditions under which these parameters are tested and specified. for fo>90mhz, rise and fall time is measured 20 to 80%. 3. symmetry is measured define d as on time/period. 4. includes calibration tolerance, operating temperature, supply voltage variations, aging an d shock and vibration (not under operation). 5. output will be enabled if enable/disable is left open . figure 3 . output waveform figure 4 . typical output test conditions (25 5c) + - + - i c v c 3 2 . 1 m f .01 m f 1 5pf 4 1 i dd v dd v oh 50% v ol t f t r period on time
vcc 1 data sheet vectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com table 3 . electrical performance, 2.5v option parameter symbol min typical maximum units frequency f o 0.012 190 .000 mhz operating supply voltage 1 v dd 2.25 2.5 2.7 5 v absolute maximum voltage - 0.5 5.0 v supply current, output enabled < 2 0 mhz 2 0 .01 to 5 0 mhz 5 0.0 1 to 110 mhz 1 1 0 . 1 to 190 mhz i dd 7 . 0 15 .0 2 0.0 30.0 ma supply current, out disabled i dd 30 ua output logic level s output logic high 2 output logic low 2 output logic high drive output logic low drive output logic high drive 3 output logic low drive 3 v oh v ol i oh i ol i oh i ol 0.9*v dd 4 4 8 8 0.1*v dd v v ma ma ma ma output rise/fall time 2 <1.00 mh z 1.00 to 20.00 mhz 20.01 to 50.00 mhz 50.01 to 90 .00 mhz 90 . 0 1 to 190 .00 mhz t r/ t f 200 10 6 3 2 n s duty cycle 4 (ordering option) sym 45/55 % operating t emperature ( ordering option ) - 10/70 or ? 40/85 c storage temperature - 55 125 c stability 5 ( ordering option) 20, 25, 32, 50, 100 ppm rms jitter, 12khz to 20 mhz 0.5 1 ps rms jitter 2.5 ps output enable /disable 6 output enabled output disabled 1.75 0. 5 v internal enable pull - up resistor 6 100 kohm start - up time 1 0 m s 1. a 0.01uf and a 0.1uf capacitor should be located as close to the supply as possible (to ground) is recommended. 2. figure 5 defines these parameters. figure 6 illustrates the operating conditions under which these parameters are tested and specified. 3 . overtone designs, output frequencies> 35 mhz. 4 . symmetry is measured defined as on time/period. 5 . includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under operation). 6 . output will be en abled if enable/disable is left open . figure 5 . output waveform figure 6 . typical output test conditions (25 5c) + - + - i c v c 3 2 . 1 m f .01 m f 1 5pf 4 1 i dd v dd 80 % vs 20 % t f t r period on time
vcc 1 data sheet vectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com table 4 . electrical performance, 1.8v option parameter symbol min typical ma ximum units frequency f o 0.048 1 7 2 .000 mhz operating supply voltage 1 v dd 1.71 1.8 1.89 v absolute maximum voltage - 0.5 3.6 v supply current, output enabled < 2 0 mhz 2 0 .01 to 7 0 mhz 7 0.01 to 96 mhz 96 .01 to 125 mhz 125.01 to 1 72 mhz i dd 5 15 20 2 5 30 ma supply current, out disabled i dd 30 ua output logic levels output logic high 2 output logic low 2 output logic high drive output logic low drive output logic high drive 3 output logic low drive 3 v oh v ol i oh i ol i oh i ol 0.9*v dd 2.8 2. 8 8 8 0.1*v dd v v ma ma ma ma output rise/fall time 2 < 1.00 mhz 1 .0 00 to 2 0.00 mhz 2 0.01 to 5 0.00 mhz 50 .0 1 to 90.00 mhz 90.01 to 1 72 .00 mhz t r/ t f 200 4 4 3 2 ns duty cycle 4 ( ordering option ) sym 45/55 % operating temperature ( ordering option ) - 10/70 or ? 40/85 c storage temperature - 55 125 c stability 5 ( ordering option) 20, 25, 32, 50, 100 ppm rms jitter, 12khz to 20 mhz 0.5 ps rms jitter 2. 2 ps output enable /disable 6 output enabled output disabled 1 . 26 0.5 v internal enable pull - up resistor 6 1 mohm start - up time 1 0 ms 1. a 0.01uf and a 0.1uf capacitor should be located as close to the supply as possible (to ground) is recommended. 2. figure 7 defines these parameters. figure 8 illustra tes the operating conditions under which parameters are tested / specified. 3. overtone designs, output frequencies> 35 mhz. 4 . symmetry is measured defined as on time/period. 5 . includes calibration tolerance, operating temperature, supply voltage variations , aging and shock and vibration (not under operation). 6 . output will be enabled if enable/disable is left open . figure 7 . output waveform figure 8 . typical output test conditions (25 5c) 80 % vs 20 % t f t r period on time + - + - i c v c 3 2 . 1 m f .01 m f 1 5pf 4 1 i dd v dd
vcc 1 data sheet vectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com e nable/disable functional description under normal operation the enable/disable is left open or set to a logic high state. when the e/d is set to a logic low, the oscillator stops and the output is in a high impedance state. this helps reduce power consu mption as well as facilitating boa rd testing and troubleshooting. tri - s tate functional description under normal operation the t ri - state is left open or set to a logic high state. when the t ri - s tate is set to a logic low, the oscillator remains active but the output buffer is in a high impedance state. this helps facilitate board testing and troubleshooting. table 5. outline diagram s , pad layout and pin out pin # symbol function 1 e/d or nc tri - state, enable/disable or nc 2 gnd electrical and case ground 3 f o output frequency 4 v dd supply voltage contact pads are gold over nickel figure 9, package drawing
vcc 1 data sheet vectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com a e c d b g f j l i k h contact pads are gold over n ickel figure 10 , alternate package drawing tape and reel t able 6 : tape and reel dimens ions (mm) tape dimensions reel dimensions # per product a b c d e f g h i j k l reel vcc1 1 6 7 .5 1.5 4 8 2 21 13 60 2 1 7 18 0 100 0
vcc 1 data sheet vectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com reliability the vcc1 qualification tests have include d : table 7 . environnemental compliance parameter conditions me chanical shock mil - std - 883 method 20 22 mechanical vibration mil - std - 883 method 2007 temperature cycle mil - std - 883 method 1010 solderability mil - std - 883 method 2003 gross and fine leak mil - std - 883 method 1014 resistance to solvents mil - std - 883 m ethod 201 5 handling precautions although esd protection circuitry has been designed into the the vcc1 , proper precautions should be taken when handling and mounting. vi employs a human body model and a charged - device model (cdm) for esd susceptibility te sting and design protection evaluation. esd thresholds are dependent on the circuit parameters used to define the model. although no industry wide standard has been adopted for the cdm, a standard hbm of resistance = 1.5kohms and capacitance = 100pf is wid ely used and therefore can be used for comparison purposes. table 8 . esd ratings model minimum conditions human body model 1000 mil - std - 883 method 3115 charged device model 1500 jesd 22 - c101 suggested ir profile devices are built using lead free epo xy and can also be subjected to standard lead free ir reflow conditions , table 9 shows max temperatures and lower temperatures can also be used e.g. peak temperature of 220c . table 9. reflow profile (ipc/jedec j - std - 020b) parameter symbol value preheat time t s 150 sec min, 200 sec max ramp up r up 3 o c/sec max time above 217 o c t l 60 sec min, 150 sec max time to peak temperature t amb - p 480 sec max time at 2 6 0 o c (max) t p 1 0 sec max time at 240 c (max) t p2 60 sec max ramp down r dn 6 o c/sec ma x
vcc 1 data sheet vectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail: vectron@vectron.com table 10 . standard frequencies (mhz) 1.544 1.843 2.000 2.048 2.560 3.080 3.686 4.000 4.032 4.096 4.9152 5.000 6.000 6.176 7.3728 7.680 8.000 8.192 9.216 9.600 9.830 10.000 10.240 10.486 12.000 12.222 12.2725 12.288 12.352 12.500 12.544 12.624 12 .729 12.800 12.81089 12.960 13.000 13.070 13.107 13.200 13.248 13.400 13.401 13.500 13.560 13.711 13.824 14.000 14.284 14.2848 14.285 14.318 14.31818 14.336 14.400 14.500 14.5152 14.720 14.736 14.745 14.746 15.000 15.211 15.360 15.555 15.625 15.748 15.7 4886 15.974 16.000 16.016 16.128 16.368 16.384 16.388 16.500 16.588 16.610 16.660 16.666 16.667 16.670 16.776 16.780 16.896 16.9344 17.000 17.0664 17.37476 17.408 17.600 17.664 17.734 17.73448 17.920 17.992 18.000 18.333 18.400 18.432 18.688 18.750 19. 000 19.022 19.200 19.268 19.286 19.392 19.440 19.456 19.530 19.654 19.660 19.6608 19.752 19.774 19.872 19.968 20.000 20.00271 20.141 20.200 20.2752 20.480 20.516 20.712 20.736 20.769 20.7692 20.800 20.828 20.829 20.829 20.830 20.875 20.950 20.971 21.000 21.333 21.400 21.500 21.504 21.616 21.71055 21.711 22.000 22.118 22.174 22.184 22.217 22.500 22.579 22.5792 22.600 22.855 22.85568 23.000 23.040 23.732 24.000 24.431 24.444 24.540 24.545 24.5454 24.576 24.704 24.832 25.000 25.088 25.175 25.180 25.272 25.920 26.000 26.25641 26.664 26.6649 26.666 27.000 27.120 27.500 28.000 28.224 28.60489 28.636 28.63636 28.65645 28.672 28.800 29.000 29.265 29.491 29.49893 29.500 30.000 30.150 30.200 30.720 30.880 31.000 31.104 31.250 31.307 31.500 31.680 31.948 31.9 49 32.000 32.250 32.256 32.270 32.500 32.764 32.768 32.768 32.800 33.000 33.1776 33.300 33.333 33.792 33.810 33.860 33.8688 34.368 34.450 34.560 34.816 35.000 35.280 35.46895 35.500 35.600 35.840 35.984 36.000 36.500 36.666 36.860 36.864 36.923 37.000 37.056 37.140 37.376 37.500 37.643 38.000 38.3107 38.800 38.810 38.880 38.912 39.0625 39.497 39.9278 40.000 40.010 40.079 40.500 40.550 40.632 40.63232 40.920 40.960 41.472 41.500 41.657 41.660 41.670 41.750 41.895 41.931 42.000 42.400 42.500 42.620 43. 000 43.560 44.000 44.137 44.236 44.250 44.267 44.330 44.434 44.539 44.732 44.736 44.928 45.000 45.135 45.158 45.818 46.080 46.232 46.2321 46.320 46.796 46.864 47.13333 47.16602 47.197 47.404 47.40437 48.000 48.33008 48.587 48.58736 48.600 48.81441 49.1 27 49.152 49.36221 49.408 49.512 49.58632 49.867 49.980 50.000 51.156 51.200 51.840 51.840 52.000 52.416 52.500 52.560 53.125 53.330 54.000 54.072 54.125 54.2174 54.500 55.000 55.289 55.500 56.000 56.064 56.446 56.448 56.666 57.272 57.344 57.600 57.800 58.000 58.250 58.320 58.982 58.982 59.000 60.000 60.480 61.000 61.250 61.440 62.000 62.208 62.500 62.800 63.000 63.8976 64.000 64.512 65.000 65.520 65.536 66.000 66.600 66.660 66.666 66.667 66.670 67.500 67.584 68.000 68.680 68.736 69.632 70.000 70.626 70.656 70.660 70.676 70.833 71.680 72.000 73.728 74.176 74.250 75.000 76.800 77.680 77.760 78.000 78.336 79.452 80.000 81.000 81.920 83.000 83.300 83.333 85.000 87.040 87.182 87.472 89.472 89.512 89.97804 90.000 91.008 92.000 95.000 96.000 97.776 98.30 4 100.000 102.400 103.680 104.000 106.250 110.000 112.500 114.000 115.200 116.640 120.000 125.000 125.010 127.000 128.000 133.000 135.000 144.600 150.000 155.520 156.250 157.000 166.000 167.000 189.000 190.000 other frequencies may be availab le upon request. standard frequencies are frequencies which the crystal has been designed and does not imply a stock position.
vcc1 data sheet v ectron international 267 lowell rd, hudson nh 03051 tel: 1 - 88 - vectron - 1 e - mail vectron@vectron.com 10 ordering information v c c1 - - product family output frequency crystal o scillator in mhz voltage options a : +5.0 vdc +/ - 10 %, 15pf b : +3.3 vdc +/ - 10%, 15pf c : +3.0 vdc +/ - 10%, 15pf e : +5.0 vdc +/ - 10%, 50pf f : +3.3vdc +/ - 10%, 50pf g: +2.5vdc +/ - 10%, 15pf h : +1.8vdc +/ - 10%, 15pf electrical options 3: tri - stat e, 45/55% duty the following codes are not recommended for new designs 0: no tri - state, 40/60% duty 1: tri - state, 40/60% duty 2: no tri - state, 45/55%duty 5: enable, 40/60% duty 6: enable, 45/55% duty stability options a : 100ppm, - 1 0 to 70 c c : 10 0ppm, - 4 0 to 85 c b : 5 0ppm, - 1 0 to 70 c d: 5 0ppm, - 40 to 85 c k: 32ppm, - 10 to 70 c o: 3 2ppm, - 40 to 85 c e: 25ppm, - 10 to 70 c f: 25ppm, - 40 to 85 c vcc1 - 103= 20ppm, - 10 to 70c note: not all combinations are available . tri - state with a 45/55% is the most common electrical code and is recommended for most applications. www.vectron.com january 26 , 200 6 for additional information, please contact: usa: vectron international 267 lowell road, hudson, nh 03051 t el: 1 - 88 - vectron - 1 fax: 1 - 888 - fax - vectron europe: landstrasse, d - 74924, neckarbischofsheim, germany tel: 49 (0) 7268 8010 fax: 49 (0) 7268 801281 asia: vectron asia pacific sales 1f~2f. no.8 workshop no.308 fenju rd., waigaoqiao free trade zone, p udong new area shanghai, china 200131 ? tel: 8621 50480777 ? fax: 8621 50481881 b 3 b 125m00


▲Up To Search▲   

 
Price & Availability of VCC1-A3O-34M368

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X